Part Number Hot Search : 
INDUSTRY FM24C128 L9704D SMA5J22A C1455 UNR32A1 M28W800T 4VHC1G
Product Description
Full Text Search
 

To Download IRF7420PBF-1-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ds drain- source voltage -12 v i d @ t a = 25c continuous drain current, v gs @ -4.5v -11.5 i d @ t a = 70c continuous drain current, v gs @ -4.5v -9.2 a i dm pulsed drain current  -46 p d @t a = 25c power dissipation  2.5 p d @t a = 70c power dissipation  1.6 linear derating factor 20 mw/c v gs gate-to-source voltage 8 v t j, t stg junction and storage temperature range -55 to +150 c hexfet   power mosfet 

   top view 8 1 2 3 4 5 6 7 d d d g s a d s s so-8 
 features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability parameter max. units r ja maximum junction-to-ambient  50 c/w thermal resistance    
   
    
  !"  form quantity tube/bulk 95 irf7420pbf-1 tape and reel 4000 irf7420trpbf-1 package type standard pack orderable part number irf7420pbf-1 so-8 base part number v ds -12 v r ds(on) max (@v gs = -4.5v) 14 m r ds(on) max (@v gs = -2.5v) 17.5 m r ds(on) max (@v gs = -1.8v) 26 m q g (typical) 38 nc i d (@t a = 25c) -11.5 a
  
   
    
  !"  
 parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) showing the i sm pulsed source current integral reverse (body diode)  p-n junction diode. v sd diode forward voltage ??? ??? -1.2 v t j = 25c, i s = -2.5a, v gs = 0v  t rr reverse recovery time ??? 62 93 ns t j = 25c, i f = -2.5a q rr reverse recovery charge ??? 61 92 c di/dt = -100a/ s  source-drain ratings and characteristics # $ 46 %%% %%% %%% $ 2.5 %%% s d g   repetitive rating; pulse width limited by max. junction temperature.    pulse width  400 s; duty cycle  & electrical characteristics @ t j = 25c (unless otherwise specified)   surface mounted on 1 in square cu board, t  10sec. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -12 ??? ??? v v gs = 0v, i d = -250 a v (br)dss / t j breakdown voltage temp. coefficient ??? 0.007 ??? v/c reference to 25c, i d = -1ma ??? ??? 14 v gs = -4.5v, i d = -11.5a   %%% ??? 17.5 v gs = -2.5v, i d = -9.8a  %%% ??? 26 v gs = -1.8v, i d = -8.1a  v gs(th) gate threshold voltage -0.4 ??? -0.9 v v ds = v gs , i d = -250 a g fs forward transconductance 32 ??? ??? s v ds = -10v, i d = -11.5a ??? ??? -1.0 v ds = -9.6v, v gs = 0v ??? ??? -25 v ds = -9.6v, v gs = 0v, t j = 70c gate-to-source forward leakage ??? ??? -100 v gs = -8v gate-to-source reverse leakage ??? ??? 100 v gs = 8v q g total gate charge ??? 38 ??? i d = -11.5a q gs gate-to-source charge ??? 8.1 ??? nc v ds = -6v q gd gate-to-drain ("miller") charge ??? 8.7 ??? v gs = -4.5v  t d(on) turn-on delay time ??? 8.8 13 v dd = -6v, v gs = -4.5v t r rise time ??? 8.8 13 i d = -1.0a t d(off) turn-off delay time ??? 291 437 r d = 6 t f fall time ??? 225 338 r g = 6   c iss input capacitance ??? 3529 ??? v gs = 0v c oss output capacitance ??? 1013 ??? pf v ds = -10v c rss reverse transfer capacitance ??? 656 ??? ? = 1.0mhz i gss a m r ds(on) static drain-to-source on-resistance i dss drain-to-source leakage current na ns
!   
   
    
  !"  
 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -4.5v -11.5a 0.1 1 10 100 0.5 1.0 1.5 2.0 2.5 v = -10v 20 s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 25 c j t = 150 c j 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -1.0v 20 s pulse width tj = 25c vgs top -7.0v -5.0v -4.5v -2.5v -1.8v -1.5v -1.2v bottom -1.0v 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -1.0v 20 s pulse width tj = 150c vgs top -7.0v -5.0v -4.5v -2.5v -1.8v -1.5v -1.2v bottom -1.0v
   
   
    
  !"  
 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 10 20 30 40 50 0 1 2 3 4 5 6 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs i = d -11.5a v = -6v ds v = -9.6v ds 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 0.1 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 100us 1ms 10ms 1 10 100 -v ds , drain-to-source voltage (v) 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd
'   
   
    
  !"  
 fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 0 3 6 9 12 t , case temperature ( c) -i , drain current (a) c d (  (  

1  

0.1 %   (  (    )* + - v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10a. switching time test circuit fig 10b. switching time waveforms
+   
   
    
  !"  
 fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform q g q gs q gd v g charge d.u.t. v ds i d i g -3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 0.0 2.0 4.0 6.0 8.0 -v gs, gate -to -source voltage (v) 0.005 0.010 0.015 0.020 0.025 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) i d = -11.5a 0.0 10.0 20.0 30.0 40.0 50.0 -id , drain current ( a ) 0 0.02 0.04 0.06 0.08 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) v gs = -2.5v v gs = -1.8v v gs = -4.5v
,   
   
    
  !"  
 fig 15. typical vgs(th) vs. junction temperature -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 - v g s ( t h ) ( v ) i d = -250 a fig 16   typical power vs. time 0.0001 0.0010 0.0100 0.1000 1.0000 10.0000 100.0000 time (sec) 0 50 100 150 200 250 300 350 400 p o w e r ( w )
-   
   
    
  !"  
 so-8 package outline (mosfet & fetky) e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b asic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max mi l l ime t e r s inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 b as ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [ .070 ] 4 . ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012aa. not e s : 1. dimens ioning & t ole rancing pe r as me y14.5m-1994. 2. controlling dimension: millimeter 3. dimens ions are s hown in mil l imet e rs [inche s ]. 5 dimens ion doe s not incl ude mol d prot rus ions . 6 dimens ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xce e d 0.25 [.010]. 7 dimens ion is t he l engt h of l ead f or s ol de ring t o a s ubs t rat e. mold prot rus ions not t o e xce e d 0.15 [.006]. dimensions are shown in milimeters (inches) so-8 part marking information p = disgnates lead - free example: this is an irf7101 (mos fet ) f 7101 xxxx international logo rect ifier part number lot code product (optional) dat e code (yww) y = last digit of the year ww = we e k a = as s e mb l y s i t e cod e note: for the most current drawing please refer to ir website at: http://www.irf.com/package/
.   
   
    
  !"  
 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel (dimensions are shown in milimeters (inches)) note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/


▲Up To Search▲   

 
Price & Availability of IRF7420PBF-1-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X