Part Number Hot Search : 
2SB762 7C451 P1012 SF2N3445 P87C32X2 KN2907 CX24431 H472J
Product Description
Full Text Search
 

To Download IFL04-100NB300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2016 magnetic sheets for rfid flexield ifl/ibf series magnetic sheet
(2/8) 20160609 / magnetic-sheet_rfid_en.fm magnetic sheet reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. when mounting on live electrical parts directly, there is a fear that an insulation accident is caused, so please consider on t he design in case of use. there is a fear that sullenness of double sided adhesive tape occurs, so please refrain from the use to a part where you wind repeatedly by which it's for the hinge part. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet th e requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or rel iability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. when the damage occurs by havi ng been used the products in the applications listed below or if you have special requirements exceeding the range or conditions s et forth in the each catalog, please understand that the responsibility cannot be taken. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when using these products in general purposes and standard use, it is recommended that protection circuits are used, devices ar e secured, and backup circuits are kept for increased safety. reminders
(3/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet magnetic sheets for rfid flexield features high permeability, low magnetic loss (13.56mhz). it's also possible to load on a little gap because it's thin type. has flexibility , it does not cr ack by impact or the like . offer by a roll shape is possible (ifl04). application for improving reception performance in rfid reader/writers. integrate ic cards with metal. integrate ic tags with metal. improved antenna reception sensitivity. standard shape list overview of ifl/ibf series material thickness (mm) sheet dimensions (mm) roll width (mm) length (m) ifl04 0.05 0.1 0.2 300200 300 100 ibf15 0.1 0.18 125125 ifl ibf sheet roll sheet product compatible with rohs directive rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/
(4/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet ifl series sheet type part number construction standard part number list ifl 04 050 n b 300 200 series name material symbol magnetic material thickness (mm) surface film thickness (mm) double-sided tape thickness (mm) length (mm) width (mm) 04 050 0.05 n no n no 300 300 200 200 100 0.10 r 0.038 b 0.01 200 0.20 r: release type d 0.03 material standard dimensionss (mm) thickness part number ifl04 300200 0.05 ifl04-050nb300200 0.1 IFL04-100NB300200 0.2 ifl04-200nd300200 width length magnetic sheet surface film double-sided release liner
(5/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet ifl series roll type part number construction standard part number list ifl 04 050 r n 1hr 300 series name material symbol magnetic material thickness (mm) surface film thickness (mm) double-sided tape thickness (mm) length (m) width (mm) 04 050 0.05 n no n no 1hr 100 300 300 100 0.10 r 0.038 b 0.01 r: release type d 0.03 material width (mm) length (m) thickness (mm) part number ifl04 300 100 0.05 ifl04-050rn1hrx300 0.1 ifl04-100rn1hrx300 magnetic sheet surface film double-sided release liner width length
(6/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet ifl series material characteristic material characteristic specification table relative permeability material name relative permeability ' [at 13.56mhz] relative permeability " [at 13.56mhz] surface resistivity (  /sq.)min thermal conductivity (w/m~k) operating temperature range c  typ. typ. ifl04 45 1.3 10k 1.5 C40 to +85 1 10 100 40 60 20 80 0 120 100 140 160 180 relative permeability frequency ( mhz ) ifl04 ? ifl04 ?
(7/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet ibf series material characteristic standard part number list ibf 15 100 d d 125 125 series name material symbol magnetic material thickness (mm) surface film thickness (mm) double-sided tape thickness (mm) length (m) width (mm) 15 100 0.10 d 0.03 d 0.03 125 125 125 125 180 0.18 material standard dimensions (mm) thickness (mm) part number ibf15 125125 0.1 ibf15-100dd125x125 0.18 ibf15-180dd125x125 magnetic sheet surface film double-sided release liner width length
(8/8) 20160609 / magnetic-sheet_rfid_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. magnetic sheet ibf series material characteristic material characteristic specification table relative permeability material name relative permeability ' [at 13.56mhz] relative permeability " [at 13.56mhz] surface resistivity (  /sq.)min thermal conductivity (w/m~k) operating temperature range c  typ. typ. ibf15 150 5 1g C40 to +85 1 10 100 40 60 20 80 0 120 100 140 160 180 relative permeability frequency ( mhz ) ibf15 ? ibf15 ?


▲Up To Search▲   

 
Price & Availability of IFL04-100NB300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X