Part Number Hot Search : 
GRM31CR6 1020100 SWE1270 NTE2535 8016A P80N0 02F20 4963B
Product Description
Full Text Search
 

To Download F161PP103J063V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 1 benefts ? rated voltage: 50 C 630 vdc ? rated voltage: 30 C 250 vac ? capacitance range: 0.01 C 12 f ? eia size: 2220 C 6560 ? capacitance tolerance: 5%, 10%, 20%, other tolerances available on request ? climatic category: 55/125/56 ? rohs compliant and lead-free terminations ? operating temperature range of -55?c to +125?c ? automotive grade options available overview kemets f161 series polyester (pet) flm surface mount capacitor is encapsulated in a self-extinguishing material meeting the requirements of ul 94 vC0. this series meets iec 60384- 19 standards, as well as the demanding automotive electronics council's aecCq200 qualifcation. applications typical applications include bypassing and signal coupling. f161 is a general purpose series designed for the highest reliability. general purpose and high stability f161 series encapsulated stacked, size 2220 C 6560, 50 C 630 vdc (automotive grade) part number system f 161 p p 103 k 050 v capacitor class series chip size size code capacitance code (pf) capacitance tolerance rated voltage (vdc) packaging code f = film metallized polyester stacked technology p = 2220 s = 2824 w = 4036 y = 5045 z = 6560 see dimension table first two digits indicate the two most signifcant digits of the capacitance value in picofarads. the third digit is the number of following zeros. j = 5 k = 10% m = 20% other tolerances on request. 050 = 50 063 = 63 100 = 100 250 = 250 400 = 400 630 = 630 see ordering options table one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 2 ordering options table chip size (eia) packaging type packaging code 2220 standard packaging options tape & reel (standard reel) v bulk (bag) a 6wdqgdug3dfndjlqj2swlrqv tape & reel (standard reel) v bulk (bag) a 6wdqgdug3dfndjlqj2swlrqv tape & reel (standard reel) v bulk (bag) a 2wkhu3dfndjlqj2swlrqv tape & reel (vertical orientation standard reel) y 6wdqgdug3dfndjlqj2swlrqv tape & reel (standard reel) v bulk (bag) a 2wkhu3dfndjlqj2swlrqv tape & reel (vertical orientation standard reel) y 6560 standard packaging options tape & reel (standard reel) v bulk (bag) a 2wkhu3dfndjlqj2swlrqv tape & reel (vertical orientation standard reel) y film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 3 dimensions C millimeters size code chip size (eia) b h l f nominal tolerance nominal tolerance nominal tolerance nominal tolerance pp 2220 5.0 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 environmental compliance all kemet surface mount capacitors are rohs compliant. qualifcation automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualifcation for passive components. for additional information regarding the automotive electronics council and aecCq200, please visit their website at www.aecouncil.com. film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc l h b f f
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 4 performance characteristics rated voltage (vdc) 50 63 100 250 400 630 rated voltage (vac) 30 40 63 160 200 250 capacitance range (f) 0.01 C 12 0.01 C 4.7 0.01 C 4.7 0.01 C 1 0.022 C 0.47 0.1 C 0.18 chip size (eia) 2220 C 6560 capacitance tolerance 5%, 10%, 20%; other tolerances available on request category temperature range -55c to +125c rated temperature +85c voltage derating the rated voltage is decreased with 1.25%/c from +85c climatic category 55/125/56 test voltage 1.6 x v r , 60 seconds insulation resistance measured at +20c, charging time 1 minute minimum values between terminals charging voltage c 0.33 f c > 0.33 f 10 v for v r 100 1,000 m? 400 m? ? f 100 v for v r > 100 1,000 m? 400 m? ? f dissipation factor maximum values at +23c c 0.1 f 0.1 < c < 1 f 1 c 10 f c > 10 f 1 khz 0.8% 0.8% 0.8% 0.8% 10 khz 1.2% 1.2% 1.5% 3.0% 100 khz 2.5% 3.0% maximum pulse rise time the capacitors can withstand an unlimited number of pulses with a dv/dt according to table below. voltage range 50 vdc 63 vdc 100 vdc 250 vdc 400 vdc 630 vdc dv/dt (v/s) 40 40 50 150 200 250 capacitance vs. temperature dissipation factor vs. temperature film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 5 table 1 C ratings & part number reference (1) j = 5%, k = 10%, m = 20%, other tolerances on request. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) chip size dimension in mm dv/dt (v/s) part number 50 30 0.01 2220 5.0 3.0 5.7 40 f161pp103(1)050(2) 50 30 0.012 2220 5.0 3.0 5.7 40 f161pp123(1)050(2) 50 30 0.015 2220 5.0 3.0 5.7 40 f161pp153(1)050(2) 50 30 0.018 2220 5.0 3.0 5.7 40 f161pp183(1)050(2) 50 30 0.022 2220 5.0 3.0 5.7 40 f161pp223(1)050(2) 50 30 0.027 2220 5.0 3.0 5.7 40 f161pp273(1)050(2) 50 30 0.033 2220 5.0 3.0 5.7 40 f161pp333(1)050(2) 50 30 0.039 2220 5.0 3.0 5.7 40 f161pp393(1)050(2) 50 30 0.047 2220 5.0 3.0 5.7 40 f161pp473(1)050(2) 50 30 0.056 2220 5.0 3.0 5.7 40 f161pp563(1)050(2) 50 30 0.068 2220 5.0 3.0 5.7 40 f161pp683(1)050(2) 50 30 0.082 2220 5.0 3.0 5.7 40 f161pp823(1)050(2) 50 30 0.1 2220 5.0 3.0 5.7 40 f161pp104(1)050(2) 50 30 0.12 2220 5.0 3.0 5.7 40 f161pp124(1)050(2) 50 30 0.15 2220 5.0 3.0 5.7 40 f161pp154(1)050(2) 50 30 0.18 2220 5.0 4.0 5.7 40 f161pu184(1)050(2) 50 30 0.22 2220 5.0 4.0 5.7 40 f161pu224(1)050(2) 50 30 0.01 2824 6.0 3.0 7.3 40 f161sl103(1)050(2) 50 30 0.012 2824 6.0 3.0 7.3 40 f161sl123(1)050(2) 50 30 0.015 2824 6.0 3.0 7.3 40 f161sl153(1)050(2) 50 30 0.018 2824 6.0 3.0 7.3 40 f161sl183(1)050(2) 50 30 0.022 2824 6.0 3.0 7.3 40 f161sl223(1)050(2) 50 30 0.027 2824 6.0 3.0 7.3 40 f161sl273(1)050(2) 50 30 0.033 2824 6.0 3.0 7.3 40 f161sl333(1)050(2) 50 30 0.039 2824 6.0 3.0 7.3 40 f161sl393(1)050(2) 50 30 0.047 2824 6.0 3.0 7.3 40 f161sl473(1)050(2) 50 30 0.056 2824 6.0 3.0 7.3 40 f161sl563(1)050(2) 50 30 0.068 2824 6.0 3.0 7.3 40 f161sl683(1)050(2) 50 30 0.082 2824 6.0 3.0 7.3 40 f161sl823(1)050(2) 50 30 0.1 2824 6.0 3.0 7.3 40 f161sl104(1)050(2) 50 30 0.12 2824 6.0 3.0 7.3 40 f161sl124(1)050(2) 50 30 0.15 2824 6.0 3.0 7.3 40 f161sl154(1)050(2) 50 30 0.18 2824 6.0 3.0 7.3 40 f161sl184(1)050(2) 50 30 0.22 2824 6.0 3.0 7.3 40 f161sl224(1)050(2) 50 30 0.27 2824 6.0 3.5 7.3 40 f161sp274(1)050(2) 50 30 0.33 2824 6.0 3.5 7.3 40 f161sp334(1)050(2) 50 30 0.39 2824 6.0 3.5 7.3 40 f161sp394(1)050(2) 50 30 0.47 2824 6.0 3.5 7.3 40 f161sp474(1)050(2) 50 30 0.56 2824 6.0 4.5 7.3 40 f161st564(1)050(2) 50 30 0.68 2824 6.0 4.5 7.3 40 f161st684(1)050(2) 50 30 0.82 2824 6.0 4.5 7.3 40 f161st824(1)050(2) 50 30 1 2824 6.0 4.5 7.3 40 f161st105(1)050(2) 50 30 0.022 4036 9.1 5.5 10.2 40 f161wp223(1)050(2) 50 30 0.027 4036 9.1 5.5 10.2 40 f161wp273(1)050(2) 50 30 0.033 4036 9.1 5.5 10.2 40 f161wp333(1)050(2) 50 30 0.039 4036 9.1 5.5 10.2 40 f161wp393(1)050(2) 50 30 0.047 4036 9.1 5.5 10.2 40 f161wp473(1)050(2) 50 30 0.056 4036 9.1 5.5 10.2 40 f161wp563(1)050(2) 50 30 0.068 4036 9.1 5.5 10.2 40 f161wp683(1)050(2) 50 30 0.082 4036 9.1 5.5 10.2 40 f161wp823(1)050(2) 50 30 0.1 4036 9.1 5.5 10.2 40 f161wp104(1)050(2) 50 30 0.12 4036 9.1 5.5 10.2 40 f161wp124(1)050(2) 50 30 0.15 4036 9.1 5.5 10.2 40 f161wp154(1)050(2) 50 30 0.18 4036 9.1 5.5 10.2 40 f161wp184(1)050(2) 50 30 0.22 4036 9.1 5.5 10.2 40 f161wp224(1)050(2) 50 30 0.27 4036 9.1 5.5 10.2 40 f161wp274(1)050(2) 50 30 0.33 4036 9.1 5.5 10.2 40 f161wp334(1)050(2) 50 30 0.39 4036 9.1 5.5 10.2 40 f161wp394(1)050(2) 50 30 0.47 4036 9.1 5.5 10.2 40 f161wp474(1)050(2) vdc vac capacitance value (f) chip size b (mm) h (mm) l (mm) dv/dt (vs) part number film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 6 table 1 C ratings & part number reference cont'd (1) j = 5%, k = 10%, m = 20%, other tolerances on request. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) chip size dimension in mm dv/dt (v/s) part number 50 30 0.56 4036 9.1 5.5 10.2 40 f161wp564(1)050(2) 50 30 0.68 4036 9.1 5.5 10.2 40 f161wp684(1)050(2) 50 30 0.82 4036 9.1 5.5 10.2 40 f161wp824(1)050(2) 50 30 1 4036 9.1 5.5 10.2 40 f161wp105(1)050(2) 50 30 1.2 4036 9.1 5.5 10.2 40 f161wp125(1)050(2) 50 30 1.5 4036 9.1 5.5 10.2 40 f161wp155(1)050(2) 50 30 1.8 4036 9.1 5.5 10.2 40 f161wp185(1)050(2) 50 30 2.2 4036 9.1 5.5 10.2 40 f161wp225(1)050(2) 50 30 2.7 5045 11.5 6.5 12.7 40 f161yr275(1)050(2) 50 30 3.3 5045 11.5 6.5 12.7 40 f161yr335(1)050(2) 50 30 3.9 5045 11.5 6.5 12.7 40 f161yr395(1)050(2) 50 30 4.7 5045 11.5 6.5 12.7 40 f161yr475(1)050(2) 50 30 5.6 6560 15.0 7.0 16.5 40 f161zs565(1)050(2) 50 30 6.8 6560 15.0 7.0 16.5 40 f161zs685(1)050(2) 50 30 8.2 6560 15.0 7.0 16.5 40 f161zs825(1)050(2) 50 30 10 6560 15.0 7.0 16.5 40 f161zs106(1)050(2) 50 30 12 6560 15.0 7.0 16.5 40 f161zs126(1)050(2) 63 40 0.01 2824 6.0 3.0 7.3 40 f161sl103(1)063(2) 63 40 0.012 2824 6.0 3.0 7.3 40 f161sl123(1)063(2) 63 40 0.015 2824 6.0 3.0 7.3 40 f161sl153(1)063(2) 63 40 0.018 2824 6.0 3.0 7.3 40 f161sl183(1)063(2) 63 40 0.022 2824 6.0 3.0 7.3 40 f161sl223(1)063(2) 63 40 0.027 2824 6.0 3.0 7.3 40 f161sl273(1)063(2) 63 40 0.033 2824 6.0 3.0 7.3 40 f161sl333(1)063(2) 63 40 0.039 2824 6.0 3.0 7.3 40 f161sl393(1)063(2) 63 40 0.047 2824 6.0 3.0 7.3 40 f161sl473(1)063(2) 63 40 0.056 2824 6.0 3.0 7.3 40 f161sl563(1)063(2) 63 40 0.068 2824 6.0 3.0 7.3 40 f161sl683(1)063(2) 63 40 0.082 2824 6.0 3.0 7.3 40 f161sl823(1)063(2) 63 40 0.1 2824 6.0 3.0 7.3 40 f161sl104(1)063(2) 63 40 0.12 2824 6.0 3.0 7.3 40 f161sl124(1)063(2) 63 40 0.15 2824 6.0 3.0 7.3 40 f161sl154(1)063(2) 63 40 0.18 2824 6.0 3.0 7.3 40 f161sl184(1)063(2) 63 40 0.22 2824 6.0 3.0 7.3 40 f161sl224(1)063(2) 63 40 0.27 2824 6.0 3.5 7.3 40 f161sp274(1)063(2) 63 40 0.33 2824 6.0 3.5 7.3 40 f161sp334(1)063(2) 63 40 0.39 2824 6.0 3.5 7.3 40 f161sp394(1)063(2) 63 40 0.47 2824 6.0 3.5 7.3 40 f161sp474(1)063(2) 63 40 0.022 4036 9.1 5.5 10.2 40 f161wp223(1)063(2) 63 40 0.027 4036 9.1 5.5 10.2 40 f161wp273(1)063(2) 63 40 0.033 4036 9.1 5.5 10.2 40 f161wp333(1)063(2) 63 40 0.039 4036 9.1 5.5 10.2 40 f161wp393(1)063(2) 63 40 0.047 4036 9.1 5.5 10.2 40 f161wp473(1)063(2) 63 40 0.056 4036 9.1 5.5 10.2 40 f161wp563(1)063(2) 63 40 0.068 4036 9.1 5.5 10.2 40 f161wp683(1)063(2) 63 40 0.082 4036 9.1 5.5 10.2 40 f161wp823(1)063(2) 63 40 0.1 4036 9.1 5.5 10.2 40 f161wp104(1)063(2) 63 40 0.12 4036 9.1 5.5 10.2 40 f161wp124(1)063(2) 63 40 0.15 4036 9.1 5.5 10.2 40 f161wp154(1)063(2) 63 40 0.18 4036 9.1 5.5 10.2 40 f161wp184(1)063(2) 63 40 0.22 4036 9.1 5.5 10.2 40 f161wp224(1)063(2) 63 40 0.27 4036 9.1 5.5 10.2 40 f161wp274(1)063(2) 63 40 0.33 4036 9.1 5.5 10.2 40 f161wp334(1)063(2) 63 40 0.39 4036 9.1 5.5 10.2 40 f161wp394(1)063(2) 63 40 0.47 4036 9.1 5.5 10.2 40 f161wp474(1)063(2) 63 40 0.56 4036 9.1 5.5 10.2 40 f161wp564(1)063(2) 63 40 0.68 4036 9.1 5.5 10.2 40 f161wp684(1)063(2) 63 40 0.82 4036 9.1 5.5 10.2 40 f161wp824(1)063(2) 63 40 1 4036 9.1 5.5 10.2 40 f161wp105(1)063(2) vdc vac capacitance value (f) chip size b (mm) h (mm) l (mm) dv/dt (vs) part number film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 7 table 1 C ratings & part number reference cont'd (1) j = 5%, k = 10%, m = 20%, other tolerances on request. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) chip size dimension in mm dv/dt (v/s) part number 63 40 1.2 4036 9.1 5.5 10.2 40 f161wp125(1)063(2) 63 40 1.5 4036 9.1 5.5 10.2 40 f161wp155(1)063(2) 63 40 1.8 5045 11.5 6.5 12.7 40 f161yr185(1)063(2) 63 40 2.2 5045 11.5 6.5 12.7 40 f161yr225(1)063(2) 63 40 2.7 5045 11.5 6.5 12.7 40 f161yr275(1)063(2) 63 40 3.3 5045 11.5 6.5 12.7 40 f161yr335(1)063(2) 63 40 3.9 6560 15.0 7.0 16.5 40 f161zs395(1)063(2) 63 40 4.7 6560 15.0 7.0 16.5 40 f161zs475(1)063(2) 100 63 0.01 2220 5.0 3.0 5.7 50 f161pp103(1)100(2) 100 63 0.012 2220 5.0 3.0 5.7 50 f161pp123(1)100(2) 100 63 0.015 2220 5.0 3.0 5.7 50 f161pp153(1)100(2) 100 63 0.018 2220 5.0 3.0 5.7 50 f161pp183(1)100(2) 100 63 0.022 2220 5.0 3.0 5.7 50 f161pp223(1)100(2) 100 63 0.027 2220 5.0 3.0 5.7 50 f161pp273(1)100(2) 100 63 0.033 2220 5.0 3.0 5.7 50 f161pp333(1)100(2) 100 63 0.039 2220 5.0 3.0 5.7 50 f161pp393(1)100(2) 100 63 0.047 2220 5.0 3.0 5.7 50 f161pp473(1)100(2) 100 63 0.056 2220 5.0 3.0 5.7 50 f161pp563(1)100(2) 100 63 0.068 2220 5.0 3.0 5.7 50 f161pp683(1)100(2) 100 63 0.082 2220 5.0 4.0 5.7 50 f161pu823(1)100(2) 100 63 0.1 2220 5.0 4.0 5.7 50 f161pu104(1)100(2) 100 63 0.01 2824 6.0 3.0 7.3 50 f161sl103(1)100(2) 100 63 0.012 2824 6.0 3.0 7.3 50 f161sl123(1)100(2) 100 63 0.015 2824 6.0 3.0 7.3 50 f161sl153(1)100(2) 100 63 0.018 2824 6.0 3.0 7.3 50 f161sl183(1)100(2) 100 63 0.022 2824 6.0 3.0 7.3 50 f161sl223(1)100(2) 100 63 0.027 2824 6.0 3.0 7.3 50 f161sl273(1)100(2) 100 63 0.033 2824 6.0 3.0 7.3 50 f161sl333(1)100(2) 100 63 0.039 2824 6.0 3.0 7.3 50 f161sl393(1)100(2) 100 63 0.047 2824 6.0 3.0 7.3 50 f161sl473(1)100(2) 100 63 0.056 2824 6.0 3.0 7.3 50 f161sl563(1)100(2) 100 63 0.068 2824 6.0 3.0 7.3 50 f161sl683(1)100(2) 100 63 0.082 2824 6.0 3.0 7.3 50 f161sl823(1)100(2) 100 63 0.1 2824 6.0 3.0 7.3 50 f161sl104(1)100(2) 100 63 0.12 2824 6.0 3.0 7.3 50 f161sl124(1)100(2) 100 63 0.15 2824 6.0 3.5 7.3 50 f161sp154(1)100(2) 100 63 0.18 2824 6.0 3.5 7.3 50 f161sp184(1)100(2) 100 63 0.22 2824 6.0 4.5 7.3 50 f161st224(1)100(2) 100 63 0.022 4036 9.1 5.5 10.2 50 f161wp223(1)100(2) 100 63 0.027 4036 9.1 5.5 10.2 50 f161wp273(1)100(2) 100 63 0.033 4036 9.1 5.5 10.2 50 f161wp333(1)100(2) 100 63 0.039 4036 9.1 5.5 10.2 50 f161wp393(1)100(2) 100 63 0.047 4036 9.1 5.5 10.2 50 f161wp473(1)100(2) 100 63 0.056 4036 9.1 5.5 10.2 50 f161wp563(1)100(2) 100 63 0.068 4036 9.1 5.5 10.2 50 f161wp683(1)100(2) 100 63 0.082 4036 9.1 5.5 10.2 50 f161wp823(1)100(2) 100 63 0.1 4036 9.1 5.5 10.2 50 f161wp104(1)100(2) 100 63 0.12 4036 9.1 5.5 10.2 50 f161wp124(1)100(2) 100 63 0.15 4036 9.1 5.5 10.2 50 f161wp154(1)100(2) 100 63 0.18 4036 9.1 5.5 10.2 50 f161wp184(1)100(2) 100 63 0.22 4036 9.1 5.5 10.2 50 f161wp224(1)100(2) 100 63 0.27 4036 9.1 5.5 10.2 50 f161wp274(1)100(2) 100 63 0.33 4036 9.1 5.5 10.2 50 f161wp334(1)100(2) 100 63 0.39 4036 9.1 5.5 10.2 50 f161wp394(1)100(2) 100 63 0.47 4036 9.1 5.5 10.2 50 f161wp474(1)100(2) 100 63 0.56 4036 9.1 5.5 10.2 50 f161wp564(1)100(2) 100 63 0.68 4036 9.1 5.5 10.2 50 f161wp684(1)100(2) 100 63 0.82 4036 9.1 5.5 10.2 50 f161wp824(1)100(2) 100 63 1 4036 9.1 5.5 10.2 50 f161wp105(1)100(2) vdc vac capacitance value (f) chip size b (mm) h (mm) l (mm) dv/dt (vs) part number film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 8 table 1 C ratings & part number reference cont'd (1) j = 5%, k = 10%, m = 20%, other tolerances on request. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) chip size dimension in mm dv/dt (v/s) part number 100 63 1.2 5045 11.5 6.5 12.7 50 f161yr125(1)100(2) 100 63 1.5 5045 11.5 6.5 12.7 50 f161yr155(1)100(2) 100 63 1.8 5045 11.5 6.5 12.7 50 f161yr185(1)100(2) 100 63 2.2 6560 15.0 7.0 16.5 50 f161zs225(1)100(2) 100 63 2.7 6560 15.0 7.0 16.5 50 f161zs275(1)100(2) 100 63 3.3 6560 15.0 7.0 16.5 50 f161zs335(1)100(2) 100 63 3.9 6560 15.0 7.0 16.5 50 f161zs395(1)100(2) 100 63 4.7 6560 15.0 7.0 16.5 50 f161zs475(1)100(2) 250 160 0.01 2824 6.0 3.0 7.3 150 f161sl103(1)250(2) 250 160 0.012 2824 6.0 3.0 7.3 150 f161sl123(1)250(2) 250 160 0.015 2824 6.0 3.0 7.3 150 f161sl153(1)250(2) 250 160 0.018 2824 6.0 3.0 7.3 150 f161sl183(1)250(2) 250 160 0.022 2824 6.0 3.0 7.3 150 f161sl223(1)250(2) 250 160 0.027 2824 6.0 3.5 7.3 150 f161sp273(1)250(2) 250 160 0.033 2824 6.0 3.5 7.3 150 f161sp333(1)250(2) 250 160 0.039 2824 6.0 3.5 7.3 150 f161sp393(1)250(2) 250 160 0.047 2824 6.0 4.5 7.3 150 f161st473(1)250(2) 250 160 0.022 4036 9.1 5.5 10.2 150 f161wp223(1)250(2) 250 160 0.027 4036 9.1 5.5 10.2 150 f161wp273(1)250(2) 250 160 0.033 4036 9.1 5.5 10.2 150 f161wp333(1)250(2) 250 160 0.039 4036 9.1 5.5 10.2 150 f161wp393(1)250(2) 250 160 0.047 4036 9.1 5.5 10.2 150 f161wp473(1)250(2) 250 160 0.056 4036 9.1 5.5 10.2 150 f161wp563(1)250(2) 250 160 0.068 4036 9.1 5.5 10.2 150 f161wp683(1)250(2) 250 160 0.082 4036 9.1 5.5 10.2 150 f161wp823(1)250(2) 250 160 0.1 4036 9.1 5.5 10.2 150 f161wp104(1)250(2) 250 160 0.12 4036 9.1 5.5 10.2 150 f161wp124(1)250(2) 250 160 0.15 4036 9.1 5.5 10.2 150 f161wp154(1)250(2) 250 160 0.18 4036 9.1 5.5 10.2 150 f161wp184(1)250(2) 250 160 0.22 4036 9.1 5.5 10.2 150 f161wp224(1)250(2) 250 160 0.27 5045 11.5 6.5 12.7 150 f161yr274(1)250(2) 250 160 0.33 5045 11.5 6.5 12.7 150 f161yr334(1)250(2) 250 160 0.39 5045 11.5 6.5 12.7 150 f161yr394(1)250(2) 250 160 0.47 5045 11.5 6.5 12.7 150 f161yr474(1)250(2) 250 160 0.56 6560 15.0 7.0 16.5 150 f161zs564(1)250(2) 250 160 0.68 6560 15.0 7.0 16.5 150 f161zs684(1)250(2) 250 160 0.82 6560 15.0 7.0 16.5 150 f161zs824(1)250(2) 250 160 1 6560 15.0 7.0 16.5 150 f161zs105(1)250(2) 400 200 0.022 4036 9.1 5.5 10.2 200 f161wp223(1)400(2) 400 200 0.027 4036 9.1 5.5 10.2 200 f161wp273(1)400(2) 400 200 0.033 4036 9.1 5.5 10.2 200 f161wp333(1)400(2) 400 200 0.039 4036 9.1 5.5 10.2 200 f161wp393(1)400(2) 400 200 0.047 4036 9.1 5.5 10.2 200 f161wp473(1)400(2) 400 200 0.056 4036 9.1 5.5 10.2 200 f161wp563(1)400(2) 400 200 0.068 4036 9.1 5.5 10.2 200 f161wp683(1)400(2) 400 200 0.082 5045 9.1 5.5 10.2 200 f161wp823(1)400(2) 400 200 0.1 5045 11.5 6.5 12.7 200 f161yr104(1)400(2) 400 200 0.12 5045 11.5 6.5 12.7 200 f161yr124(1)400(2) 400 200 0.15 5045 11.5 6.5 12.7 200 f161yr154(1)400(2) 400 200 0.18 5045 11.5 6.5 12.7 200 f161yr184(1)400(2) 400 200 0.22 6560 15.0 7.0 16.5 200 f161zs224(1)400(2) 400 200 0.27 6560 15.0 7.0 16.5 200 f161zs274(1)400(2) 400 200 0.33 6560 15.0 7.0 16.5 200 f161zs334(1)400(2) 400 200 0.39 6560 15.0 7.0 16.5 200 f161zs394(1)400(2) 400 200 0.47 6560 15.0 7.0 16.5 200 f161zs474(1)400(2) 630 250 0.1 6560 15.0 7.0 16.5 250 f161zs104(1)630(2) 630 250 0.12 6560 15.0 7.0 16.5 250 f161zs124(1)630(2) 630 250 0.15 6560 15.0 7.0 16.5 250 f161zs154(1)630(2) 630 250 0.18 6560 15.0 7.0 16.5 250 f161zs184(1)630(2) vdc vac capacitance value (f) chip size b (mm) h (mm) l (mm) dv/dt (vs) part number film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 9 soldering process refow soldering temperature is measured on the top surface of the component: preheating temperature should be less than 170c. the time above 217c should be less than 50 seconds. the peak temperature must not exceed 240c. marking ? capacitance ? capacitance tolerance code ? rated voltage code ? capacitor type n for f161 ? manufacturing date code rated voltage code manufacturing date code (iec 60062) year code month code film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 10 flux & cleaning kemet recommends to use a no-clean fux with a halogen content lower than 0.1%. to clean the pcb assembly kemet recommends to use a suitable solvent like isopropyl alcohol, deionized water or neutral ph detergents. aggressive solvents shall not be used. for any different cleaning solvent used please contact kemet technical services to analyze the potential impact on kemet products. storage and moisture recommendations kemet smd film capacitors are supplied in a mbb (moisture barrier bag) class 1. we can guarantee a 24 months shelf life (temperature 40c/relative humidity 90%). after the mbb has been opened, components may stay in areas with controlled temperature and humidity (temperature 30c/relative humidity 60%) for 168 hours [msl 3]. for longer periods of time and/or higher temperature and/or higher relative humidity values, it is absolutely necessary to protect the components against humidity . if the reel inside the mbb is partially used, kemet recommends to re-use the same mbb or to avoid areas without controlled temperature and humidity (see above). if the above conditions are not respected, components require a baking (minimum time: 48 hours at 55 5c) before the refow. packaging quantities chip size (eia) size code base (mm) height (mm) length (mm) bulk reel horizontal orientation reel vertical orientation 2220 pp 5 3 5.7 2000 2400 2220 pu 5 4 5.7 2000 2100 2824 sl 6 3 7.3 2000 2500 2824 sp 6 3.5 7.3 2000 2300 2824 st 6 4.5 7.3 1000 1700 4036 wp 9.1 5.5 10.2 1000 800 500 5045 yr 11.5 6.5 12.7 1000 600 400 6560 zs 15 7 16.5 800 500 200 film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 11 carrier taping & packaging (iec 60286C2) horizontal taping orientation eia size code horizontal mounting size code dimensions in mm taping specif cation b h l w p 1 a 0 b 0 k 0 d w 1 w 2 nominal nominal nominal -0/+0.3 +/-0.1 nominal nominal nominal -/+2.0 -0/+2 maximum 2220 pp 5.0 3.0 5.7 12.0 8.0 5.5 6.0 3.3 330 12.4 22.0 2220 pu 5.0 4.0 5.7 12.0 8.0 5.5 6.0 4.3 330 12.4 22.0 2824 sl 6.0 3.0 7.3 12.0 8.0 6.5 7.5 3.3 330 12.4 22.0 2824 sp 6.0 3.5 7.3 12.0 8.0 6.5 7.5 3.8 330 12.4 22.0 2824 st 6.0 4.5 7.3 12.0 8.0 6.5 7.5 4.8 330 12.4 22.0 4036 wp 9.1 5.5 10.2 16.0 16.0 9.5 10.5 5.8 330 16.4 22.0 5045 yr 11.5 6.5 12.7 24.0 16.0 11.9 13.1 6.8 330 24.4 30.0 6560 zs 15.0 7.0 16.5 24.0 20.0 15.4 16.8 7.3 330 24.4 30.0 /dqglqj 0rxqwlqj &kls6lh lphqvlrqvlqpp a b x horizontal 2220 5.1 1.5 3.0 2824 6.1 1.5 3.8 4036 9.1 2.0 5.5 5045 11.6 2.5 7.0 6560 15.0 3.0 9.0 vertical 4022 5.6 2.0 5.5 5026 6.6 2.5 7.0 6528 7.1 3.0 9.0 film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc d w 2 w 1 b
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 12 carrier taping & packaging (iec 60286C2) cont'd vertical taping orientation size code vertical mounting size code dimensions in mm taping specif cation b h l w p 1 a 0 b 0 k 0 d w 1 w 2 nominal nominal nominal -0/+0.3 +/-0.1 nominal nominal nominal -/+2.0 -0/+2 maximum 4022 wp 5.5 9.1 10.2 24.0 16.0 6.0 10.5 9.3 330 24.4 30.0 5026 yr 6.5 11.5 12.7 24.0 16.0 6.9 13.1 11.8 330 24.4 30.0 6528 zs 7.0 15.0 16.5 44.0 20.0 7.5 17.0 15.3 330 44.5 49.5 note: chip dimensions b and h correspond to dimensions h and b in the horizontal mounting table. film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc side view d w 2 w 1
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 13 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3086_f161 ? 2/25/2016 14 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. film surface mount capacitors general purpose and high stability C f161 series encapsulated stacked, size 2220 C 6560, 50 C 400 vdc


▲Up To Search▲   

 
Price & Availability of F161PP103J063V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X