Part Number Hot Search : 
ZXMN4A06 R5030413 EMZ7T2R SY10E 18F66 MSZ52 C4064 STBS06H
Product Description
Full Text Search
 

To Download DZT5551Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dzt5551 q document number: ds38496 rev. 1 - 2 1 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q 160v npn voltage transistor in sot223 description this bipolar junction transistor (bjt) is designed to meet the stringent requirements of automotive applications. features ? bv ceo > 160v ? bv ebo > 6v ? i c = 600ma continuous collector current ? low saturation voltage (150mv max @10ma) ? h fe specified up to 50ma for a high gain hold up ? complementary pnp type: dzt5401 ? totally lead - free & fully rohs com pliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot223 ? case m aterial : m olded p lastic , green m olding c ompound . ul flammability classification rating 94v - 0 ? moisture sens itivity: level 1 per j - std - 020 ? terminals: finish - matte tin . solderable per mil - std - 202, method 208 ? weight: 0.112 grams ( a pproximate) applications ? high voltage amplification applications ? high voltage switching ordering information (note 5 ) part number marking reel size (inches) tape width (mm) quantity p er reel dzt5551 q - 13 k4n 13 12 2 , 5 00 notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com /quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compo unds. 4 . a utomotive products are aec - q101 qualified and are ppap capable. refer t o http://www.diodes.com/quality/product_grade_definitions/ . 5 . for packaging details, go to our website at http://www.di odes.com/products/packages.html. marking information top view pin - o ut top view device schematic sot223 k4n = product type marking code = manufacturers code marking yww = da te code marking y = last d igit of y ear ex: 5 = 20 15 ww = week c ode 01 ~ 5 3 sot223
dzt5551 q document number: ds38496 rev. 1 - 2 2 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - base voltage v cbo 180 v collector - emitter voltage v ceo 160 v emitter - base voltage v ebo 6 v continuous collector current i c 600 m a peak collector current i cm 1 a thermal characteristics characteristi c symbol value unit power dissipation (note 6 ) p d 2 w thermal res istance, junction to ambient (note 6 ) r ? ja 62.5 c/w thermal resistance, junction to leads (note 7 ) r ? jl 34.05 c/w operating and storage temperature range t j , t stg - 55 to +150 c esd ratings (note 8) characteristic symbol value unit jedec class electrostatic discharge - human body mode l esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 6 . device mounted on 50mm x 50mm x 1.6mm fr - 4 pcb with high coverage of single sided 1 oz. copper, in still air condition . 7 . thermal resistance from junction to solder - point (at the end of the collector lead). 8. refer to jedec specification jesd22 - a114 and jesd22 - a115.
dzt5551 q document number: ds38496 rev. 1 - 2 3 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q thermal characteristics and derating information 1 10 100 1m 10m 100m 1 50mmx50mmx1.6mm 1oz copper single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 50mmx50mmx1.6mm 1oz copper derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 60 70 t amb =25c 50mmx50mmx1.6mm 1oz copper transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse t amb =25c 50mmx50mmx1.6mm 1oz copper pulse power dissipation pulse width (s) maximum power (w)
dzt5551 q document number: ds38496 rev. 1 - 2 4 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q electrical characteristics ( @ t a = + 25 c , unless otherwise specified .) characteristic symbol min typ max unit test condition off characteristics collector - base breakdown voltage b v cbo 180 27 0 c = 100 a , i e = 0 collector - emitter breakdown voltage (note 9 ) b v ceo 160 200 v i c = 1m a , i b = 0 emitter - base breakdown voltage b v ebo 6 .0 7.85 v i e = 1 0 0 a , i c = 0 collector cutoff current i cbo ? ? cb = 120v , i e = 0 v cb = 120v, i e = 0, t a = +100 c emitter cutoff current i e bo e b = 4v, i c = 0 on characte ristics (note 9 ) collector - emitter saturation voltage v ce(sat) ? c = 10ma, i b = 1ma i c = 50ma, i b = 5ma base - emitter saturation voltage v be(sat) ? ? c = 10ma, i b = 1ma i c = 5 0ma, i b = 5 ma dc current g ain h fe 8 0 8 0 30 130 145 65 c = 1 ma , v ce = 5v i c = 10m a , v ce = 5v i c = 50m a , v ce = 5v small signal characteristics transition frequency f t 100 130 300 mhz v ce = 10 v, i c = 10 ma, f = 100m hz small signal current gain h fe 50 ce = 10 v, i c = 10 ma, f = 1k hz output capacitance c obo cb = 10v, f = 1mhz noise figure nf ce = 5.0v, i c = 200 a, r s = 1.0k ? d 95 ns v cc = 10 v, i c = 10m a, i b1 = - i b2 = 1 ma rise time t r 64 ns storage time t s 1 , 256 ns delay time t f 140 ns note : 9 . measured under pulsed conditions. pulse width 300s. duty cycle 2%.
dzt5551 q document number: ds38496 rev. 1 - 2 5 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q typical electrical characteri stics (@ t a = +25c, unless otherwise specified.) 1m 10m 100m 100m 1 10m 100m 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 100 1m 10m 100m 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1m 10m 100m 0.2 0.4 0.6 0.8 1.0 1.2 1m 10m 100m 0.4 0.6 0.8 1.0 0 50 100 150 200 v ce(sat) v i c tamb=25c i c /i b =50 i c /i b =20 i c /i b =10 v ce(sat) (v) i c collector current (a) 150c v be(sat) v i c i c /i b =10 100c 25c -55c v ce(sat) (v) i c collector current (a) 150c h fe v i c ta=25c v ce =5v -55c 25c 100c normalised gain i c collector current (a) 150c 25c v ce(sat) v i c i c /i b =10 100c -55c v be(sat) (v) i c collector current (a) 150c v be(on) v i c v ce =5v 100c 25c -55c v be(on) (v) i c collector current (a) typical gain (h fe )
dzt5551 q document number: ds38496 rev. 1 - 2 6 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q package outline dimensions please see ap0200 1 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version. suggested pad layout please see ap0200 1 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version. sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b1 2.90 3.10 3.00 b2 0.60 0.80 0.70 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e e1 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) c 2.30 c1 6.40 x 1.20 x1 3.30 y 1.60 y1 1.60 y2 8.00 a1 a 7 7 d b e e1 b1 c e1 l 0-10 q e 0.25 seating plane gauge plane x1 y1 y x c c1 y2
dzt5551 q document number: ds38496 rev. 1 - 2 7 of 7 www.diodes.com january 2016 ? diodes incorporated dzt5551 q important notice diodes incorporated m akes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). di odes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or produ cts described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporate d does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel . should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall ind emnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized appl ication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are s pecifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or sy stems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significa nt injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. cus tomers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devi ces or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirement s concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or su pport that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 6 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DZT5551Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X