Part Number Hot Search : 
2N6304 UR4KB40 74ACT MJE34 106K0 00M63X 21210 CZD13003
Product Description
Full Text Search
 

To Download DS2172TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 23 101000 features  generates/detects digital bit patterns for analyzing, evaluating and troubleshooting digital communications systems  operates at speeds from dc to 52 mhz  programmable polynomial length and feedback taps for generation of any other pseudorandom pattern up to 32 bits in length including: 2 6 -1, 2 9 -1, 2 11 -1, 2 15 -1, 2 20 -1, 2 23 -1, and 2 32 -1  programmable user-defined pattern and length for generation of any repetitive pattern up to 32 bits in length  large 32-bit error count and bit count registers  software programmable bit error insertion  fully independent transmit and receive sections  8-bit parallel control port  detects test patterns with bit error rates up to 10 -2 pin assignment ordering information ds2172t (0 0 c to 70 0 c) ds2172tn (-40 0 c to + 85 0 c) description the ds2172 bit error rate tester (bert) is a software programmable test pattern generator, receiver, and analyzer capable of meeting the most stringent error performance requirements of digital transmission facilities. two categories of test pattern generation (pseudo-random and repetitive) conform to ccitt/itu o.151, o.152, o.153, and o.161 standards. the ds2172 operates at clock rates ranging from dc to 52 mhz. this wide range of operating frequency allows the ds2172 to be used in existing and future test equipment, transmission facilities, switching equipment, multiplexers, dacs, routers, bridges, csus, dsus, and cpe equipment. the ds2172 user-programmable pattern registers provide the unique ability to generate loopback patterns required for t1, fractional-t1, smart jack, and other test procedures. hence the ds2172 can initiate the loopback, run the test, check for errors, and finally deactivate the loopback. the ds2172 consists of four functional blocks: the pattern generator, pattern detector, error counter, and control interface. the ds2172 can be programmed to generate any pseudorandom pattern with length up to 2 32 -1 bits (see table 5, note 9) or any user programmable bit pattern from 1 to 32 bits in length. logic inputs can be used to configure the ds2172 for applications requiring gap clocking such as fractional-t1, switched-56, dds, normal framing requirements, and per-channel test procedures. in addition, the ds2172 can insert single or 10 -1 to 10 -7 bit errors to verify equipment operation and connectivity. ds2172 bit error rate tester (bert) www.dalsemi.com tl ad0 ad1 test vss ad2 ad3 ad4 2423 22 21 20 19 18 17 12 3 4 5 6 7 8 rlrlos lc vss vdd int wr(r/w) a le(as) ad5 ad6 ad7 vss vdd bts rd(ds) cs tdata tdis tclk vss vdd rclk rdis rdata ds2172 32-pin tqfp 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 downloaded from: http:///
ds2172 2 of 22 1.0 general operation 1.1 pattern generation the ds2172 is programmed to generate a particular test pattern by programming the following registers: - pattern set registers (psr) - pattern length register (plr) - polynomial tap register (ptr) - pattern control register (pcr) - error insertion register (eir) please see tables 4 and 5 for examples of how to program these registers in order to generate some standard test patterns. once these registers are programmed, the user will then toggle the tl (transmit load) bit or pin to load the pattern into the onboard pattern generation circuitry and the pattern will begin appearing at the tdata pin. 1.2 pattern synchronization the ds2172 expects to receive the same pattern that it transmitted. the synchronizer examines the data at rdata and looks for characteristics of the transmitted pattern. the user can control the onboard synchronizer with the sync enable and resync bits in the pattern control register. in pseudorandom mode, the received pattern is tested to see if it fits the polynomial generator as defined in the transmit side. for pseudorandom patterns, only the original pattern and an all ones pattern or an all-0s pattern will satisfy this test. synchronization in pseudorandom pattern mode should be qualified by using the ra1 and ra0 indicators in the status register. synchronization is declared after 34 + n bits are received without error, where n is the exponent in the polynomial from table 4. once in synchronization (sr0. = 1) any deviation from this pattern will be counted by the bit error count register. in repetitive pattern mode a received pattern of the same length as being transmitted will satisfy this test. synchronization in repetitive pattern mode should be qualified by using the ra1 and ra0 indicators in the status register and examining the pattern receive register (prr0--3). see section 10 for an explanation of the pattern receive register. once in synchronization (sr.0 = 1) any deviation from this pattern will be counted by the bit error count register. 1.3 ber calculation users can calculate the actual bit error rate (ber) of the digital communications channel by reading the bit error count out of the bit error count register (becr) and reading the bit count out of the bit count register (bcr) and then dividing the becr value with the bcr value. the user has total control over the integration period of the measurement. the lc (load count) bit or pin is used to set the integration period. 1.4 generating errors via the error insertion register (eir), the user can intentionally inject a particular error rate into the transmitted data stream. injecting errors allows users to stress communication links and to check the functionality of error monitoring equipment along the path. 1.5 power-up sequence on power-up, the registers in the ds2172 will be in a random state. the user must program all the internal registers to a known state before proper operation can be insured. downloaded from: http:///
ds2172 3 of 22 ds2172 functional block diagram figure 1 ds2172 pattern generation block diagram figure 2 notes:1. tap a always equals length (n-1) of pseudorandom or repetitive pattern. 2. tab b can be programmed to any feedback tap for pseudorandom pattern generation. rlos downloaded from: http:///
ds2172 4 of 22 detailed pin description table 1 pin symbol type description 1t l i transmit load. a positive-going edge loads the pattern generator with the contents of the pattern set registers. the msb of the repetitive or pseudorandom pattern appears at tdata after the third positive edge of tclk from asserting tl. tl is logically ored with pcr.7 and should be tied to v ss if not used. see figure 8 for timing information. 2 ad0 i/o data bus. an 8-bit multiplexed address/data bus. 3 ad1 i/o data bus. an 8-bit multiplexed address/data bus. 4 test i test. set high to 3-state all output pins ( int , adx, tdata, rlos). should be tied to v ss to enable all outputs. 5v ss - signal ground. 0.0v. should be tied to local ground plane. 6 ad2 i/o data bus. an 8-bit multiplexed address/data bus. 7 ad3 i/o data bus. an 8-bit multiplexed address/data bus. 8 ad4 i/o data bus. an 8-bit multiplexed address/data bus. 9 ad5 i/o data bus. an 8-bit multiplexed address/data bus. 10 ad6 i/o data bus. an 8-bit multiplexed address/data bus. 11 ad7 i/o data bus. an 8-bit multiplexed address/data bus. 12 v ss - signal ground. 0.0v. should be tied to local ground plane. 13 v dd - positive supply. 5.0v. 14 bts i bus type select. strap high to select motorola bus timing; strap low to select intel bus timing. this pin controls the function of the rd (ds), ale(as), and wr (r/ w ) pins. if bts = 1, then these pins assume the function listed in parenthesis (). 15 rd (ds) i read input (data strobe). 16 cs i chip select. must be low to read or write the port. 17 ale(as) i address latch enable (address strobe). a positive going edge serves to demultiplex the bus. 18 wr (r/ w ) i write input (read/write). 19 int o alarm interrupt. flags host controller during conditions defined in status register. active low, open drain output. 20 v dd - positive supply. 5.0v. 21 v ss - signal ground. 0.0v. should be tied to local ground plane. 22 lc i load count. a positive-going edge latches the current bit and bit error count into the user accessible bcr and becr registers and clears the internal count registers. lc is logically ored with control bit pcr.4. should be tied to v ss if not used. 23 rlos o receive loss of sync. indicates the real time status of the receive synchronizer. active high output. downloaded from: http:///
ds2172 5 of 22 pin symbol type description 24 rl i receive load. a positive-going edge loads the previous 32 bits of data received at rdata into the pattern receive registers. rl is logically ored with control bit pcr.3. should be tied to v ss if not used. 25 rdata i receive data. received nrz serial data, sampled on the rising edge of rclk. 26 rdis i receive disable. set high to prevent the data at rdata from being sampled. set low to allow bits at rdata to be sampled. should be tied to v ss if not used. see figure 6 for timing information. all receive side operations are disabled when rdis is high. 27 rclk i receive clock. input clock from transmission link. 0 to 52 mhz. can be a gapped clock. fully independent from tclk. 28 v dd - positive supply. 5.0v. 29 v ss - signal ground. 0.0v. should be tied to local ground plane. 30 tclk i transmit clock. transmit demand clock. 0 to 52 mhz. can be a gapped clock. fully independent of rclk. 31 tdis i transmit disable. set high to hold the current bit being transmitted at tdata. set low to allow the next bit to appear at tdata. should be tied to v ss if not used. see figure 7 for timing information. all transmit side operations are disabled when tdis is high. 32 tdata o transmit data. transmit nrz serial data, updated on the rising edge of tclk. ds2172 register map table 2 address r/w register name address r/w register name 00 r/w pattern set register 3. 0c r bit error counter register 3. 01 r/w pattern set register 2. 0d r bit error counter register 2. 02 r/w pattern set register 1. 0e r bit error counter register 1. 03 r/w pattern set register 0. 0f r bit error counter register 0. 04 r/w pattern length register. 10 r pattern receive register 3. 05 r/w polynomial tap register. 11 r pattern receive register 2. 06 r/w pattern control register. 12 r pattern receive register 1. 07 r/w error insert register. 13 r pattern receive register 0. 08 r bit counter register 3. 14 r status register. 09 r bit counter register 2. 15 r/w interrupt mask register. 0a r bit counter register 1. 1c r/w test register (see note 1) 0b r bit counter register 0. note:1. the test register must be set to 00 hex to insure proper operation of the ds2172. downloaded from: http:///
ds2172 6 of 22 2.0 parallel control interface the ds2172 is controlled via a multiplexed bi-directional address/data bus by an external microcontroller or microprocessor. the ds2172 can operate with either intel or motorola bus timing configurations. if the bts pin is tied low, intel timing will be selected; if tied high, motorola timing will be selected. all motorola bus signals are listed in parenthesis (). see the timing diagrams in the a.c. electrical characteristics for more details. the multiplexed bus on the ds2172 saves pins because the address information and data information share the same signal paths. the addresses are presented to the pins in the first portion of the bus cycle and data will be transferred on the pins during second portion of the bus cycle. addresses must be valid prior to the falling edge of ale(as), at which time the ds2172 latches the address from the ad0 to ad7 pins. valid write data must be present and held stable during the later portion of the ds or wr pulses. in a read cycle, the ds2172 outputs a byte of data during the latter portion of the ds or rd pulses. the read cycle is terminated and the bus returns to a high impedance state as rd transitions high in intel timing or as ds transitions low in motorola timing. the ds2172 can also be easily connected to non-multiplexed buses. rclk and tclk are used to update counters and load transmit and receive pattern registers. at slow clock rates, sufficient time must be allowed for these port operations. 3.0 pattern set registers the pattern set registers (psr) are loaded each time a new pattern (whether it be pseudorandom or repetitive) is to be generated. when a pseudorandom pattern is generated, all four psrs must be loaded with ff hex. when a repetitive pattern is to be created, the four psrs are loaded with the pattern that is to be repeated. please see tables 4 and 5 for some programming examples. pattern set registers (msb) (lsb) ps31 ps30 ps29 ps28 ps27 ps26 ps25 ps24 psr3 (addr.=00 hex) ps23 ps22 ps21 ps20 ps19 ps18 ps17 ps16 psr2 (addr.=01 hex) ps15 ps14 ps13 ps12 ps11 ps10 ps9 ps8 psr1 (addr.=02 hex) ps7 ps6 ps5 ps4 ps3 ps2 ps1 ps0 psr0 (addr.=03 hex) 4.0 pattern length register length bits lb4 to lb0 determine the length of the pseudorandom polynomial or programmable repetitive pattern that is generated and detected. with the pseudorandom patterns, the tap a feedback position of the pattern generator is always equal to the value in the pattern length register (plr). please refer to figure 2 for a block diagram of the pattern generator and to tables 4 and 5 for some programming examples. plr: pattern length register (address=04 hex) (msb) (lsb) - - - lb4 lb3 lb2 lb1 lb0 downloaded from: http:///
ds2172 7 of 22 symbol position name and description - plr1.7 not assigned. should be set to 0 when written to. - plr1.6 not assigned. should be set to 0 when written to. - plr1.5 not assigned. should be set to 0 when written to. lb4 plr1.4 length bit 4. lb3 plr1.3 length bit 3. lb2 plr1.2 length bit 2. lb1 plr1.1 length bit 1. lb0 plr1.0 length bit 0. 5.0 polynomial tap register polynomial tap bits pt4 - pt0 determine the feedback position of tap b connected to the xor input of the pattern generator. feedback tap b provides one of two feedback paths within the pattern generator. please refer to figure 2 for a block diagram of the pattern generator and to tables 4 and 5 for register programming examples. ptr: polynomial tap register (address=05 hex) (msb) (lsb) - - - pt4 pt3 pt2 pt1 pt0 symbol position name and description -p t r . 7 not assigned. should be set to 0 when written to. -p t r . 6 not assigned. should be set to 0 when written to. -p t r . 5 not assigned. should be set to 0 when written to. pt4 ptr.4 polynomial tap bit 4 . pt3 ptr.3 polynomial tap bit 3. pt2 ptr.2 polynomial tap bit 2. pt1 ptr.1 polynomial tap bit 1. pt0 ptr.0 polynomial tap bit 0. downloaded from: http:///
ds2172 8 of 22 6.0 pattern control register the pattern control register (pcr) is used to configure the operating parameters of the ds2172 and to control the patterns being generated and received. also the pcr is used to control the pattern synchronizer and the error and bit counters. pcr: pattern control register (address=06 hex) (msb) (lsb) tl qrss ps lc rl synce resync lpbk symbol position name and description tl pcr.7 transmit load. a low to high transition loads the pattern generator with the contents of the pattern set registers. pcr.7 is logically ored with the input pin tl. must be cleared and set again for subsequent loads. qrss pcr.6 zero suppression select. forces a 1 into the pattern whenever the next 14 bit positions are all 0s. should only be set when using the qrss pattern. 0 = zero suppression disabled 1 = zero suppression enabled ps pcr.5 pattern select. 0 = repetitive pattern 1 = pseudorandom pattern lc pcr.4 latch count registers. a low to high transition latches the bit and error counts into the user accessible registers bcr and becr and clears the internal register count. pcr.4 is logically ored with input pin lc. must be cleared and set again for subsequent loads. rl pcr.3 receive data load. a transition from low to high loads the previous 32 bits of data received at rdata into the pattern receive registers (prr). pcr.3 is logically ored with input pin rl. must be cleared and set again for subsequent latches. synce pcr.2 sync enable. 0 = auto resync is enabled. 1 = auto resync is disabled. resync pcr.1 initiate manual resync process. a low to high transition will force the ds2172 to resynchronize to the incoming pattern at rdata. must be cleared and set again for a subsequent resync. lpbk pcr.0 transmit/receive loopback select. when enabled, the rdata input is disabled; tdata continues to output data as normal. see figure 1. 0 = loopback disabled 1 = loopback enabled downloaded from: http:///
ds2172 9 of 22 7.0 error insert register the error insertion register (eir) controls circuitry within the ds2172 that allows the generated pattern to be intentionally corrupted. bit errors can be inserted automatically at regular intervals by properly programming the eir0 to eir2 bits or bit errors can be inserted at random (under microcontroller control) via the eir.3 bit. eir: error insert register (address=07 hex) (msb) (lsb) - - tinv rinv sbe eir2 eir1 eir0 symbol position name and description -e i r . 7 not assigned. should be set to 0 when written to. -e i r . 6 not assigned. should be set to 0 when written to. tinv eir.5 transmit data inversion select. 0 = do not invert data to be transmitted at tdata 1 = invert data to be transmitted at tdata rinv eir.4 receive data inversion select. 0 = do not invert data received at rdata 1 = invert data received at rdata sbe eir.3 single bit error insert. a low to high transition will create a single bit error. must be cleared and set again for a subsequent bit error to be inserted. can be used to accomplish rates not addressed in table 3 (e.g., ber of less than 10 -7 ). eib2 eir.2 error insert bit 2. see table 3. eib1 eir.1 error insert bit 1. see table 3. eib0 eir.0 error insert bit 0. see table 3. error bit insertion table 3 eib2 eib1 eib0 error rate inserted 0 0 0 no errors automatically inserted 00 1 1 0 -1 01 0 1 0 -2 01 1 1 0 -3 10 0 1 0 -4 10 1 1 0 -5 11 0 1 0 -6 11 1 1 0 -7 downloaded from: http:///
ds2172 10 of 22 pseudorandom pattern generation (pcr.5=1) table 4 pattern type ptr plr psr3 psr2 psr1 psr0 tinv rinv 2 3 - 1 0 00 2f ff ff ff f 0 0 2 4 - 1 0 00 3f ff ff ff f 0 0 2 5 - 1 0 10 4f ff ff ff f 0 0 2 6 - 1 0 40 5f ff ff ff f 0 0 2 7 - 1 0 00 6f ff ff ff f 0 0 2 7 - 1 fractional t1 lb activate 03 06 ff ff ff ff 0 0 2 7 - 1 fractional t1 lb deactivate 03 06 ff ff ff ff 1 1 2 9 - 1 o.153 (511 type) 04 08 ff ff ff ff 0 0 2 10 - 1 0 20 9f ff ff ff f 0 0 2 11 - 1 o.152 and o.153 (2047 type) 08 0a ff ff ff ff 0 0 2 15 - 1 o.151 0d 0e ff ff ff ff 1 1 2 17 - 1 0 21 0f ff ff ff f 0 0 2 18 - 1 0 61 1f ff ff ff f 0 0 2 20 - 1 o.153 02 13 ff ff ff ff 0 0 2 20 - 1 o.151 qrss (pcr.6=1) 10 13 ff ff ff ff 0 0 2 21 - 1 0 11 4f ff ff ff f 0 0 2 22 - 1 0 01 5f ff ff ff f 0 0 2 23 - 1 o.151 11 16 ff ff ff ff 1 1 2 25 - 1 0 21 8f ff ff ff f 0 0 2 28 - 1 0 21 bf ff ff ff f 0 0 2 29 - 1 0 11 cf ff ff ff f 0 0 2 31 - 1 0 21 ef ff ff ff f 0 0 2 32 - 1 (see note below) 10 1f ff ff ff ff 0 0 repetitive pattern generation (pcr.5=0) table 5 pattern type ptr plr psr3 psr2 psr1 psr0 tinv rinv all 1s 00 00 ff ff ff ff 0 0 all 0s 00 00 ff ff ff fe 0 0 alternating 1s and 0s 00 01 ff ff ff fe 0 0 double alternating 1s and 0s 00 03 ff ff ff fc 0 0 3 in 24 00 17 ff 20 00 22 0 0 1 in 16 00 0f ff ff 00 01 0 0 1 in 8 00 07 ff ff ff 01 0 0 1 in 4 00 03 ff ff ff f1 0 0 d4 line loopback activate 00 04 ff ff ff f0 0 0 d4 line loopback deactivate 00 02 ff ff ff fc 0 0 downloaded from: http:///
ds2172 11 of 22 notes for tables 4 and 5: 1. ptr = polynomial tap register (address = 05) 2. plr = pattern length register (address = 04) 3. psr3 = pattern set register 3 (address = 00) 4. psr2 = pattern set register 2 (address = 01) 5. psr1 = pattern set register 1 (address = 02) 6. psr0 = pattern set register 0 (address = 03) 7. tinv = transmit data inversion select bit (eir.5) 8. rinv = receive data inversion select bit (eir.4) 9. for the 2 32 -1 pattern, the random pattern actually repeats every (4093 x 2 20 ) + 1046529 bits instead of 2 32 - 1. 8.0 bit count registers the bit count registers (bcr3 to bcr0) comprise a 32-bit count of bits (actually rclk cycles) received at rdata. bc31 is the msb of the 32-bit count. the bit counter increments for each cycle of rclk when input pin rdis is low. the bit counter is disabled during loss of sync. the status register bit bcof is set when this 32-bit register overflows. upon an overflow condition, the user must clear the bcr by either toggling the lc bit or pin. the ds2172 latches the bit count into the bcr registers and clears the internal bit count when either the pcr.4 bit or the lc input pin toggles from low to high. the bit count and bit error count (available via the becrs) are used by an external processor to compute the ber performance on a loop or channel basis. bit count registers (msb) (lsb) bc31 bc30 bc29 bc28 bc27 bc26 bc25 bc24 bcr3 (addr.=08 hex) bc23 bc22 bc21 bc20 bc19 bc18 bc17 bc16 bcr2 (addr.=09 hex) bc15 bc14 bc13 bc12 bc11 bc10 bc9 bc8 bcr1 (addr.=0a hex) bc7 bc6 bc5 bc4 bc3 bc2 bc1 bc0 bcr0 (addr.=0b hex) 9.0 bit error count registers the bit error count registers (becr3 to becr0) comprise a 32-bit count of bits received in error at rdata. the bit error counter is disabled during loss of sync. bec31 is the msb of the 32-bit count. the status register bit becof is set when this 32-bit register overflows. upon an overflow condition, the user must clear the becr by either toggling the lc bit or pin. the ds2172 latches the bit error count into the becr registers and clears the internal bit error count when either the pcr.4 bit or the lc input pin toggles from low to high. the bit count (available via the bcrs) and bit error count are used by an external processor to compute the ber performance on a loop or channel basis. bit error count registers (msb) (lsb) bec31 bec30 bec29 bec28 bec27 bec26 bec25 bec24 becr3 (addr.=0c hex) bec23 bec22 bec21 bec20 bec19 bec18 bec17 bec16 becr2 (addr.=0d hex) bec15 bec14 bec13 bec12 bec11 bec10 bec9 bec8 becr1 (addr.=0e hex) bec7 bec6 bec5 bec4 bec3 bec2 bec1 bec0 becr0 (addr.=0f hex) downloaded from: http:///
ds2172 12 of 22 10.0 pattern receive registers the pattern receive register (prr) provides access to the data patterns received at rdata. the operation of these registers depends on the synchronization status of the ds2172. asserting the rl bit (pcr.3) or pin during an out-of -sync condition (sr.0 = 0) will latch the previous 32 bits of data received at rdata into the prr registers. when the ds2172 is in sync (sr.0 = 1) asserting rl will latch the pattern that to which the device has established synchronization. since the receiver has no knowledge of the start or end of the pattern, the data in the prr registers will have no particular alignment. as an example, if the receiver has synchronized to the pattern 00100110, prr1 may report 10011000, 11000100 or any rotation thereof. once synchronization is established, bit errors cannot be viewed in the prr registers. pattern receive registers (msb) (lsb) pr31 pr30 pr29 pr28 pr27 pr26 pr25 pr24 prr3 (addr.=10 hex) pr23 pr22 pr21 pr20 pr19 pr18 pr17 pr16 prr2 (addr.=11 hex) pr15 pr14 pr13 pr12 pr11 pr10 pr9 pr8 prr1 (addr.=12 hex) pr7 pr6 pr5 pr4 pr3 pr2 pr1 pr0 prr0 (addr.=13 hex) 11.0 status register and interrupt mask register the status register (sr) contains information on the current real time status of the ds2172. when a particular event has occurred, the appropriate bit in the register will be set to a 1. all of the bits in these registers (except for the sync bit) operate in a latched fashion. this means that if an event occurs and a bit is set to a 1 in any of the registers, it will remain set until the user reads that bit. for the bed, bcof, and becof status bits, they will be cleared when read and will not be set again until the event has occurred again. for rlos, ra0, and ra1 status bits, they will be cleared when read if the condition no longer persists. the sr register has the unique ability to initiate a hardware interrupt via the int pin. each of the alarms and events in the sr can be either masked or unmasked from the interrupt pins via the interrupt mask register (imr). downloaded from: http:///
ds2172 13 of 22 sr: status register (address=14 hex) (msb) (lsb) - ra1 ra0 rlos bed bcof becof sync symbol position name and description -s r . 7 not assigned. could be any value when read. ra1 sr.6 receive all ones. set when 32 consecutive 1s are received; allowed to be cleared when a 0 is received. ra0 sr.5 receive all zeros. set when 32 consecutive 0s are received; allowed to be cleared when a 1 is received. rlos sr.4 receive loss of sync. set when the device is searching for synchronization. once sync is achieved, will remain set until read. bed sr.3 bit error detection. set when bit errors are detected. bcof sr.2 bit counter overflow. set when the 32-bit bcr overflows. becof sr.1 bit error count overflow. set when the 32-bit becr overflows. sync sr.0 sync. real time status of the synchronizer (this bit is not latched). will be set when synchronization is declared. will be cleared when 6 or more bits out of 64 are received in error (if pcr.2 = 0). downloaded from: http:///
ds2172 14 of 22 imr: interrupt mask register (address=15 hex) (msb) (lsb) - ra1 ra0 rlos bed bcof becof sync symbol position name and description -i m r . 7 not assigned. should be set to 0 when written to. ra1 imr.6 receive all 1s. 0 = interrupt masked 1 = interrupt enabled ra0 imr.5 receive all 0s. 0 = interrupt masked 1 = interrupt enabled rlos imr.4 receive loss of sync. 0 = interrupt masked 1 = interrupt enabled bed imr.3 bit error detection. 0 = interrupt masked 1 = interrupt enabled bcof imr.2 bit counter overflow. 0 = interrupt masked 1 = interrupt enabled becof imr.1 bit error count overflow. 0 = interrupt masked 1 = interrupt enabled sync imr.0 sync. 0 = interrupt masked 1 = interrupt enabled downloaded from: http:///
ds2172 15 of 22 12.0 ac timing and dc operating characteristics absolute maximum ratings* voltage on any pin relative to ground -1.0v to +7.0v operating temperature for ds2172tn -40c to +85c storage temperature -55c to +125c soldering temperature see j-std-020a specification * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (0 0 c to 70 0 c for ds2172t) -40 0 c to +85 0 c for ds2172tn ) parameter symbol min typ max units notes logic 1 v ih 2.0 v dd +0.3 v logic 0 v il -0.3 +0.8 v supply v dd 4.50 5.50 v capacitance (t a =25 0 c) parameter symbol min typ max units notes input capacitance c in 5p f output capacitance c out 7p f dc characteristics (0 0 c to 70 0 c for ds2172t; v dd =5v10%) -40 0 c to +85 0 c for ds2172tn; v dd =5v10%) parameter symbol min typ max units notes supply current @ 5v i dd 10 ma 1 input leakage i il -1.0 +1.0 a 2 output leakage i lo 1.0 a 3 output current @ 2.4v i oh -1.0 ma output current @ 0.4v i ol +4.0 ma notes:1. tclk = rclk = 1.544 mhz; outputs open circuited. 2. 0.0v < v in < v dd . 3. applies to int when tri-stated. downloaded from: http:///
ds2172 16 of 22 ac characteristics - parallel port (0 0 c to 70 0 c for ds2172t; v dd =5v 10%) -40 0 c to +85 0 c for ds2172tn; v dd =5v 10%) parameter symbol min typ max units notes cycle time t cyc 200 ns pulse width, ds low or rd high pw el 100 ns pulse width, ds high or rd low pw eh 100 ns input rise/fall times t r , t f 20 ns r/ w hold times t rwh 10 ns r/ w setup time before ds high t rws 50 ns cs setup time before ds, wr or rd active t cs 20 ns cs hold time t ch 0n s read data hold time t dhr 55 0 n s write data hold time t dhw 0n s mux'ed address valid to as or ale fall t asl 15 ns mux'ed address hold time t ahl 10 ns delay time ds, wr or rd to as or ale rise t asd 20 ns pulse width as or ale high pw ash 30 ns delay time, as or ale to ds, wr or rd t ased 10 ns output data delay time from ds or rd t ddr 55 0 n s data setup time t dsw 50 ns downloaded from: http:///
ds2172 17 of 22 intel bus read ac timing (bts=0) figure 3 t ahl t dhr t ddr t asl t ch pw eh pw el t asd t asd t cyc pw ash t ased t cs ale wr rd cs ad0-ad7 downloaded from: http:///
ds2172 18 of 22 intel bus write ac timing (bts=0) figure 4 t dsw t ahl t dhw t asl t ch pw eh pw el t asd t asd t cyc pw ash t ased t cs ale rd wr cs ad0-ad7 downloaded from: http:///
ds2172 19 of 22 motorola bus ac timing (bts=1) figure 5 t dhw t dsw t ahl t asl t ch t ahl t cs t asl t rws t ddr t dhr t rwh t cyc pw eh t ased pw el t asd pw ash as ds r/w ad0-ad7 ( read ) cs ad0-ad7 (write) downloaded from: http:///
ds2172 20 of 22 ac characteristics - receive side (0 0 c to 70 0 c for ds2172t; v dd =5v 10%) -40 0 c to +85 0 c for ds2172tn; v dd =5v 10%) parameter symbol min typ max units notes rclk period t cp 19 ns rclk pulse width t ch t cl 88 nsns rdata set up to rclk rising t su1 4n s rdata hold from rclk rising t hd1 0n s rdis set up to rclk rising t su2 4n s rdis hold from rclk rising t hd2 0n s rl and lc pulse width t wrl 25 ns rclk rise and fall times t r , t f 10 ns 1 ac characteristics - transmit side (0 0 c to 70 0 c for ds2172t; v dd =5v 10%) -40 0 c to +85 0 c for ds2172tn; v dd =5v 10%) parameter symbol min typ max units notes tclk period t cp 19 ns tclk pulse width t ch t cl 88 nsns tdata delay from tclk rising t dd 9n s tdis set up to tclk rising t su 4n s tdis hold from tclk rising t hd 0n s tl pulse width t wtl 15 ns tl set up to tclk rising t stl 4n s tl hold off from tclk rising t htl 0n s tclk rise and fall time t r , t f 10 ns 1 note:1. the maximum rise and fall time is either 10 ns or 10% of t cp whichever is less. downloaded from: http:///
ds2172 21 of 22 receive ac timing figure 6 transmit ac timing figure 7 note: when tdis is high about the rising edge of tclk, tdata will not be updated and will be held with the previous valve until tdis is low about the rising edge of tclk. transmit ac timing for the tl input figure 8 note: the rising edge of tl causes the internal pattern generation circuitry to be reloaded; the first bit of the new pat tern ( the shaded one) will appear after two tclk periods. downloaded from: http:///
ds2172 22 of 22 ds2172 32-pin tqfp dim min max a -1 . 2 0 a1 0.05 0.15 a2 0.95 1.05 d 8.80 9.20 d1 7.00 bsc e 8.80 9.20 e1 7.00 bsc l 0.45 0.75 e 0.80 bsc b 0.30 0.45 c 0.09 0.20 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DS2172TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X