Part Number Hot Search : 
AAT31 1N5231 HCT240 B551C 02M10 P83C152A 200CT 74HC157
Product Description
Full Text Search
 

To Download DMTH6004SCTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dm th6004sctb document number: ds 37382 rev. 5 - 2 1 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product 60v 175c n - channel enhancement mode mosfet product summary b v dss r ds(on) max i d t c = + 25 c (note 9 ) 6 0 v 3.4 m? @ v gs = 10 v 100a description this new generation mosfet features low on - resistance and fast switching, making it ideal for high efficiency power management applications. applications ? engine management systems ? body control electronics ? dc - dc converters features ? rated to + 175 c C ideal for high ambient temperature e nvironments ? 1 00% un clamped inductive switching C ensures more r eli able and robust end a pplication ? low r ds ( on ) C minimizes power l osses ? low q g C minimizes switching l osses ? lead - free finish ; rohs c ompliant (notes 1 & 2) ? halogen and antimony free. green ? qualified to aec - q101 standards for high reliability ? an automotive - complia nt part is available under separate datasheet ( dm t h 6004sctbq ) mechanical data ? case: to263 ab ? case material: molded pl astic, Dgreen molding compound . ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminal finish - matte tin a nnealed over copper leadframe. solderable per mil - std - 202, method 208 ? weight: 1. 7 grams (a pproximate) ordering information (note 4 ) note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging det ails, go to our website at http: //www.diodes.com/products/packages.html . marking information part number case packaging dm t h6004sctb - 13 to263 ab 800 / tape & reel internal schematic top view to263ab yyww t6004s ctb t6004s ctb = product type marking code yyww = date code marking yy = last two digits of year (ex: 1 5 = 20 1 5 ) ww = week (01 to 53) pin out top view d d g s green
dm th6004sctb document number: ds 37382 rev. 5 - 2 2 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product maximum ratings (@ t a = +25 c, unless otherwise specified.) characteristic symbol value unit drain - source voltage v dss 6 0 v gate - source voltage v gss ? t c = +25c (note 9 ) i d 100 a t c = + 10 0c 100 maximum continuous body diode f orward current (note 6 ) t c = +25c i s 1 00 a pulsed drain curren t ( 10 dm 200 a avalanche current, l=0. 2 mh i as 45 a avalanche energy, l=0. 2 mh e as 2 00 mj thermal characteristics characteristic symbol value unit total power dissipation (note 5 ) t a = +25c p d 4.7 w thermal resistance, junction to ambient (note 5 ) r ja 32 c/w total power dissipation (note 6 ) t c = +25c p d 136 w thermal resistance, junction to case (note 6 ) r j c 1. 1 c/w operating and storage temperature range t j, t stg - 55 to +1 75 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7 ) drain - source breakdown voltage bv dss 6 0 gs = 0v, i d = 1m a zero gate voltage drain current i dss ds = 48 v, v gs = 0v gate - source leakage i gss gs = ? ds = 0v on characteristics (note 7 ) gate threshold voltage v gs( th ) 2 ds = v gs , i d = 250 a static drain - source on - resistance r ds(on) gs = 10 v, i d = 10 0 a diode forward voltage v sd gs = 0v, i s = 10 0 a dynamic characteristics (note 8 ) input capacitance c iss ds = 30 v, v gs = 0v f = 1mhz output capacitance c oss rss g ds = 0 v, v gs = 0v , f = 1mhz total gate charge q g ? d d = 30 v, i d = 90 a , v gs = 10 v gate - source charge q gs gd d( on ) dd = 30 v, v gs = 10 v, i d = 90 a , r g = 3.5 r d( off ) f rr f = 50 a, di/dt= 10 0a/ s reverse recovery charge q rr notes: 5 . device mounted on fr - 4 substrate pc board, 2oz copper, with thermal b ias to bottom layer 1 - inch square copper plate . 6 . thermal resistance from junction to soldering point (on the exposed drain pad). 7 . short duration pulse test used to minimize self - heating effect. 8 . guaranteed by desig n. not subject to product testing. 9. package limited.
dm th6004sctb document number: ds 37382 rev. 5 - 2 3 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product ( m ) ( m ) v , drain -source voltage (v) ds figure 1 typical output characteristics i , d r a i n c u r r e n t ( a ) d 0 20 40 60 80 100 120 140 160 180 200 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 v = 3.5v gs v = 4.0v gs v = 4.5v gs v = 5.0v gs v = 6.0v gs v = 10v gs v , gate-source voltage (v) gs figure 2 typical transfer characteristics i , d r a i n c u r r e n t ( a ) d 0 5 10 15 20 25 30 0 1 2 3 4 5 6 v = 5.0v ds t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a i , drain source current (a) d figure 3 typical on-resistance vs. drain current and gate voltage r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? 0 1 2 3 4 5 0 30 60 90 120 150 v = 10v gs v , gate-source voltage (v) gs figure 4 typical transfer characteristic r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? 0 1 2 3 4 5 6 7 8 9 10 2 4 6 8 10 12 14 16 18 20 i = 90a d i , drain source current (a) d figure 5 typical on-resistance vs. drain current and temperature r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? 0 0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008 10 30 50 70 90 110 130 150 v = 10v gs t = -55c a t = 25c a t = 85c a t = 125c a t = 175c a t = 150c a t , junction temperature ( c) j ? figure 6 on-resistance variation with temperature r , d r a i n - s o u r c e d s ( o n ) o n - r e s i s t a n c e ( n o r m a l i z e d ) 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 -50 -25 0 25 50 75 100 125 150 175 v = 10v gs i = 90a d v = 20v gs i = 100a d
dm th6004sctb document number: ds 37382 rev. 5 - 2 4 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 90 100 v gs (v) qg (nc) figure 11. gate charge v ds = 30v, i d = 90a 10 100 1000 10000 0 5 10 15 20 25 30 35 40 45 50 55 60 c t , junction capacitance (p f) v ds , drain - source voltage (v) figure 10. typical junction capacitance f=1mhz c rss c oss c iss t , junction temperature ( c) j ? figure 7 on-resistance variation with temperature r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? 0 0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008 -50 -25 0 25 50 75 100 125 150 175 v = 10v gs i = 90a d v = 20v gs i = 100a d t , junction temperature (c) j figure 8 gate threshold variation vs. temperature v , g a t e t h r e s h o l d v o l t a g e ( v ) g s ( t h ) 0.5 1 1.5 2 2.5 3 -50 -25 0 25 50 75 100 125 150 175 i = 1ma d i = 250a d v , source-drain voltage (v) sd figure 9 diode forward voltage vs. current i , s o u r c e c u r r e n t ( a ) s 0 30 60 90 120 150 0 0.3 0.6 0.9 1.2 1.5 t = 25c a t = 25c a t = -55c a t = 25c a t = 25c a t = 25c a t = 85c a t = 125c a t = 25c a t = 25c a t = 150c a t = 175c a .01 .1 1 10 100 1000 .1 1 10 100 p = 1s w p = 100ms w p = 10ms w p = 1ms w p = 10s w p = 100s w p = 1s w i , d r a i n c u r r e n t ( a ) d v , drain-source voltage (v) ds figure 12 soa, safe operation area r ds(on) limited t = 175c j(m ax) t = 25c c v = 10v gs single pulse dut on infinite heatsink
dm th6004sctb document number: ds 37382 rev. 5 - 2 5 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product t1, pulse duration time (sec) figure 13 transient thermal resistance r ( t ) , t r a n s i e n t t h e r m a l r e s i s t a n c e 0.001 0.01 0.1 1 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 single pulse d = 0.005 d = 0.01 d = 0.02 d = 0.9 d = 0.7 d = 0.5 d = 0.3 d = 0.1 d = 0.05 r (t) = r(t) * r thjc thjc r = 1.08c/w thjc duty cycle, d = t1/ t2
dm th6004sctb document number: ds 37382 rev. 5 - 2 6 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. to263ab (d2pak) to2 63ab ( d2pak ) dim min max typ a 4.07 4.82 a1 0.00 0. 25 b 0. 51 0.99 b2 1.15 1.77 c 0. 356 0. 73 c2 1.143 1.65 d 8.39 9.65 d1 6.55 6.95 e 2.54 typ e 9.66 10.66 e1 6.23 8.23 h 14.61 15.87 l 1. 78 2.79 l 1 1.67 l2 1.77 l3 0.254 a 0 8 all dimensions in mm suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. dimensions value (in mm) c 5.08 x 1.10 x1 10.41 y 3.50 y1 7.01 y2 15.99 to263ab ( d2pak ) e l1 d b2 b e l2 c2 a h see detail b 7 1 c e1 d1 a1 gauge plane l l3 a detail b seating plane x1 y1 y2 c x y
dm th6004sctb document number: ds 37382 rev. 5 - 2 7 of 7 www.diodes.com november 2015 ? diodes incorporated dm th6004sctb new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products d escribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated doe s not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnif y and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicati on. products described herein may be covered by one or more united states, international or foreign patents pending. product name s and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are spe cifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or syst ems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. custo mers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support device s or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, cus tomers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMTH6004SCTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X