Part Number Hot Search : 
SF106 363AM VC2G0 645ET ZMM5227B OVLKGGT6 P202W G129G130
Product Description
Full Text Search
 

To Download DB25-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  db15/25-005 ... db15/25-16 db15/25-005 ... db15/25-16 three-phase si-bridge-rectifiers dreiphasen-si-brckengleichrichter version 2014-06-24 dimensions - ma?e [mm] nominal current nennstrom 15/25 a alternating input voltage eingangswechselspannung 35...1000 v plastic case with alu bottom plastikgeh?use mit alu-boden 28.5 x 28.5 x 10 [mm] terminals anschlsse fast-on 1 ) weight approx. C gewicht ca. 21 g compound has classification ul94v-0 vergussmasse nach ul94v-0 klassifiziert standard packaging bulk standard lieferform lose im karton recognized product C underwriters laboratories inc.? file e175067 anerkanntes produkt C underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ max. alternating input voltage max. eingangswechselspannung v vrms [v] repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] 2 ) db15/25-005 35 50 db15/25-01 70 100 db15/25-02 140 200 db15/25-04 280 400 db15/25-06 420 600 db15/25-08 560 800 db15/25-10 700 1000 db15/25-12 800 1200 db15/25-14 900 1400 db15/25-16 1000 1600 1 solderable per mil-std-202, method 208, terminal temperature not exceeding 260c l?tbar gem?? mil-std-202, methode 208, temperatur der anschlussdr?hte nicht h?her als 260c 2 valid per diode C gltig pro diode ? diotec semiconductor ag http://www.diotec.com/ 1 2 4 . 3 0 . 2 28.5 0.2 16 0.2 21.6 1 10 0.2 0 . 8 6 . 3 ? 5.2 = = t y p e + _
db15/25-005 ... db15/25-16 maximum ratings grenzwerte repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 100 a 1 ) peak forward surge current 50 hz half sine-wave sto?strom fr eine 50 hz sinus-halbwelle t a = 25c i fsm 350 a peak forward surge current 60 hz half sine-wave sto?strom fr eine 60 hz sinus-halbwelle t a = 25c i fsm 385 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 630 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c characteristics kennwerte max. current with cooling fin 300 cm2 dauergrenzstrom mit khlblech 300 cm 2 t a = 50c r-load c-load i fav i fav 25 a 25 a forward voltage C durchlass-spannung t j = 25c i f = 12.5 a v f < 1.05 v 2 ) leakage current db15/25005 ... db15/2504 sperrstrom db15/2506 ... db15/2516 t j = 25c t j = 25c v r = v rrm v r = v rrm i r i r < 5 a < 10 a isolation voltage terminals to case C isolationsspg. anschlsse zum geh?use v iso > 2500 v thermal resistance junction to case C w?rmewiderst. sperrschicht C geh. r thc < 2.4 k/w admissible torque for mounting zul?ssiges anzugsdrehmoment 10-32 unf m5 18 10% lb.in. 2 10% nm 1 valid, if the temperature of the case is kept to t c = 120c C gltig, wenn die geh?usetemperatur auf t c = 120c gehalten wird 2 valid per diode C gltig pro diode 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 forward characteristics (typical values) durchlasskennlinien (typische werte) 10 10 10 1 10 3 2 -1 [a] i f 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 350a-(12.5a-1,05v)


▲Up To Search▲   

 
Price & Availability of DB25-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X