Part Number Hot Search : 
A1005 5KE10 MBR15 3X06M IW4520BN MC340 B3300 SP13T
Product Description
Full Text Search
 

To Download CD1607-B140L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cd1607-b140 / b140l schottky barrier rectifier chip diode features lead free rohs compliant* low profile package surface mount very low forward voltage drop general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. bourns offers schottky rectifier diodes for rectification applications, in compact chip package 1607 (mini-sma) size format, which offer pcb real estate savings and are considerably smaller than competitive parts. the schottky rectifier diodes offer a forward current of 1 a with a repetitive peak reverse voltage of 40 v. bourns ? chip diodes conform to jedec standards, easy to handle on standard pick and place equipment and their flat configuration makes roll away much more difficult. parameter symbol cd1607- unit b140 b140l forward voltage (max.) v f 0.5 0.4 v (i f = 1 a) typical junction c t 110 110 pf capacitance* reverse current (max.) i r 0.5 1.0 ma at rated v r ) electrical characteristics (@ t a = 25 c unless otherwise noted) how to order cd 1607 - b 1 40 l lf common code chip diode package ? 1607 = mini-sma model b = schottky barrier series average forward current (i o ) code 1 = 1 a (code x 1000 ma = average forward current) reverse voltage (v r ) code 40 = 40 v forward voltage suffix l = low forward voltage v f terminations lf = 100 % sn (lead free) absolute ratings (@ t a = 25 c unless otherwise noted) parameter symbol cd1607- unit b140 b140l repetitive peak v rrm 40 40 v reverse voltage reverse voltage v r 40 40 v maximum rms voltage v rms 28 28 v avg. forward current i o a 1 forward current, surge peak i surge a *03 (60 hz, 1 cycle) typical thermal r jl w/c 02 resistance** storage temperature t stg c 051+ ot 55- junction temperature t j c 521+ ot 55- * measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. ** thermal resistance junction to lead. * condition: 8.3 ms single half sine-wave superimposed on rate load (jedec method). *rohs compliant t el: +886-2 2562-4117 ? fax: +886-2 2562-4116 emea: t el: +36 88 520 390 ? fax: +36 88 520 211 the americas: t el: +1-951 781-5500 ? fax: +1-951 781-5700 www.bourns.com *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifications are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specific applications. this series is currently available but not recommended for new designs.
cd1607- b140 ........ .......... .............................................. .. l4 cd1607-b 14 0l ........ .......... ............................................ .. l4 product dimensions recommended pad layout physical specifications typical part marking case....................................................................1607 molded plastic polarity ..........................................color band denotes cathode end terminals..........................solderable per mil-std-750, method 206 weight ......................................................approximately 0.04 grams dimension mini-sma a 3.70 - 4.10 (0.146 - 0.161) b 1.40 - 1.80 (0.055 - 0.071) c 0.30 typ. (0.012) d 2.40 - 2.80 (0.094 - 0.110) e 2 plcs. 0.90 typ. (0.035) f 1.40 - 1.60 (0.055 - 0.063) b f c d a e a c b mm (inches) dimensions: dimension mini-sma a (max.) 3.50 (0.138) b (min.) 1.50 (0.059) c (min.) 1.50 (0.059) mm (inches) dimensions: specifications are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specific applications. applications cellular phones pdas desktop pcs and notebooks digital cameras mp3 players cd1607-b140 / b140l schottky barrier rectifier chip diode
rating and characteristic curves: cd1607-b140 derating curve capacitance between terminals forward characteristics reverse characteristics 100 0.1 1 10 0.01 forward current (amps) 0.0 0.2 0.4 0.6 0.8 1.0 1.4 1.6 1.8 2.0 forward voltage (volts) 1.2 100 0.1 1 10 0.01 reverse current (mamps) 0 20 40 60 80 100 140 160 180 200 percent of rated peak reverse voltage (%) 120 tj=25 c tj=75 c 1.25 1.00 0.75 0.50 0.25 0.00 25 50 75 100 125 150 average forward current (amps) lead temperature ( c) single phase half wave 60 hz resistive or inductive load 1000 900 800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 capacitance (pf) reverse voltage (volts) f = 1 mhz ta = 25 c specifications are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specific applications. cd1607-b140 / b140l schottky barrier rectifier chip diode
rating and characteristic curves: CD1607-B140L derating curve capacitance between terminals forward characteristics reverse characteristics 100 0.1 1 10 0.01 forward current (amps) 0.0 0.2 0.4 0.6 0.8 1.0 1.4 1.6 1.8 2.0 forward voltage (volts) 1.2 100 0.1 1 10 0.01 reverse current (mamps) 0 20 40 60 80 100 140 160 180 200 percent of rated peak reverse voltage (%) 120 tj=25 c tj=75 c 1.25 1.00 0.75 0.50 0.25 0.00 20 40 60 80 100 120 140 160 average forward current (amps) lead temperature ( c) single phase half wave 60 hz resistive or inductive load 1000 900 800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 capacitance (pf) reverse voltage (volts) f = 1 mhz ta = 25 c specifications are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specific applications. cd1607-b140 / b140l schottky barrier rectifier chip diode
packaging information the product will be dispensed in tape and reel format (see diagram below). ..... .. ..... .. ..... .. ..... .. ..... .. ..... .. ..... .. ..... .. p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end redael ecived reliart start d devices are packed in accordance with eia standard rs-481-a and specifications shown here. mm (inches) dimensions: 7061 lobmys meti a htdiw reirrac 1.90 0.10 (0.075 - 0.004) b htgnel reirrac 4.30 0.10 (0.169 - 0.004) c htped reirrac 1.80 0.10 (0.071 - 0.004) d eloh tekcorps 1.55 0.05 (0.061 - 0.002) d retemaid edistuo leer 178 (7.008) d retemaid renni leer 1 80.0 min. (3.150) d retemaid eloh deef 2 13.0 0.20 (0.512 - 0.008) e noitisop eloh tekcorps 1.75 0.10 (0.069 - 0.004)) f noitisop eloh hcnup 3.50 0.05 (0.138 - 0.002) p hctip eloh hcnup 4.00 0.10 (0.157 - 0.004) p hctip eloh tekcorps 0 4.00 0.10 (0.157 - 0.004) p retnec tnemssobme 1 2.00 0.05 (0.079 - 0.002) t ssenkciht epat llarevo 0.20 0.10 (0.008 - 0.004) w htdiw epat 8.00 0.20 (0.315 - 0.008) w htdiw leer 1 13.5 max. (0.531) 005,2 -- leer rep ytitnauq rev. 12/15 specifications are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specific applications. cd1607-b140 / b140l schottky barrier rectifier chip diode


▲Up To Search▲   

 
Price & Availability of CD1607-B140L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X