Part Number Hot Search : 
VOL87 AP9973GM 74HC1 MBR102 TBU406G AMS9491A IRGCT LCE90A
Product Description
Full Text Search
 

To Download C412C105K1R5TA7293 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 1 benefts ? a xial leaded form factor ? c onformally coated ? encapsulation meets fammability standard ul 94vC0 ? operating temperature range of ?55c to +125c ? lead (pb)-free, rohs and reach compliant ? x7r temperature stable dielectric ? dc voltage ratings of 25 v, 50 v, 100 v, 200 v, and 250 v ? capacitance offerings ranging from 10 pf to 10 f ? available capacitance tolerances of 5%, 10% and 20% ? n on-polar device, minimizing installation concerns ? 100% pure matte tin-plated lead fnish allowing for excellent s olderability ? snpb-plated lead fnish option available upon request (sn60/pb40) overview kemets aximax conformally coated axial leaded ceramic capacitors in x7r dielectric feature a 125c maximum oper ating temperature. t he electronics industries alliance (e ia) characterizes x7r dielectric as a class ii "temperature stable " material. components of this classifcation are fxed, cer amic dielectric capacitors suited for bypass and decoupling applications or for frequency discriminating circuits where q and stability of capacitance characteristics are not critical. x7r exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capacitance with r eference to ambient temperature. capacitance change is limited t o 15% from ?55c to +125c. t hese devices meets the fame test requirements outlined in ul standar d 94vC0. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade) ordering information c 410 c 105 k 3 r 5 t a 7200 ceramic style/ size specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric design lead finish 2 failure rate packaging (c-spec) 410 412 420 430 440 c = standard first two digits represent signifcant f gures. third d igit specifes n umber of z eros. j = 5% k = 10% m = 20% 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 r = x7r 5 = multilayer t = 100% matte sn h = snpb (60/40) a = n/a blank = bulk 7200 = 12" reel 7 293 = ammo pack 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 lead materials: standard: 100% matte tin (sn) with nickel (ni) underplate and steel core ( t designation). alternative 1: 60% tin (sn)/40% lead (pb) fnish with copper-clad steel core ( h designation). alternative 2: 60% tin (sn)/40% lead (pb) fnish with 100% copper core (available with h designation code with c-spec). contact kemet for c-spec details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 2 applications typical applications include decoupling, bypass, fltering and transient voltage suppression. application notes these devices are not recommended for use in overmold applications and/or processes. dimensions C inches (millimeters) l d ld 005 (0) maximum ll series style/ size l length maximum d 1 ld lead diameter ll 00rkl 1r c41x 410 0.170 (4.32) 0.095 ( 2.31) 0.020+0.001/?0.003 (0.51+0.025/?0.076) 1.0+0.001/?003 (25.4+0.025/?0.076) 412 c42x 420 c43x 430 c44x 440 qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are r eferenced in t able 2, performance & reliability. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 3 environmental compliance lead (pb)-free, reach and rohs compliant without exemptions when ordered with a 100% tin (sn) wire lead fnish. pr oduct ordered with tin/ lead (sn60/pb40) wire lead fnish do not meet rohs criteria. series termination finish (wire lead) rohs compliant rohs exemption code reach compliant 1 halogen free 400 (c4xx) 1 00% matte sn yes n/a yes yes sn60/pb40 no n/a yes yes 1 reach compliance indicates product does not contain substance/s of very high concern (svhc) electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +125c c apacitance change with reference to +25c and 0 vdc applied (tcc) 15% aging rate (maximum % cap loss/decade hour) 3.0% dielectric w ithstanding v oltage 250% of rated voltage (51 second and charge/discharge not exceeding 50 ma at 25c) dissipation factor (df) maximum limit at 25c see dissipation factor limit table i nsulation resistance (ir) limit at 25c see insulation resistance limit table (rated voltage applied for 1205 seconds at 25c) regarding aging rate: capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 k hz 50 hz and 1.0 0.2 v rms if capacitance 10 f 1 20 hz 10 hz and 0.5 0.1 v rms if capacitance > 10 f note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 4 insulation resistance limit table style/size 1,000 megohm microfarads or 100g 500 megohm microfarads or 10g 410 < 0.15f 0.15f 412 < 0.15f 0.15f 420 < 0.47f 0.47f 430 < 0.47f 0.47f 440 < 0.47f 0.47f post environmental limits high temperature life, biased humidity and storage life style/size rated dc voltage capacitance value dissipation factor (maximum %) c apacitance shift i nsulation resistance c410 >25 < 1.0f 3.0 20% 1 0% of initial l imit 1.0 f 20.0 25 < 2.2 f 5.0 2.2 f 20.0 c412, c420, c440 >25 all 3.0 25 5.0 c430 >25 all 3.0 25 < 10.0f 5.0 10.0 f 20.0 dissipation factor (df) limit table style/size rated dc voltage rated capacitance dissipation factor (maximum %) c410 25 < 2.2 f 3.5 2.2 f 10.0 > 25 < 1.0 f 2.5 1.0 f 10.0 c412, c420, c440 25 all 3.5 > 25 2.5 c430 25 < 10.0 f 3.5 10.0 f 10.0 > 25 all 2.5 axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 5 table 1a C c410 style/size, capacitance range waterfall c410 style/size (0.095" diameter x 0.170" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 10pf j = 5% k = 10% m = 20% 100 100 100 100 100 12pf 120 120 120 120 120 15pf 150 150 150 150 150 18pf 180 180 180 180 180 22pf 220 220 220 220 220 27pf 270 270 270 270 270 33pf 330 330 330 330 330 39pf 390 390 390 390 390 47pf 470 470 470 470 470 56pf 560 560 560 560 560 68pf 680 680 680 680 680 82pf 820 820 820 820 820 100pf 101 101 101 101 101 120pf 121 121 121 121 121 150pf 151 151 151 151 151 180pf 181 181 181 181 181 220pf 221 221 221 221 221 270pf 271 271 271 271 271 330pf 331 331 331 331 331 390pf 391 391 391 391 391 470pf 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 273 0.033f 333 333 333 333 0.039f 393 393 393 393 0.047f 473 473 473 473 0.056f 563 563 563 563 0.068f 683 683 683 0.082f 823 823 823 0.1f 104 104 104 0.12f 124 124 124 0.15f 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 0.33f 334 334 0.39f 394 394 0.47f 474 474 0.56f 564 564 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 6 table 1a C c410 style/size, capacitance range waterfall cont'd table 1b C c412 style/size, capacitance range waterfall c412 style/size (0.120" diameter x 0.170" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 470pf j = 5% k = 10% m = 20% 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 0.033f 333 333 333 0.039f 393 393 393 0.047f 473 473 473 0.056f 563 563 563 0.068f 683 683 683 0.082f 823 823 823 0.1f 104 104 104 0.12f 124 124 124 0.15f 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 0.33f 334 334 0.39f 394 394 0.47f 474 474 0.56f 564 564 0.68f 684 684 0.82f 824 1.0f 105 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a c410 style/size (0.095" diameter x 0.170" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.68f j = 5% k = 10% m = 20% 684 684 0.82f 824 1.0f 105 105 2.2f 225 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 7 table 1c C c420 style/size, capacitance range waterfall c420 style/size (0.100" diameter x 0.200" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 470pf j = 5% k = 10% m = 20% 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 273 273 0.033f 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 683 683 0.082f 823 823 823 823 823 0.1f 104 104 104 104 104 0.12f 124 124 124 0.15f 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 274 0.33f 334 334 334 0.39f 394 394 394 0.47f 474 474 474 0.56f 564 564 0.68f 684 684 0.82f 824 824 1.0f 105 105 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 8 table 1d C c430 style/size, capacitance range waterfall c430 style/size (0.150" diameter x 0.240" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.022f j = 5% k = 10% m = 20% 223 223 223 223 223 0.027f 273 273 273 273 273 0.033f 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 683 683 0.082f 823 823 823 823 823 0.1f 104 104 104 104 104 0.12f 124 124 124 124 124 0.15f 154 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 274 0.33f 334 334 334 0.39f 394 394 394 0.47f 474 474 474 0.56f 564 564 0.68f 684 684 0.82f 824 824 1.0f 105 105 1.2f 125 125 1.5f 155 155 1.8f 185 185 2.0f 205 205 2.2f 225 225 2.7f 275 3.3f 335 3.9f 395 4.7f 475 10f 106* rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a * only available on k and m tolerances. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 9 table 1e C c440 style/size, capacitance range waterfall c440 style/size (0.150" diameter x 0.260" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.033f j = 5% k = 10% m = 20% 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 683 683 0.082f 823 823 823 823 823 0.1f 104 104 104 104 104 0.12f 124 124 124 124 124 0.15f 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 274 0.33f 334 334 334 0.39f 394 394 394 0.47f 474 474 474 0.56f 564 564 0.68f 684 684 0.82f 824 824 1.0f 105 105 1.2f 125 125 1.5f 155 155 1.8f 185 185 2.0f 205 205 2.2f 225 225 2.7f 275 3.3f 335 3.9f 395 4.7f 475 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 10 soldering process recommended soldering methods: ? s older wave ? hand soldering (manual) recommended soldering profle: ? optimum wave solder profle 0 25 50 75 100 125 150 175 200 225 250 1 2 3 time (minutes) degrees ? co 4 5 6 flux zone preheat zone entrance to solder wave exit from solder wave hot air debridging exit from solder machine (time in wave ? 2 to 4 seconds) solder wave peak temperature 260oc entrance to solder machine 80oc to 120oc bottom side temperature range top side nominal 150oc maximum free air cool entrance to in-line cleaner exit from in-line cleaner (time in cleaner may be less) immersion in cleaning vapor mounting all encased capacitors will pass the resistance to soldering heat of mil-std-202, method 210, condition c. this test simulates wave solder topside board mount product. this demonstration of resistance to solder heat is in accordance with what is believed to be the industry standard. more severe treatment must be considered refective of an improper soldering pr ocess. the above fgure is a recommended solder wave profle for both axial and radial leaded ceramic capacitors. ? hand soldering (manual) ma nu al sold er profil e with pre-heating gra du al preh eat 60 ? 120 seconds recommend 2.5oc/second soldering m aximum 3 sec onds del ta t < = 120oc gra du al c ooli ng axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 11 table 2 C performance & reliability: test methods and conditions stress reference test or inspection method solderability j-std-002 magnifcation 50x. conditions: a) method a, at 235c, category 3 jesd22 method ja-104 5 cycles (?55c to +125c), measurement at 24 hours +/?4 hours after test conclusion. biased humidity mil-std-202 method 103 load humidity, 1,000 hours 85c/85%rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. low volt humidity, 1,000 hours 85c/85%rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. moisture resistance mil-std-202 method 106 t = 24 hours/cycle. steps 7a & 7b not required. unpowered. measurement at 24 hours +/?4 hours after test conclusion. thermal shock m il-std-202 method 107 ?55oc to +125c. note: number of cycles required = 300. maximum transfer time = 20 seconds. dwell time ?15 minutes. air C air. high temperature life mil-std-202 method 108 / eia -198 syw ex js >9 mx < exi spxeki ettpmi 7 xseki 0mji 1-078 1ixs js syw mfexmsr 1-078 1ixs k js mryxiw ggpiw ieg sj smirxexmsrw 2sxi 9wi < 4 xmgo secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10-2000 hz. heat mil-std-202 method 210 c ondition b. no preheat of samples. note: single wave solder C procedure 2. terminal s trength mil-std-202 method 211 conditions a (454g), condition c (227g) mechanical s hock mil-std-202 method 213 figure 1 of method 213, condition c. resistance to solvents mil-std-202 method 215 add aqueous wash chemical C okem clean or equivalent. storage & handling the un-mounted storage life of a leaded ceramic capacitor is dependent upon storage and atmospheric conditions as well as packaging materials. while the ceramic chips enveloped under the epoxy coating themselves are quite robust in most environments, solderability of the wire lead on the fnal epoxy-coated product will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degr aded by high temperature and exposure to direct sunlightCreels may soften or warp, and tape peel force may increase. kemet recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. for optimum solder ability, capacitor stock should be used promptly, preferably within 18 months of receipt. for applications requiring pr e-tinning of components, storage life may be extended if solderability is verifed. before cleaning, bonding or molding these de vices, it is important to verify that your process does not affect product quality and performance. kemet recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any of these processes. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 12 construction dielectric material (batio 3 ) detailed cross section inner electrodes (ni) barrier layer (ni) external electrode (cu) finish layer (sn) epoxy encapsulation inner electrodes (ni) finish layer (sn) barrier layer (ni) external electrode (cu) epoxy encapsulation inner electrodes (ni) dielectric material (batio 3 ) lead attach solder (sn95/sb5) core metal barrier layer finish layer alt 1 cu 60% sn 40% pb alt 2 cu ? 60% sn 40% pb lead wire std ni 100% matte sn steel marking rated working dc voltage kemet trademark rated capacitance date code 1 (available as an option only) k3r 475k 1520 dielectric code capacitance tolerance 1 to properly request the inclusion of the date code in the marking, ordering code please contact your kemet representative. 15 20 manufacturing y ear: 15 = 2015 manufacturing w eek: 20 = week 20 (of mfg. calendar year) axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 13 packaging quantities style/size standard bulk quantity ammo pack quantity maximum reel quantity maximum (12" reel) 410 300/box 4000 5000 412 200/box 420 300/box 430 200/box 2000 2500 440 200/box axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 14 symbol reference table a component pitch b inside tape spacing 8eti6iip4egoekmrk-rjsexmsr kemet offers standard reeling of molded and conformally coated axial leaded ceramic capacitors for automatic insertion or lead forming machines in accordance with eia standard 296. kemets internal specif cation four-digit suff x, 7200, is placed at the end of the part number to designate tape and reel packaging, e.g., c410c104z5u5ca7200. paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch 0.400". capacitor lead length may extend only a maximum of .0625" (1.59 mm) beyond the tapes edges. capacitors are centered in a row between the two tapes and will deviate only 0.031" (0.79 mm) from the row center. a minimum of 36" (91.5 cm) leader tape is provided at each f nished length of taped components. universal splicing clips are used to connect the tape. table 3 C ceramic axial tape and reel dimensions metric will govern dimensions millimeters (inches) axial capacitor body diameter a 0.5 (0.020) b 1.5 (0.059)* 0.0 to 5.0 (0.0 to 0.197) 5.0 (0.197) 52.4 (2.062) * inside tape spacing dimension (b) is determined by the body diameter of the capacitor. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1041_aximax_x7r ? 1/10/2017 15 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, x7r dielectric, 25 ? 250 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C412C105K1R5TA7293

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X