Part Number Hot Search : 
106X00 SBU10G LVC14A EVKIT SMAJ36A 1N6062E3 AD7872KR CGP20
Product Description
Full Text Search
 

To Download BU2520D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors BU2520D description ? with to-3pn package ? high voltage,high speed ? built-in damper diode applications ? for use in horizontal def lection circuits of large screen colour tv receivers. pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7.5 v i c collector current (dc) 10 a i cm collector current-peak 25 a i b base current(dc) 6 a i bm base current-peak 9 a p c collector power dissipation t c =25 ?? 125 w t j junction temperature 150 ?? t stg storage temperature -65~150 ?? fig.1 simplified outline (to-3pn) and symbol
inchange semiconductor product specification 2 silicon npn power transistors BU2520D characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ;i b =0,l=25mh 800 v v (br)ebo emitter-base breakdown voltage i b =600ma; i c =0 7.5 13.5 v v cesat collector-emitter saturation voltage i c =6a; i b =1.2a 5.0 v v besat base-emitter saturation voltage i c =6a; i b =1.2a 1.3 v i ces collector cut-off current v ce =ratedv ce ; v be =0 t j =125 ?? 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 100 300 ma h fe-1 dc current gain i c =1a ; v ce =5v 23 h fe-2 dc current gain i c =6a ; v ce =5v 5 7 10 v f diode forward voltage i f =6a 2.2 v c c collector capacitance i e =0 ;v cb =10v;f=1mhz 115 pf
inchange semiconductor product specification 3 silicon npn power transistors BU2520D package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of BU2520D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X