Part Number Hot Search : 
371MX AD9640 TFS70L9 SF15SC6 80014 MC1733 MPQ4460 D2508
Product Description
Full Text Search
 

To Download AZ764FH-1AE-10DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data life expectancy minimum operations mechanical 3 x 10 7 electrical 1.7 x 10 5 at 10 a 230 vac res. (ohmic load at 2.8 x 10 5 at 8 a 230 vac res. 105c / 221f) 3.2 x 10 5 at 6 a 230 vac res. operate time (typical) 7 ms at nominal coil voltage release time (typical) 3 ms at nominal coil voltage (with no coil suppression) dielectric strength 5000 vrms coil to contact (at sea level for 1 min.) 1000 vrms between open contacts insulation 10 5 megohms min. at 500 vdc, resistance 20c, 50% rh insulation c250 (according to overvoltage category: iii din vde 0110, pollution degree: 3 iec 60664-1) nominal voltage: 250 vac dropout dc coils greater than 10% of nominal coil voltage ambient temperature at nominal coil voltage operating -40c (-40f) to 105c (221f) storage -40c (-40f) to 105c (221f) vibration 20 g at 30?500 hz shock 30 g enclosure p.b.t. polyester, ul-94 : v0 terminals tinned copper alloy p.c. and quick connect max. solder temp. 270c (518f) max. solder time 5 seconds weight 16 grams packing unit in pcs 12 per carton tube / 600 per carton box zettler electronics gmbh fax +49 89 800 97 200 www.zettlerelectronics.com office@zettlerelectronics.com 0 97 800 89 +49 te l. germany puchheim, d-82178 junkersstrasse 3, 2010-07-01 az764f 20 amp high temperature miniature power relay features ? quick connect faston and pcb terminals ? ambient temperature up to 105c (221f) ? dielectric strength 5000 vrms ? low height: 15.7 mm ? 20 amp switching (18 a over faston) ? sensitive coils ? isolation spacing greater than 10 mm ? proof tracking index (pti/cti) 250 ? reinforced insulation, en 60730-1 (vde 0631, part 1) en 60335-1 (vde 0700, part 1) ? ul, cur file e43203 ? vde certificate 40012572 contacts arrangement spst (1 form a) ratings resistive load: max. switched power: 600 w or 5000 va max. switched current: 20 a max. switched voltage: 300 vdc* or 400 vac * note: if switching voltage is greater than 30 vdc, special precautions must be taken. please contact the factory. rated load ul, cur 20 a at 250 vac general use vde 10 a at 250 vac resistive, 105 c, 150k cycles 16 a at 250 vac resistive, 105 c, 10k cycles 20 a at 250 vac resistive, 85 c, 10k cycles material silver tin oxide resistance < 100 milliohms initially coil power at pickup voltage 140 mw (typical) max. continuous 2.2 w at 20c (68f) ambient dissipation temperature rise 16c (29f) (at nominal voltage) max. temperature 155c (311f) notes 1. all values at 20c (68f). 2. relay may pull in with less than ?must operate? value. 3. specifications subject to change without notice. 4. allow suitable slack on leads when wiring and do not subject the terminals to excessive force.
2010-07-01 zettler electronics gmbh fax +49 89 800 97 200 www.zettlerelectronics.com office@zettlerelectronics.com 0 97 800 89 +49 te l. germany puchheim, d-82178 junkersstrasse 3, az764f * substitue ?fv? for ?fh? for vertical quick connect terminals. 0 102030405060708090100 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6 2,8 3,0 1 - rated load on contacts dc - coil operating range a - cold coil ( t coil = t ambient ) sensitive coil ambient temperature [c] u b / u n 110 120 1 a coil specifications - dc coil sensitive version order number* nominal coil must operate max. continuous coil resistance vdc vdc vdc ohm 10% 5 3.75 15.0 102 az764fh?1ae?5ds 6 4.5 18.0 144 az764fh?1ae?6ds 9 6.75 27.0 330 az764fh?1ae?9ds 10 7.5 30.0 400 az764fh?1ae?10ds 12 9.0 36.0 580 az764fh?1ae?12ds 24 18.0 72.0 2,300 az764fh?1ae?24ds relay ordering data dc voltage [v] dc current [a] 10 20 30 40 50 100 200 300 0,1 0,5 1 2 5 20 10 50 max. dc resistive load breaking capacity breaking capacity [kva] 0 0,5 1,0 1,5 2,0 2,5 number of cycles 10 4 10 5 10 6 10 7 electrical life at 250 vac, resistive load 3,0 3,5 4,0 4,5 5,0 power factor reduction factor 1,0 0,9 0,7 0,8 0,2 0,9 1,0 0,8 0,3 cos f 0,3 0,4 0,5 0,6 0,4 0,5 0,6 0,7 n cos = n x f electrical life reduction factor at inductive ac load
mechanical data az764fv - vertical version az764f zettler electronics gmbh fax +49 89 800 97 200 www.zettlerelectronics.com office@zettlerelectronics.com 0 97 800 89 +49 te l. germany puchheim, d-82178 junkersstrasse 3, 2010-07-01 mechanical data az764fh - horizontal version [5.0] .197 pc board layout [32.5] 1.28 [2.5] .098 [? 1.3] [2.5] .098 .197 [5.0] [32.5] [7.5] [15.7] .154 .031 [3.9] [0.8] .618 [7.5] 6 x ? .050 4 x .031 [0.8] .098 [2.5] 1.28 0.500 [12.7] 1.142 [29.0] .295 .295 [7.5] 2 x ? .024 [? 0.6] .295 wiring diagram 2 1 4 7 5 8 max. max. max. viewed toward terminals viewed toward terminals 1.752 [44.5] max. [14.0] .551 [6.3] .248 .167 [4.25] a 6,3-0,8 din 46244 .031 [0.8] dimensions in inches with metric equivalents in parentheses. tolerance: .010" [5.0] .197 pc board layout [32.5] 1.28 [2.5] .098 [? 1.3] [2.5] .098 .197 [5.0] [32.5] [7.5] [15.7] .154 .031 [3.9] [0.8] .618 [7.5] 6 x ? .050 4 x .031 [0.8] .098 [2.5] 1.28 0.500 [12.7] 1.142 [29.0] .295 .295 [7.5] 2 x ? .024 [? 0.6] .295 wiring diagram 2 1 4 7 5 8 max. max. max. viewed toward terminals viewed toward terminals 1.594 [40.5] max. [13.2] .52 [6.3] .248 .167 [4.25] a 6,3-0,8 din 46244 .031 [0.8]


▲Up To Search▲   

 
Price & Availability of AZ764FH-1AE-10DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X