a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity a a 4,6 5,0 50 5 shore a preto/black 880811-2 40 5 shore a preto/black 25,6 obsolete part number material hardness finish 880811-1 880811-3 405 shore a preto/black - elastomer sae j200, 2bc 414, a14, b14, c12, e014, f17, z1 z1= tear resistance, astm d624 -20kg/cm min. - elastomer sae j200, 2bc 514, a14, b14, c12, e014, f17, z1 z1= tear resistance, astm d624 -20kg/cm min. - elastomer sae j 200m, 2ge, 405, a19, b37, ea14, eo16, eo36, f19, g11, z1 z1 = 2% lubrificated externaly - elast?mero sae j200, 2bc 414, a14, b14, c12, e014, f17, z1 z1=resistncia rasgo, astm d624 - 20kg/cm min. - elast?mero sae j200, 2bc 514, a14, b14, c12, e014, f17, z1 z1=resistncia rasgo, astm d624 - 20kg/cm min. - elastomero sae j 200m, 2ge, 405, a19, b37, ea14, eo16, eo36, f19, g11, z1 z1 = externamente lubrificado 2% section a-a
|