Part Number Hot Search : 
SFA60PME 3296X SI91845D SL74HC ML2713 TA8488AF DS2501 24000
Product Description
Full Text Search
 

To Download 2SAR293PT100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet www.rohm.com ? 2013 rohm co., ltd. all rights reserved. 2sar293p pnp -1.0a -30v middle power transistor l outline l features 1) suitable for middle power driver 2) complementary npn types : 2scr293p 3) low v ce(sat) v ce(sat) = - 0.35v(max.) (i c /i b = - 500ma/ - 25ma) 4) lead free/rohs compliant. l inner circuit l applications motor driver , led driver power supply l packaging specifications l absolute maximum ratings (ta = 25c) collector-base voltage collector-emitter voltage emitter-base voltage dc pulsed junction temperature range of storage temperature *1 pw=10ms , single pulse *2 each terminal mounted on a reference land *3 mounted on a ceramic board (40400.7 mm) t j 150 c t stg - 55 to + 150 c power dissipation p d *2 0.5 w p d *3 2.0 w collector current i c - 1.0 a i cp *1 - 2.0 a v ceo - 30 v v ebo - 6 v parameter symbol values unit v cbo - 30 v 2sar293p mpt3 4540 t100 180 tape width (mm) basic ordering unit (pcs) part no. package package size (mm) taping code marking reel size (mm) 12 1,000 ml parameter value v ceo - 30v i c - 1.0a mpt3 2sar293p (sc- 62) base emitter collector collector base emitter 2013.04 - rev.b downloaded from: http:///
www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet 2sar293p l electrical characteristics (ta = 25c) *1 pulsed *2 see switching time test circuit l switching time test circuit 50 - ns i c = - 500ma i b1 = - 25ma i b2 =25ma v cc ? - 5v - 160 - ns ns - 60 - - pf storage time t stg *2 output capacitance c ob v cb = - 10v, i e = 0a, f = 1mhz - 7 turn-on time t on *2 fall time t f *2 - collector-emitter breakdown voltage collector-base breakdown voltage collector-emitter saturation voltage v ce(sat) *1 i c = - 500ma, i b = - 25ma bv cbo i c = - 10 m a emitter cut-off current i ebo v eb = - 6v - 30 v v - transition frequency f t v ce = - 2v, i e = - 100ma f=100mh z - 320 - mhz dc current gain h fe v ce = - 2v, i c = - 100ma 270 - 680 na - - 0.15 - 0.35 v - - - 100 v collector cut-off current i cbo v cb = - 30v - - - 100 na emitter-base breakdown voltage bv ebo i e = - 10 m a - 6 - - - - - bv ceo i c = - 1ma - 30 - parameter symbol conditions unit min. typ. max. 2/6 2013.04 - rev.b downloaded from: http:///
www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet 2sar293p l electrical characteristic curves (ta = 25c) fig.1 ground emitter propagation characteristics collector current : i c [ma] base to emitter voltage : v be [v] fig.2 typical output characteristics collector current : i c [a] colector to emitte voltage : v ce [v] fig.3 dc current gain vs. collector current (i) dc current gain : h fe collector current : i c [ma] fig.4 dc current gain vs. output current (ii) dc current gain : h fe collector current : i c [ma] -1 -10 -100 -1000 -1.5 -1 -0.5 0 v ce = - 2v pulsed ta=125oc 75oc 25oc - 40 oc -0.50 -0.45 -0.40 -0.35 -0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0.00 -5.0 -4.0 -3.0 -2.0 -1.0 0.0 ta=25oc i b = - 0.5ma - 1.0ma - 1.5ma - 2.0ma - 3.0ma - 4.0ma - 5.0ma 10 100 1000 -1 -10 -100 -1000 ta=125oc 75oc 25oc - 40 oc v ce = - 2v pulsed 10 100 1000 -1 -10 -100 -1000 ta=25oc v ce = - 5v - 2v 3/6 2013.04 - rev.b downloaded from: http:///
www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet 2sar293p l electrical characteristic curves (ta = 25c) -0.01 -0.1 -1 -1 -10 -100 -1000 i c / i b = 20 pulsed ta=125oc 75oc 25oc - 40 oc -0.01 -0.1 -1 -10 -1 -10 -100 -1000 t a =25oc pulsed i c / i b = 50 20 10 -0.1 -1 -10 -1 -10 -100 -1000 i c / i b = 20 pulsed ta= - 40 oc 25oc 75oc 125oc 10 100 1000 10 100 1000 ta=25oc v ce = - 2v f=100mhz fig.5 collector-emitter saturation voltage vs. collector current (i) collector-emitter saturation voltage : v ce(sat) [v] collector current : i c [ma] fig.6 collector-emitter saturation voltage vs. collector current (ii) collector-emitter saturation voltage : v ce(sat) [v] collector current : i c [ma] fig.7 base-emitter saturation voltage vs. collector current base -emitter saturation voltage : v be(sat) [v] collector current : i c [ma] fig.8 gain bandwidth product vs. emitter current transition frequency : f t [mhz] emitter current :i e [ma] 4/6 2013.04 - rev.b downloaded from: http:///
www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet 2sar293p l electrical characteristic curves (ta = 25c) 1 10 100 -0.1 -1 -10 -100 ta=25oc f=1mhz i c =0a c ob c ib -0.001 -0.01 -0.1 -1 -10 -0.1 -1 -10 -100 100ms 10ms 1ms ta=25oc single non repetitive pulse dc (mounted on a ceramic board) dc (mounted on a reference land) fig.9 emitter input capacitance vs. emitter-base voltage collector output capacitance vs. collector-base voltage collector output capacitance : cob [pf] emitter input capacitance : cib [pf] collector - base voltage : v cb [v] emitter - base voltage : v eb [v] fig.10 safe operating area collector current : i c [a] collector to emitter voltage : v ce [v] 5/6 2013.04 - rev.b downloaded from: http:///
www.rohm.com ? 2013 rohm co., ltd. all rights reserved. data sheet 2sar293p l dimensions (unit : mm) dimension in mm / inches mpt3 l e h e e b1 d a b x s a e1 b2 e c y s a lp b3 b5 l1 b4 l2 l3 e1 e s pattern of terminal position areas [not a recommended pattern of soldering pads] min max min max a 1.40 1.50 0.055 0.059 b 0.30 0.50 0.012 0.020 b1 1.50 1.70 0.059 0.067 b2 0.40 0.60 0.016 0.024 c 0.35 0.50 0.014 0.020 d 4.40 4.70 0.173 0.185 e 2.40 2.70 0.094 0.106 e e1 h e 3.70 4.30 0.146 0.169 l e 0.80 1.20 0.031 0.047 lp 1.01 1.41 0.040 0.056 x - 0.15 - 0.006 y - 0.10 - 0.004 min max min max b3 - 0.65 - 0.026 b4 - 1.70 - 0.067 b5 - 0.75 - 0.030 l1 - 1.71 - 0.067 l2 - 0.58 - 0.023 l3 - 3.72 - 0.146 dim milimeters inches 3.00 0.118 1.50 0.059 dim milimeters inches 6/6 2013.04 - rev.b downloaded from: http:///
r1102 a www.rohm.com ? 2013 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes the information contained herein is subject to change without notice. before you use our products, please contact our sales representativ e and verify the latest specifica- tions : although rohm is continuously working to improve product reliability and quality, semicon- ductors can break down and malfunction due to various factors. therefore, in order to prevent personal injury or fire arising from failure, please take safety measures such as complying with the derating characteristics, implementing redundant and fire prevention designs, and utilizing backups and fail-safe procedures. rohm shall have no responsibility for any damages arising out of the use of our poducts beyond the rating specified by rohm. examples of application circuits, circuit constants and any other information contained herein are provided only to illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm or any other parties. rohm shall have no responsibility whatsoever for any dispute arising out of the use of such technical information. the products are intended for use in general electronic equipment (i.e. av/oa devices, communi- cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in this document. the products specified in this document are not designed to be radiation tolerant. for use of our products in applications requiring a high degree of reliability (as exemplified below), please contact and consult with a rohm representative : transportation equipment (i.e. cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety equipment, medical systems, servers, solar cells, and power transmission systems. do not use our products in applications requiring extremely high reliability, such as aerospace equipment, nuclear power control systems, and submarine repeaters. rohm shall have no responsibility for any damages or injury arising from non-compliance with the recommended usage conditions and specifications contained herein. rohm has used reasonable care to ensur the accuracy of the information contained in this document. however, rohm does not warrants that such information is error-free, and rohm shall have no responsibility for any damages arising from any inaccuracy or misprint of such information. please use the products in accordance with any applicable environmental laws and regulations, such as the rohs directive. for more details, including rohs compatibility, please contact a rohm sales office. rohm shall have no responsibility for any damages or losses resulting non-compliance with any applicable laws or regulations. when providing our products and technologies contained in this document to other countries, you must abide by the procedures and provisions stipulated in all applicable export laws and regulations, including without limitation the us export administration regulations and the foreign exchange and foreign trade act. this document, in part or in whole, may not be reprinted or reproduced without prior consent of rohm. 1) 2) 3) 4) 5) 6) 7) 8) 9) 10)11) 12) 13) 14) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SAR293PT100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X