096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 1 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum electrolytic capacitors power long life 4-terminal snap-in fig. 1 features ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve ? pressure relief on the side of the aluminum case ? very long useful life: 5000 h at 85 c ? temperature range up to 85 c ? keyed polarity ? low esr, high rippl e current capability ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? telecommunication an d industrial systems ? smoothing and filtering applications ? switched mode power supplies ? renewable energy power converters ? energy storage in pulse systems ? for excellent mounting stability marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance code on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number ? climatic category in accordance with iec 60068 quick reference data description value nominal case size (d x l in mm) 35 x 50 to 45 x 100 rated capacitance range c r 390 f to 2700 f tolerance on c r 20 % rated voltage range, u r 350 v to 500 v category temperature range -40 c to +85 c endurance test at 85 c 2000 h useful life at 85 c 5000 h useful life at 40 c, ? 1.4 x i r applied 200 000 h shelf life at 0 v, 85 c 1000 h max. rms value of ripple voltage 12 v based on sectional speci fication iec 60384-4 / en130300 climatic category iec 60068 40 / 085 / 56 096 longer life 095 selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 350 385 400 420 450 500 390 - - - - - 35 x 60 470 - - - - - 35 x 70 560 - - - - 35 x 60 35 x 70 40 x 60 680 - 35 x 50 40 x 50 35 x 60 40 x 50 35 x 60 40 x 50 35 x 70 40 x 50 35 x 80 40 x 70 820 35 x 50 40 x 40 35 x 60 40 x 50 35 x 60 40 x 50 35 x 70 40 x 60 35 x 80 40 x 60 35 x 100 40 x 80 1000 35 x 60 40 x 50 35 x 70 40 x 60 35 x 70 40 x 60 45 x 50 35 x 80 40 x 60 35 x 100 40 x 70 45 x 60 40 x 100 45 x 70 1200 35 x 70 40 x 60 35 x 80 40 x 70 35 x 80 40 x 70 45 x 60 40 x 70 40 x 80 45 x 70 45 x 100 1500 35 x 80 40 x 70 45 x 60 40 x 80 45 x 60 35 x 100 40 x 80 45 x 70 40 x 100 45 x 70 40 x 100 45 x 80 45 x 100 1800 40 x 80 45 x 60 40 x 100 45 x 70 40 x 100 45 x 80 40 x 100 45 x 80 45 x 100 - 2200 40 x 100 45 x 70 40 x 100 45 x 100 45 x 100 - - 2700 45 x 100 45 x 100 45 x 100 - - -
096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 2 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms printed wiring fig. 2 - printed wiring pin version (case ? d = 35 mm) fig. 3 - mounting hole diagra m viewed from component side (case ? d = 35 mm) ? fig. 4 - printed wi ring pin version (case ? d = 40 mm) fig. 5 - mounting hole diagra m viewed from component side (case ? d = 40 mm) four terminal snap-in fig. 6 - 4-terminal snap-in fig. 7 - mounting hole diagram pin number 1 is the positive terminal. pin - is the negative terminal. ? pin numbers 2, 3 and 4 (if present) sh ould be free from the electrical circui t or connected to the minus terminal. cca976-1 l 12 3 - ? d + 1 max. l + 5 max. 4.9 0.2 1.3 (4 x) 7.5 0.1 2.5 1 2 3 - 15 0.1 17.5 0.1 l 1 4 5 3 2 ? d + 1 max. l + 5 max. 5.1 0.1 20 0.1 1.3 (5 x) 10 0.1 17.5 0.1 2.5 20 0.1 1 2 3 4 - 22.5 ? d bottom view l max. 6.3 1 60 60 d u mmy d u mmy c b a 2 0.1 (4 x) 22.5 0.1 60 60 dummy terminal s (a and c) mu s t be free from the electrical circuit
096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 3 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 note ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ordering example electrolytic capacitor 096 series 820 f / 385 v; printed wiring: ordering code: mal2 096 18821 e3 ? former 12nc: 2222 096 18821 4-terminal snap-in: ordering code: mal2 096 68821 e3 ? former 12nc: 2222 096 68821 table 2 dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. 4t-si l max. pw l + 5 mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h 35 x 50 36 52 55 72 50 390 x 198 x 60 35 x 60 36 62 65 91 50 390 x 198 x 70 35 x 70 36 72 75 103 50 377 x 375 x 97 35 x 80 36 82 85 115 50 377 x 375 x 107 35 x 100 36 102 105 151 50 377 x 375 x 127 40 x 40 41 42 45 70 50 440 x 223 x 60 40 x 50 41 52 55 94 50 440 x 223 x 70 40 x 60 41 62 65 118 25 230 x 230 x 80 40 x 70 41 72 75 134 25 230 x 230 x 90 40 x 80 41 82 85 150 25 230 x 230 x 100 40 x 100 41 102 105 176 25 230 x 230 x 120 45 x 40 46 42 - 88 36 tbd 45 x 50 46 52 - 119 36 377 x 375 x 77 45 x 60 46 62 - 150 36 377 x 375 x 87 45 x 70 46 72 - 170 36 377 x 375 x 97 45 x 80 46 82 - 190 36 377 x 375 x 107 45 x 100 46 102 - 250 36 377 x 375 x 127 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 100 hz and 85 c i l5 max. leakage current after 5 min at u r esr max. equivalent seri es resistance at 100 hz z max. impedance at 10 khz electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 85 c (a) i l5 5 min (a) esr 100 hz (m ? ) z max. 10 khz (m ? ) catalog number mal2096....... 4t-si pw 350 820 35 x 50 4.0 578 126 82 15821e3 65821e3 820 40 x 40 3.8 578 134 90 25821e3 75821e3 1000 35 x 60 4.7 704 104 67 15102e3 65102e3 1000 40 x 50 4.8 704 108 72 25102e3 75102e3 1200 35 x 70 5.3 844 87 57 15122e3 65122e3 1200 40 x 60 5.4 844 90 59 25122e3 75122e3 1500 35 x 80 6.0 1054 71 47 15152e3 65152e3 1500 40 x 70 6.2 1054 73 49 25152e3 75152e3 1500 45 x 60 6.3 1054 76 52 35152e3 - 1800 40 x 80 6.9 1264 62 41 25182e3 75182e3 1800 45 x 60 6.6 1264 68 48 35182e3 - 2200 40 x 100 8.2 1544 51 34 25222e3 75222e3 2200 45 x 70 7.4 1544 57 41 35222e3 - 2700 45 x 100 9.2 1894 44 30 35272e3 -
096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 4 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 385 680 35 x 50 3.7 528 140 88 18681e3 68681e3 680 40 x 50 4.2 528 140 87 28681e3 78681e3 820 35 x 60 4.4 635 116 73 18821e3 68821e3 820 40 x 50 4.5 635 120 76 28821e3 78821e3 1000 35 x 70 5.0 774 96 60 18102e3 68102e3 1000 40 x 60 5.1 774 99 63 28102E3 78102e3 1200 35 x 80 5.5 928 81 51 18122e3 68122e3 1200 40 x 70 5.7 928 83 53 28122e3 78122e3 1500 40 x 80 6.5 1159 68 43 28152e3 78152e3 1500 45 x 60 6.2 1159 74 50 38152e3 - 1800 40 x 100 7.7 1390 56 36 28182e3 78182e3 1800 45 x 70 7.0 1390 62 43 38182e3 - 2200 40 x 100 8.2 1698 49 32 28222e3 78222e3 2700 45 x 100 9.1 2083 43 29 38272e3 - 400 680 35 x 60 4.1 548 134 82 16681e3 66681e3 680 40 x 50 4.2 548 138 85 26681e3 76681e3 820 35 x 60 4.4 660 114 71 16821e3 66821e3 820 40 x 50 4.5 660 119 75 26821e3 76821e3 1000 35 x 70 5.0 804 94 59 16102e3 66102e3 1000 40 x 60 5.1 804 97 62 26102e3 76102e3 1000 45 x 50 5.1 804 103 67 36102e3 - 1200 35 x 80 5.5 964 80 50 16122e3 66122e3 1200 40 x 70 5.7 964 82 52 26122e3 76122e3 1200 45 x 60 5.9 964 85 55 36122e3 - 1500 35 x 100 7.1 1204 64 40 16152e3 66152e3 1500 40 x 80 6.5 1204 67 43 26152e3 76152e3 1500 45 x 70 6.6 1204 69 46 36152e3 - 1800 40 x 100 7.7 1444 56 35 26182e3 76182e3 1800 45 x 80 7.3 1444 59 39 36182e3 - 2200 45 x 100 8.6 1764 48 32 36222e3 - 2700 45 x 100 9.1 2164 42 29 36272e3 - 420 680 35 x 60 4.1 575 137 85 14681e3 64681e3 680 40 x 50 4.2 575 141 89 24681e3 74681e3 820 35 x 70 4.6 693 114 71 14821e3 64821e3 820 40 x 60 4.7 693 117 74 24821e3 74821e3 1000 35 x 80 5.1 844 95 59 14102e3 64102e3 1000 40 x 60 5.1 844 100 64 24102e3 74102e3 1200 40 x 70 5.7 1012 84 54 24122e3 74122e3 1500 40 x 100 7.2 1264 66 42 24152e3 74152e3 1500 45 x 70 6.6 1264 71 48 34152e3 - 1800 40 x 100 7.6 1516 57 37 24182e3 74182e3 1800 45 x 80 7.2 1516 60 40 34182e3 - 2200 45 x 100 8.5 1852 49 33 34222e3 - electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 85 c (a) i l5 5 min (a) esr 100 hz (m ? ) z max. 10 khz (m ? ) catalog number mal2096....... 4t-si pw
096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 5 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life table 3 note ? multiplier of useful life code: ccc205-05 450 560 35 x 60 3.8 508 155 94 17561e3 67561e3 680 35 x 70 4.2 616 129 78 17681e3 67681e3 680 40 x 50 4.2 616 136 85 27681e3 77681e3 820 35 x 80 4.8 742 108 66 17821e3 67821e3 820 40 x 60 4.7 742 112 70 27821e3 77821e3 1000 35 x 100 6.0 904 89 54 17102e3 67102e3 1000 40 x 70 5.3 904 93 58 27102e3 77102e3 1000 45 x 60 5.5 904 97 62 37102e3 - 1200 40 x 80 6.0 1084 78 49 27122e3 77122e3 1200 45 x 70 6.1 1084 81 52 37122e3 - 1500 40 x 100 7.2 1354 63 39 27152e3 77152e3 1500 45 x 80 6.8 1354 67 43 37152e3 - 1800 45 x 100 8.0 1624 55 35 37182e3 - 500 390 35 x 60 2.9 394 475 421 19391e3 69391e3 470 35 x 70 3.3 474 395 350 19471e3 69471e3 560 35 x 70 3.6 564 333 296 19561e3 69561e3 560 40 x 60 3.7 564 336 299 29561e3 79561e3 680 35 x 80 4.1 684 275 245 19681e3 69681e3 680 40 x 70 4.2 684 277 247 29681e3 79681e3 820 35 x 100 5.1 824 229 203 19821e3 69821e3 820 40 x 80 4.7 824 231 206 29821e3 79821e3 1000 40 x 100 5.6 1004 189 169 29102e3 79102e3 1000 45 x 70 5.3 1004 195 176 39102e3 - 1200 45 x 100 6.4 1204 160 144 39122e3 - 1500 45 x 100 7.0 1504 131 118 39152e3 - additional electrical data parameter conditions value voltage surge voltage ? 350 v versions u s = 1.1 x u r reverse voltage u rev ? 1 current leakage current after 1 min at u r i l1 ? 0.006 c r x u r + 4 a after 5 min at u r i l5 ? 0.002 c r x u r + 4 a inductance equivalent series inductance (esl) all case sizes ca. 20 nh endurance test duration and useful life endurance at 85 c (h) useful life at 85 c (h) 2000 5000 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 85 c (a) i l5 5 min (a) esr 100 hz (m ? ) z max. 10 khz (m ? ) catalog number mal2096....... 4t-si pw
096 pll-4tsi www.vishay.com vishay bccomponents revision: 14-oct-16 6 document number: 28392 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 8 - multiplier of useful life as a function of ambient temperature and ripple current load table 4 table 5 ? ? ? ? ? ? statements about product lifetime are based on calculations and in ternal testing. they should only be interpreted as estimation s. also due to external factors, the lifetime in the field application may deviate from the calculated lifetime. in general, nothing stated herein shall be construe d as a guarantee of durability. multiplier of ripple current (i r ) as a function of frequency frequency (hz) 50 100 200 400 1000 10 000 i r multiplier 0.9 1.0 1.2 1.3 1.4 1.5 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4 / ? en130300 ? subclause 4.13 t amb = 85 c; u r applied ? 2000 h ? c/c: 10 % esr ? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 4.13 t amb = 85 c; u r and i r applied; ? 5000 h ? c/c: 30 % esr ? 3 x spec. limit z ? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage ? total failure percentage: ? 3 % shelf life iec 60384-4 / ? en130300 ? subclause 4.17 t amb = 85 c; no voltage applied; ? 1000 h ? ? after test: u r to be applied for 30 min ? 24 h to 48 h befo re measurement ? c/c: 10 % ? esr ? 1.2 x spec. limit ? i l5 ? 2 x spec. limit 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.5 0.0 40 50 60 70 80 90 100 (1) 4.0 6.0 2.0 1.5 30 1 0 3.0 20 i a i r lifetime m u ltiplier 4 0 ccc205-05 t amb (c) i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz and 85 c (1) u s eful life at 85 c and i r applied: 5000 h 1. 0
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|