Part Number Hot Search : 
SP485E 1117S50 MB2646BB M54517P 106M1 HEF4043B VTL5C7 B1060
Product Description
Full Text Search
 

To Download WPANT40011-SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev: 1 .0 created on: october 09 , 2013 created by: tt approved by: bp page | 1 wpant400 1 1 - sc 900 / 2400 mhz ism dual band wrap - around ami antenna description / application the wp ant40011 - sc antenna is a high performance wrap - around antenna for electric meters that operates in both 900 mhz and 2.4 ghz ism bands. standard cable is rg178 & connector is ra mmcx plug. we can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assi st to troub le shoot system integration issues such as trp/tis a nd fcc requirements. we special ize in developing customized antenna solutions . please contact sales@worldproducts.com with your specific application requirements. electrical properties operating frequency 902 C 928 mhz 2.40 C 2.50 ghz approximate antenna impedance [ ? ] 50? 50? vswr C typical * <2:1 <2:1 peak gain [dbi] (typical) * 1 - 3 dbi 2 - 3.5 dbi efficiency [%] (typical) * 40 - 60% 40 - 65% polarization linear linear pattern near omni directional near omni directional accepted power [w] (max) 2 watts 2 watts * note : the above mentioned relevant performance metrics are recorded with the antenna wrapped around (installed) the meters surface, inside the upper plastic cap/drum. any modifications with regards to the application/use of this antenna (as defined in this specificati on) may change antenna performance characteristics. since this is an embedded an tenna, performance will vary based on the antenna placement within the meter & also with the variance of the cable routing. mechanical / environmental properties antenna dimensions 6 . 6 9 x 0.98 x 10 mils (170mm x 25 mm x 0.25mm) antenna color blue cable 8. 66 (220mm) long rg178 connector ra - mmcx plug double stick tape white 3m 493 0 vhb operating / storage temperature - 40 o c to +90 o c uv tolerance 100% uv resistant environmental meets standards for ul 94v - 0 hazardous materials rohs compliant
rev: 1 .0 created on: october 09 , 2013 created by: tt approved by: bp page | 2 picture s of the antenna rrrr rrrr g rg - 178 cable ra - mmcx


▲Up To Search▲   

 
Price & Availability of WPANT40011-SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X