Part Number Hot Search : 
XCL200H5 APTM5 4504B AK4381 AK4373 1N4573 51F3A PE90GB80
Product Description
Full Text Search
 

To Download SOD-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd103aw - sd103cw 400mw schottky barrier switching diode features ? low forward voltage drop ? guard ring construction for transient protection ? negligible reverse recovery time ? low reverse capacitance mechanical data ? case: SOD-123, plastic ? polarity: cathode band ? marking: date code and type code or date code only type code: sd103aw s4 sd103bw s5 sd103cw s6 ? weight: 0.01 grams (approx.) dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 o cambient temperature unless otherwise specified. maximum ratings type number symbol sd103aw sd103bw sd103cw units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 30 20 v rms reverse voltage v r(rms) 28 21 14 v forward continuous current (note 1) i fm 350 ma non-repetitive peak forward surge current @ t Q 1.0s i fsm 1.5 a power dissipation (note 1) pd 400 mw thermal resistance junction to ambient air (note 1) r ja 300 o c /w operating and storage temperature range t j , t stg -65 to + 125 o c electrical characteristics type number symbol min typ max units reverse breakdown voltage (note 2) sd103aw ir=100ua sd103bw ir=100ua sd103cw ir=100ua v (br) 40 30 20 - v peak reverse current sd103aw vr=30v sd103bw vr=20v sd103cw vr=10v i r - - 5.0 ua forward voltage drop v f - 0.37 0.60 v junction capacitance vr=0, f=1.0mhz cj - 50 - pf reverse recovery time if=ir=200ma irr=0.1 x ir , rl=100 trr - 10 - ns notes: 1. valid provided that terminal s are kept at ambient temperature. 2. pulse test: pulse width = 300us, duty cycle Q2%.. SOD-123 0.053(1.35) max. 0.006(0.15) typ. min. 0.010(0.25) min. 0.004(0.10) max. 0.067(1.70) 0.055(1.40) 0.022(0.55) typ. min. 0.152(3.85) 0.140(3.55) 0.112(2.85) 0.100(2.55) http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (sd103aw - sd103cw) fig.1- typical forward characteristics fig.2- junction capacitance vs reverse voltage i , forward current (ma) f 0.01 0.10 1.0 10 100 1000 0 0.5 1.0 0 v , forward voltage (v) f c , capacitance (pa) j v , reverse voltage (v) r 10 1.0 0.1 100 10 20 30 40 sd103aw - sd103cw 400mw schottky barrier switching diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SOD-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X