Part Number Hot Search : 
MSS1807 ZR36432 FJ20C ER14505 P6SMBJ85 MAE34021 SISS98DN XXXBB
Product Description
Full Text Search
 

To Download SF-BGA80F-B-42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1mm typ. 13.00mm [0.512"] 11.00mm [0.433"] 2.00mm [0.079"] 2.00mm [0.079"] 2.87mm [0.113"] 0.51mm [0.020"] c o n t a c t d a t a accepts 0.20mm - 0.33mm diameter pins 3-finger 37/25 gram, initial insertion force (with 0.254mm/0 .203mm dia. pin) 30/22 gram, normal force (with 0.254mm/0.203mm dia. pin) 20/17 gram, extraction force (with 0.254mm0.203mm d ia. pin) d e s c r i p t i o n : giga-snap bga smt foot 80 position (1.0mm pitch) gold plated female recept acle pins to smt solder balls (bga type). pin asign ment 1:1. status: released drawing: h. hansen scale: 6:1 rev: b date: 11/28/05 modified: 1/5/06 file: SF-BGA80F-B-42 dwg SF-BGA80F-B-42(f) drawing ? 2005 ironwood electronics, inc. po box21151 st. paul, mn 55121 tele: (651) 452-8100 www.ironwoodelectronics.com 1 substrate: 1.59mm 0.18mm [0.0625" 0.007"] fr4/g10 or equivalent high temp material. (rohs) 2 1 top view side view pins: material- brass alloy 360 1/2 hard; finish- 0.25m [10"] au over 1.27m [50"] ni (min.). 3 contacts: beryllium copper alloy172, ht; finish- 0.25m [10"] au over 1.27m [50"] ni (min.). patent pending 4 solder balls (see table above) t o l e r a n c e s : diameters 0.03mm [0.001"], pcb perimeters 0.18m m [0.007"], pcb thicknesses 0.18mm [0.007"], pit ches (from true position) 0.08mm [0.003"], all other tolerances 0.13mm [0 .005"] unless stated otherwise. materials and spec ifications are subject to change without notice. o r d e r i n g i n f o r m a t i o n : solder ball alloy part number suffix sn63pb37 *rohs compliant -42 sn96.5ag3.0cu0.5 -42f* 3 4 2 1 detail a detail a 1.33mm [0.052"] 2.36mm [0.093"]


▲Up To Search▲   

 
Price & Availability of SF-BGA80F-B-42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X