Part Number Hot Search : 
EW411 2SC1383 GP10N 2N3739 B1515 DTA114T CA3240 BR605
Product Description
Full Text Search
 

To Download SBR2A40P1Q-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr2a40p1 document number: ds30919 re v. 11 - 2 1 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. 2.0a sbr ? surface mount super barrier rectifier features ? low forward voltage drop ? low leakage current ? superior reverse avalanche capability ? excellent high temperature stability ? patented interlocking clip design for high surge current cap acity ? patented super barrier rectifier technology ? soft, fast switching capability ? + 150 c operating junction temperature ? 16kv esd protection (hbm, 3b) ? 25kv esd protection (iec61000 - 4 - 2 level 4, air discharge) ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q 101 standards for high reliability ? ppap capable (see note 4) mechanical data ? case: powerdi ? 123 ? case mat erial: molded plastic, green molding compound ; ul flammability classification rating 94v - 0 ? moisture sensitivity: l evel 1 per j - std - 020 ? polarity indicator: cathode band ? terminals: finish - matte tin a nnealed over copper l eadframe ; solderable per mil - std - 202, method 208 ? weight: 0.018 grams ( a pproximate ) ordering information (note s 5 & 6 ) part number compliance case packaging sbr2a40p1 - 7 aec - q101 powerdi ? 12 3 3 , 000/tape & reel sbr2a40p1q - 7 automotive powerdi ? 123 3 , 000/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more i nformation about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 4. automotive products are aec - q101 qualified and are ppap capable. automotive, aec - q101 and standard products are electrically and thermally th e same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/. 5 . product manufactured with data code 0924 (week 24, 2009) and newer are built with green molding compound. 6. for pac kaging details, go to our website at http://www.diodes.com/products/packages.html. marking information date code key year 2006 2015 2016 2017 2018 2019 2020 2021 2022 2023 code t c d e f g h i j k month jan feb mar apr may jun jul aug sep o ct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view 2a4 = product type marking code ym = date cod e ma rking y = year (ex: c = 2015 ) m = month (ex: 9 = september) powerdi ? 123 powerdi ? 123 2a4 y m green
sbr2a40p1 document number: ds30919 re v. 11 - 2 2 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. maximum ratings ( @t a = + 25c unless otherwise specified .) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repe titive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 40 v rms reverse voltage v r(rms) 28 v average rectified output current (see figure 1) i o 2.0 a non - repetitive peak forward surge current 8.3ms single half sine - wave s uperimposed on rated load i fsm 50 a repetitive peak avalanche power (1 s, + 25c ) p arm 6 ,000 w thermal characteristics characteristic symbol value unit maximum thermal resistance thermal resistan ce junction to soldering (note 7 ) thermal resist ance junction to ambient (note 8 ) thermal resistance junction to ambient (note 9 ) r ? js r ? ja r ? ja 5 180 115 c/w operating and storage temperature range t j , t stg - 65 to +150 c electrical characteristics ( @t a = +25c unless otherwise specified.) characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 40 - - v i r = 100 a forward voltage drop v f - 0.265 0.315 v i f = 0.1a, t j = + 25c - 0.38 0.43 i f = 1.0a, t j = + 25c - 0.45 0.50 i f = 2.0a, t j = + 25c - 0.17 0.22 i f = 0.1a, t j = +1 25c - 0.325 0.375 i f = 1.0a, t j = +1 25c - 0.42 0.47 i f = 2.0a, t j = + 1 25c leakage current (note 5) i r - 8 40 a v r = 5v, t j = + 25c - 16 100 a v r = 40v, t j = + 25c - 1.3 8 ma v r = 5v, t j = +1 25c - 2.1 10 ma v r = 40v, t j = +1 25c notes: 7. theoretical r ? js calculated from the top center of the die straight down to the pcb cathode tab solder junction. 8. fr - 4 pcb, 2 oz. copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. 9. polymide pcb, 2 oz. copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf . 10 . short duration pulse test used to minimize self - heating ef fect.
sbr2a40p1 document number: ds30919 re v. 11 - 2 3 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. 0 0.5 1 1.5 2 0 1 2 3 4 5 p , p o w e r d i s s i p a t i o n ( w ) d i , average forward current (a) fig. 1 forward power dissipation f(av) fig. 2 typical forward characteristics 0.1 1 10 100 1,000 10,000 0 0.2 0.4 0.6 0.8 1 v , instantaneous forward voltage (v) f i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( m a ) f t =100 c a t =150 c a t =25 c a t = -65 c a fig. 3 typical reverse characteristics 0.001 0.01 0.1 1 10 100 1,000 10,000 0 10 20 30 40 v , instantaneous reverse voltage (v) r t =150 c a t =25 c a t = -65 c a t =100 c a i , i n s t a n t a n e n o u s l e a k a g e c u r r e n t ( a ) r ? c , t o t a l c a p a c i t a n c e ( p f ) t f = 1mhz
sbr2a40p1 document number: ds30919 re v. 11 - 2 4 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. fig. 5 maximum avalanche power vs. pulse duration 0 1 10 100 t , pulse duration (s) p 10 100 1,000 10,000 p , m a x i m u m a v a l a n c h e p o w e r ( w ) m 0 20 0 25 50 75 100 125 p , a v a l a n c h e p e a k p u l s e p o w e r d e r a t i n g i n p e r c e n t a g e ( % ) a r m t , junction temperature (c) fig. 6 pulse derating curve j 40 60 80 100 120 150 175 0 0.5 1.0 2.0 1.5 2.5 0 25 50 75 100 125 150 175 200 i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) t , ambient temperature (c) a fig. 7 forward current derating curve 60 80 70 160 150 140 130 120 110 100 90 0 10 20 40 30 t , d e r a t e d a m b i e n t t e m p e r a t u r e ( c ) a v , dc reverse voltage (v) fig. 8 operating temperature derating r
sbr2a40p1 document number: ds30919 re v. 11 - 2 5 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap0200 1 at http://www.diodes.com /datasheets/ap0200 1 .pdf for the latest version. powerdi ? 123 dim min max typ a 0. 93 1.00 0. 98 a3 0.15 0.25 0.20 b 0. 85 1.25 1.00 b2 1.025 1.125 1.10 d 1. 63 1.93 1.78 e 3.50 3.90 3.70 e 1 2.60 3.00 2.80 l 0.40 0.50 0.45 l1 1.25 1.40 1.35 l 3 0. 1 25 0. 275 0. 20 all dimensions in mm dimensions value (in mm) g 0.65 x 1.05 x1 2.40 x2 4.10 y 1.50 y1 1.50 d e l1 l3 l3 l(2x) e1 a a3 b2 b x x1 y1 g y x2
sbr2a40p1 document number: ds30919 re v. 11 - 2 6 of 6 www.diodes.com may 2015 ? diodes incorporated sbr2a40p1 sbr and powerdi are registered trademarks of diodes incorporated. important no tice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporate d does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or use r of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all dam ages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized appli cation, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international o r foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems witho ut the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices o r systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instruction s for use provided in the labeling can be reasonably e xpected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by d iodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR2A40P1Q-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X