Part Number Hot Search : 
AC1637 CXA20 PDTC14 RS2201 4T1003B4 PN5133 4T1003B4 25DF321
Product Description
Full Text Search
 

To Download OSC34L5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5 5 m m m m r r o o u u n n d d c c y y a a n n l l e e d d OSC34L5111A features outline dimension high luminous leds 5 5mm round standard directivity long lifetime operation superior weather-resistance water clear type applications backlighting (switches, keys, displays, illuminated advertising etc.) substitution of micro incandescent lamps reading lamps / emergency lighting marker lights (e.g. steps, exit ways, etc.) other lighting 5.8 5.0 8.7 26.0min 1.0 1.5min 0.5+0.1 2.54 unit:mm tolerance:+0.3mm 1 2 1:anode 2:cathode absolute maximum rating (ta=25j) directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 108 mw operating temperature topr -30 ~ +85 j storage temperature tstg -40~ +100 j lead soldering temperature tsol 260 j /5sec - *pulse width max.10ms duty ratio max 1/10 0.5 30x 90x 60x 0 0 0.5 30x 60x 90x 11 ?? electrical -optical charac teristics (ta=25j) item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 2.8 3.1 3.6 v dc reverse current i r v r =5v - - 10 a luminous flux x v i f =20ma 6.0 6.7 - lm x i f =20ma - 0.208 - chromaticity coordinates* y i f =20ma - 0.256 - 50% power angle 2 1/2 i f =20ma - 15 - deg * 1 luminous flux measurem ent allowance is ? 15% * 2 chromaticity coordinates measurement allowance is ? 10% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSC34L5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X