Part Number Hot Search : 
F0304B N10N65 60204 LT018 TRMPB SF2116D F0304B PE5212
Product Description
Full Text Search
 

To Download NT90TP-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  safety approvals safety approval ul &cur t v cqc load no:40a/240v ac 30a/277v ac no: 40a/240vac 14vdc no: 30a/240v ac nc: 30a/240v ac,30vdc 20a/277v ac nc: 30a/240v ac 14vdc nc: 20a/240vac 2hp 250v ac insulation b-class 1 hp 250v ac tv -5 f-class insulation b-class f-class reference data 117 small size, light weight. low coil power consumption, heavy contact load. strong anti-shock and anti-vibration, high reliability , long life. suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications. ordering information n90tp h l a s dc12v c b 0.9 1 2 3 4 5 6 7 8 9 6 coil rated voltage(v) ac:12,24, 1 10,120,220 dc:3,5,6,9,12,15,18,24,48,1107 contact material c: agcdo s: agsno 2 8 resist heat class b:130 f:155 9 coil power consumption 0.6:0.6w 0.9:0.9w nil:2va 1 part number nt90tp t92 nt90tp 2 2 load h:30a n:40a 3 high nil: standard l: low profile type 4 contact arrangement a:1a b:1b c:1c 5 enclosure s: sealed type d: dust cover e: covered contact data contact arrangement 1a spstno 1b spstnc 1c spdt(b-m) contact material agcdo agsno 2 contact rating (resistive) max. switching power 1100w 7200va max. switching v oltage 1 10vdc 300v ac max. switching current:40a contact resistance or voltage drop 30m item 4.12 of iec 61810-7 5 operation electrical 10 item 4.30 of iec 61810-7 7 life mechanical 10 item 4.31 of iec 61810-7 coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. n t 9 0 t p ( t 9 2 ) 03001003503 r50126373 e174722 32.4(50) 27 20 32.4(50) 27 28.2 features 118 n t 9 0 t p ( t 9 2 ) r c us no:30a/240vac,14vdc; nc:20a/240vac;30a/14vdc no:40a/240vac,30vdc; nc:30a/240v ac,30vdc (0.9w) no:30a/277vac;nc:20a/277v ac motor load 2hp 250vac 1.5hp 250v lamp load tv-5 release time ms ac coil parameter 012ac 12 15.6 27 9.0 3.6 024ac 24 31.2 120 18.0 7.2 110ac 110 143 2360 82.5 33.0 120ac 120 156 3040 90.0 36.0 220ac 220 286 13490 165.0 66.0 dash numbers rated voltage vac coil resistance 10% pick up voltage vac(max) (75%of rated voltage) release voltage vac(min) (30%of rated voltage) coil power operate time ms rated max 2va rated current ma 187 95 20 16.5 6.4 hp:a 1hp/16afla/120v ac 2hp/12afla/240vac b 30lra/10afla/120vac 30lra/10afla/240vac 2 1 ningbo huaguan electronics corporation l td .
coil parameter dc coil parameter dash numbers rated voltage vdc coil resistance 10% pick up voltage vdc(max) (75%of rated voltage) release voltage vdc(min) (10%of rated voltage) coil power w operate time ms release time ms rated max 0.9 15 10 0.6 15 10 caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. operation condition insulation resistance 1000m min (at 500vdc) item 7 of iec 61810-5 dielectric strength between contacts between contact and coil 2 shock resistance 200m/s 11ms iec68-2-27 t est ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 10n iec68-2-21 t est ua2 solderability 235 2 3 0.5s iec68-2-20 test t a method 1 ambient t emperature -55~100 -55~125 relative humidity 85% (at 40 ) iec68-2-3 test ca mass 35g low profile type 37g 50hz 1500v item 6 of iec 61810-5 50hz 2500v item 6 of iec 61810-5 safety approvals safety approval ul &cur t v cqc load no:40a/240vac 30a/277vac nc:30a/240vac,30vdc 20a/277vac 2hp 250v ac tv -5 1 hp 250v ac insulation b-class f-class no:40a/240vac 14vdc nc:30a/240vac 14vdc insulation b-class f-class no:30a/240vac nc:20a/240vac 003-900 3 3.9 10 2.25 0.3 005-900 5 6.5 28 3.75 0.5 006-900 6 7.8 40 4.50 0.6 009-900 9 11.7 90 6.75 0.9 012-900 12 15.6 160 9.00 1.2 015-900 15 19.5 250 10.25 1.5 018-900 18 23.4 360 13.50 1.8 024-900 24 31.2 640 18.00 2.4 036-900 36 46.8 1440 27.00 3.6 048-900 48 62.4 2560 36.00 4.8 110-900 110 143 13445 82.50 11.0 003-600 3 3.9 15 2.25 0.3 005-600 5 6.5 42 3.75 0.5 006-600 6 7.8 60 4.50 0.6 009-600 9 11.7 135 6.75 0.9 012-600 12 15.6 240 9.00 1.2 015-600 15 19.5 375 10.25 1.5 018-600 18 23.4 540 13.50 1.8 024-600 24 31.2 960 18.00 2.4 048-600 48 62.4 3840 36.00 4.8 110-600 110 143 20167 82.50 11.0 119 dimensions dimensions wiring diagram notes 1). dimensions are in millimeters. 2). inch equivalents are given for general information only . reference data 120 n t 9 0 t p ( t 9 2 ) nc n0 com 4 6 8 10 12 t i m e ( m s e c ) hp:a 1hp/16afla/120v ac 2hp/12afla/240vac b 30lra/10afla/120vac 30lra/10afla/240vac mm /inch 1.976max. 2-0.5x4.8 43.5 12.3 0.2 2-r1.8 1 0 . 2 0 . 2 3 . 6 7.7 0.2 15.4 0.2 2.8 27.5 3 - 6 . 4 x 0 . 8 50.2 2 8 . 2 32.5 2 . 2 4 . 8 0 . 2 1.280max. 1 . 1 1 0 m a x . 1.083max. 1.713 0.484 0.007 0.020 0.189 0.303 0.007 0 . 2 5 2 0 . 0 3 1 0 . 1 8 9 0 . 0 0 7 0 . 4 0 1 0 . 0 0 7 r0.071 0 . 1 4 2 0.606 0.007 0.110 43.5 2-0.5x2.8 15.4 3 . 8 0 . 2 3 . 8 0 . 2 2 . 8 3 . 6 1 0 . 2 nc no 7 . 8 2-r1.8 17.9 com 6 . 4 7.7 2.8 32.5 2 0 50.2 7 . 8 2.8 7.7 6 . 4 com 17.9 2-0.5x2.8 2-r1.8 43.5 7 . 8 15.4 no nc 1 0 . 2 32.5 50.2 3 . 6 2 . 8 27.5 27.5 2 . 2 2 . 2 2 8 . 2 nt90tp 2 1.976max. 0 . 7 8 7 m a x . 0 . 3 0 7 1.280max. 0.704 0.110 0 . 2 5 2 0 . 1 1 0 0 . 3 0 7 1.083max. 0.303 0.606 0.020 0.110 1.713 r0.071 0 . 1 4 2 0 . 1 5 0 0 . 0 0 8 0 . 4 0 1 1.280max. 1.976max. 1 . 1 1 0 m a x . 1.083max. 1.713 0.020 0.110 r0.071 0 . 4 0 1 0 . 1 4 2 0 . 1 5 0 0 . 0 0 8 0.704 0.110 0 . 1 1 0 0 . 2 5 2 0.606 0 . 3 0 7 nt90tp nt90tp nc com nc n0 com n0 com 0 . 0 8 7 nt90tp 2 0 . 0 8 7 0.303 0 . 0 8 7 max. max. m a x . max. max. max. m a x . max. max. m a x . max. 2 1 nt90tpl ningbo huaguan electronics corporation l td .


▲Up To Search▲   

 
Price & Availability of NT90TP-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X