Part Number Hot Search : 
LTC2400 320240 5KP54CA HS5151 01LFT AOU456L BP151 CP192V
Product Description
Full Text Search
 

To Download MC74VHC00DR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 september, 2014 ? rev. 7 1 publication order number: mc74vhc00/d mc74vhc00 quad 2-input nand gate the mc74vhc00 is an advanced high speed cmos 2?input nand gate fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the inputs tolerate voltages up to 7 v, allowing the interface of 5 v systems to 3 v systems. features ? high speed: t pd = 3.7 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 2  a (max) at t a = 25 c ? high noise immunity: v nih = v nil = 28% v cc ? power down protection provided on inputs ? balanced propagation delays ? designed for 2 v to 5.5 v operating range ? low noise: v olp = 0.8 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: hbm > 2000 v; machine model > 200 v ? chip complexity: 32 fets or 8 equivalent gates ? these devices are pb?free and are rohs compliant figure 1. pinout: 14?lead packages (top view) 13 14 12 11 10 9 8 2 1 34567 v cc b4 a4 y4 b3 a3 y3 a1 b1 y1 a2 b2 y2 gnd l l h h l h l h function table inputs output ab h h h l y a = assembly location l, wl = wafer lot y = year w, ww = work week g,  = pb?free device marking diagrams so?14 d suffix case 751a tssop?14 dt suffix case 948g http://onsemi.com vhc00g awlyww 1 14 vhc 00 alyw   1 14 see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information
mc74vhc00 http://onsemi.com 2 3 y1 1 a1 figure 2. logic diagram 2 b1 6 y2 4 a2 5 b2 8 y3 9 a3 10 b3 11 y4 12 a4 13 b4 y = ab maximum ratings symbol parameter value unit v cc positive dc supply voltage ?0.5 to +7.0 v v in digital input voltage ?0.5 to +7.0 v v out dc output voltage ?0.5 to v cc +0.5 v i ik input diode current ?20 ma i ok output diode current  20 ma i out dc output current, per pin  25 ma i cc dc supply current, v cc and gnd pins  75 ma p d power dissipation in still air soic package tssop 200 180 mw t stg storage temperature range ?65 to +150 c v esd esd withstand voltage human body model (note 1) machine model (note 2) charged device model (note 3) >2000 >200 n/a v i latch?up latch?up performance above v cc and below gnd at 125 c (note 4)  300 ma  ja thermal resistance, junction to ambient soic package tssop 143 164 c/w stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. tested to eia/jesd22?a1 14?a 2. tested to eia/jesd22?a1 15?a 3. tested to jesd22?c101?a 4. tested to eia/jesd78 recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage 0 5.5 v v out dc output voltage 0 v cc v t a operating temperature range, all package types ?55 125 c t r , t f input rise or fall time v cc = 3.3 v + 0.3 v v cc = 5.0 v + 0.5 v 0 0 100 20 ns/v functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability.
mc74vhc00 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? ???? ???? ???? ???? ?????? ?????? ?????? ?????? ??????? ??????? ??????? ??????? ??? ??? ??? ??? ???????? ???????? ???????? c ????? ????? ????? c ???? ???? ???? c ??? ??? ??? ??? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ???? ???? ???? v ih ?????? ?????? ?????? ??????? ??????? ??????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ???? ???? ???? ?????? ?????? ?????? ??????? ??????? ??????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ???? ???? ???? ???? ???? ???? ?????? ?????? ?????? ?????? ?????? ?????? ??????? ??????? ???????  a ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ??????? ??????? ??????? ??????? ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ?? ???? ???? ???? ???? ???? ?????? ?????? ?????? ?????? ?????? ??????? ??????? ???????  a ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??????? ??????? ??????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ???? ???? ???? ?????? ?????? ?????? ??????? ??????? ??????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ???  0.1 ??? ??? ??? ??? ??? ???  1.0 ??? ??? ??? ?? ?? ??  2.0 ??? ??? ???  a ???? ???? ???? ?????? ?????? ?????? ??????? ??????? ??????? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ???  a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0 ns) ???? ???? ???? symbol ?????? ?????? ?????? ?????????? ?????????? ?????????? ??????? ??????? c ????? ????? c ???? ???? c ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ???? ???? ???? t plh , t phl ?????? ?????? ?????? ?????? ?????? ?????????? ?????????? ?????????? 0.3 v c l = 15 pf c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ???? ???? ???? ?????????? ?????????? ?????????? 0.5 v c l = 15 pf c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ???? ???? ???? ?????? ?????? ?????? ?????????? ?????????? ?????????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? typical @ 25 c, v cc = 5.0 v pf 19 5. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc / 4 (per gate). c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0 ns, c l = 50 pf, v cc = 5.0 v, measured in soic package) symbol characteristic t a = 25 c unit typ max v olp quiet output maximum dynamic v ol 0.3 0.8 v v olv quiet output minimum dynamic v ol ? 0.3 ? 0.8 v v ihd minimum high level dynamic input voltage 3.5 v v ild maximum low level dynamic input voltage 1.5 v
mc74vhc00 http://onsemi.com 4 figure 3. switching waveforms v cc gnd 50% 50% v cc a or b y t phl t plh *includes all probe and jig capacitance figure 4. test circuit c l * test point device under test output figure 5. input equivalent circuit input ordering information device package shipping ? MC74VHC00DR2G soic?14 (pb?free) 2500 / tape & reel mc74vhc00dtg tssop?14* (pb?free) 96 units / rail mc74vhc00dtr2g tssop?14* (pb?free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mc74vhc00 http://onsemi.com 5 package dimensions soic?14 case 751a?03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74vhc00 http://onsemi.com 6 package dimensions tssop?14 case 948g issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc74vhc00/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of MC74VHC00DR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X