features surge overload -240~500 amperes peak low forward voltage drop mounting position: any electrically isolated base -2000 volts solderable 0.25" faston terminals materials used carries u/l recognition maximum ratings and electrical characteristics mbr-w mbr-w mbr-w mbr-w mbr-w mbr-w mbr-w 10005 1001 1002 1004 1006 1008 1010 15005 1501 1502 1504 1506 1508 1510 25005 2501 2502 2504 2506 2508 2510 35005 3501 3502 3504 3506 3508 3510 50005 5001 5002 5004 5006 5008 5010 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 30 70 140 280 420 560 700 v maximum average forward rectified output current at @tc=55 peak forward surage current 8.3ms single half sine-wave super imposed on rated load maximum forward voltage drop per element at 5.0/7.5/12.5/17./25.0 peak maximum reverse current at rated dc blocking voltage per element @t a =25 operating temperature rang t j storage temperature rang t stg unit silicon bridge rectifiers for capacitive load current by 20% resistive or inductive load 60h z . rating at 25 ambient temperature unless otherwise specified. reverse voltage - 50 to 1000 volts forward current - 10/15/25/35/50 amperes dimensions in inches and (milimeters) i (av) symbol ~ 371 ~ -55 to +125 -55 to +125 i fsm 10.0 ua characteristics mbr10/15/25/35/50a w series a i r v f a v 1.1 mbrw mbr 10w 10 15 25 35 50 240 300 400 400 500 mbr 15w mbr 25w mbr 35w mbr 50w .469(11.9) .429(10.9) .693(17.6) .732(18.6) .693(17.6) .732(18.6) 1.114(28.3) 1.130(28.7) .38(0.97) .42(1.07) (30.5)min 1.200 hole for no.8 screw 193"(4.9)diam .335(8.5) .295(7.5) metal heat sink 1.130(28.7) 1.114(28.3)
rating and characteristic curves mbr10/15/25/35/50a w series ~ 372 ~ fig.3 C typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) instantaneous forward voltage ,volts 0.4 0.1 1.0 0.01 10 100 0.6 0.8 1.0 1.2 1.4 1.6 mbr25w mbr15w mbr35/50w mbr10w temperature ( ) fig. 2 C derating curve output rectified current a v e r a g e f o r w a r d o u t p u t c u r r e n t ( a m p e r e s ) mbr10w mbr15w mbr25w mbr35w mbr50w 40 20 10 0 30 50 50 100 150 fig.4 C typical reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m i c r o a m p e r e s ) t j = 25 0 0.01 0.1 1.0 10 20 40 60 80 100 120 140 number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s fig.1-maximum forward surge current 200 100 0 300 500 600 400 100 10 1 mbr10w mbr50w mbr25/35w mbr15w
|