Part Number Hot Search : 
SMB36 M51521 1N4962 SC930 AP2309 N4751 LGK2A MS62571
Product Description
Full Text Search
 

To Download K1100BA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. revision: 8-25-06 K1100BA, k1150ba, k1125ba, k1110ba series 14 pin dip, 5.0 volt, clock oscillator ? 4-pin package, compatible with 14-pin dil ? 1.0mhz to 70mhz frequency range ? hcmos circuit, ttl/cmos compatible tight symmetry (45/55%) available ? tri-state option available ? 100ppm stability standard tighter stabilities available 10ppm stability:- k1110ba 25ppm stability:- k1125ba 50ppm stability:- k1150ba 2553 n. edgington street, franklin park, il 60131 y phone: 847.451.1000 y fax: 847.451.7585 800-888-1499 or www.champtech.com 1 model K1100BA frequency range (mhz) 1.0 to 70 frequency stability (ppm) overall inclusive of calibration, temperature, voltage, load, shock,vibration, aging 0c to 70c 100 temperature range (c) operating -40c to +85c storage -55c to +125c supply voltage (v) +5.0 10% supply current (ma) symmetry 40/60 @ 0.5v cc e l e c t r i c a l s p e c i f i c at i o n s start up time (ms) <10 pa r t n u m b e r i n g g u i d e k11xx bacxxx - specify frequency blank = 0 o c to 70 o c operating temperature m = -40 o c to 85 o c operating temperature blank = fixed frequency e = tri-state blank = 40/60% symmetry s = 45/55 symmetry c = cmos output model selection: see table above K1100BA series 5v crystal clock oscillators ? ?????? ?????? ? ??? ? ?? ? ????????? ???????????? ???????????? ????? ???????????? output ttl symmetry 40/60% @ 1.4v; 45/55% optional t r and t f (ns) 20mhz =8; > 20mhz = 6 fanout (ttl) 10 output cmos t r and t f (ns) 20mhz =10; > 20mhz = 8 k1150ba k1125ba k1110ba rating over temperature only 25 150 50 100 na 10 n/a <20mhz 20 - 70 mhz 15 50 -40c to 85c part numbering guide k11 xx bacxxx-r - specify frequency -r = rohs compliant blank = non-rohs compliant blank = 0c to 70c operating temperature m = -40c to 85c operating temperature blank = fixed frequency e = tri-state blank = 40/60% symmetry s = 45/55% symmetry c = cmos output model selection: see table above ? 4-pin package, compatible with 14-pin dil ? 1.0mhz to 70mhz frequency range ? hcmos circuit, ttl/cmos compatible tight symmetry (45/55%) available ? tri-state option available ? 100ppm stability standard tighter stabilities available 10ppm stability:- k1110ba 25ppm stability:- k1125ba 50ppm stability:- k1150ba 2553 n. edgington street, franklin park, il 60131 y phone: 847.451.1000 y fax: 847.451.7585 800-888-1499 or www.champtech.com 1 model K1100BA frequency range (mhz) 1.0 to 70 frequency stability (ppm) overall inclusive of calibration, temperature, voltage, load, shock,vibration, aging 0c to 70c 100 temperature range (c) operating -40c to +85c storage -55c to +125c supply voltage (v) +5.0 10% supply current (ma) symmetry 40/60 @ 0.5v cc e l e c t r i c a l s p e c i f i c at i o n s start up time (ms) <10 pa r t n u m b e r i n g g u i d e k11xx bacxxx - specify frequency blank = 0 o c to 70 o c operating temperature m = -40 o c to 85 o c operating temperature blank = fixed frequency e = tri-state blank = 40/60% symmetry s = 45/55 symmetry c = cmos output model selection: see table above K1100BA series 5v crystal clock oscillators ? ?????? ?????? ? ??? ? ?? ? ????????? ???????????? ???????????? ????? ???????????? output ttl symmetry 40/60% @ 1.4v; 45/55% optional t r and t f (ns) 20mhz =8; > 20mhz = 6 fanout (ttl) 10 output cmos t r and t f (ns) 20mhz =10; > 20mhz = 8 k1150ba k1125ba k1110ba rating over temperature only 25 150 50 100 na 10 n/a <20mhz 20 - 70 mhz 15 50 -40c to 85c
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 2553 n. edgington street, franklin park, il 60131 y phone: 847.451.1000 y fax: 847.451.7585 800-888-1499 or www.champtech.com 2 output waveform test circuit diagram pin function n/c / tri-state 1 2 3 ground output 4 + v cc K1100BA series 5v crystal clock oscillators test methods reference procedures description temperature cycle mil-std-833, mtd 1010, cond. b mechanical shock mil-std-883, mtd 2002, cond. b -55c to +125c; air-to-air; 100 cycles; 10 min. dwell vibration mil-std 883, mtd 2007, cond. b 20-2000 hz; 0.06 inch; 15gs; 3 planes humidity steady state mil-std-202, mtd 103 40c; 90%-95% r.h.; 56 days thermal shock mil-std-883, mtd 1011.7 cond. b electrostatic discharge solderability hermeticity resistance to soldering lead integrity marking permanence life test 100c to 0c; water-to-water; 15 cycles 2 kv to 4 kv threshold solder dip; meniscograph criteria mass spectro. 2 x 10-8 atmos. cc/sec he 235c; 30 seconds lead tension & bend stress resistance to solvents 1500 gs mil-std-883, mtd 3015 class ii mil-std-883, mtd 1005.6 mil-std-883, mtd 2022.2 mil-std-883, mtd 1014.8, cond. a1 mil-std-202, mtd 210d, cond. j mil-std-883, mtd 2004.5, cond. a, b1 mil-std-883, mtd 2015.8 125 c, powered, 1000 hours minimum mechanical and environmental specifications shipping tube cross section revision: 8-25-06 K1100BA, k1150ba, k1125ba, k1110ba series 14 pin dip, 5.0 volt, clock oscillator


▲Up To Search▲   

 
Price & Availability of K1100BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X