gbu4005 thru gbu410 glass passivated single-phase bridge rectifier reverse voltage: 50 to 1000 volts forward current: 4.0 ampere features glass passivated chip junction gbu reliable low cost construction utilizing molded plastic technique ideal for printed circuit board low forward voltage drop low reverse leakage current high surge current capability mechanical data case: molded plastic, gbu epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil-std-202, method 208 guaranteed mounting position: any weight: 0.15ounce, 4.0gram maximum ratings and electrical characteristics ratings at 25 ?? ambient temperature unless otherwise specified. single phase, half wave, 60h z , resistive or inductive load. for capacitive load, derate current by 20%. symbols gbu4005 gbu401 gbu402 gbu404 gbu406 gbu408 gbu410 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward t c =100 ?? (note 1) rectified current at t a = 40 ?? (note 2) peak forward surge current, 8.3ms single half-sine-wave superimposed on rated load (jedec method) maximum forward voltage at 4.0a dc and 25 ?? maximum reverse current at t a =25 ?? at rated dc blocking voltage t a =125 ?? typical junction capacitance (note 3) c j pf typical thermal resistance (note 2) r ja ?? /w typical thermal resistance (note 1) r jc ?? /w operating and storage temperature range t j ? tstg ?? notes: 1- unit case mounted on 1.6 x 1.6 x 0.06? thick (4.0 x4.0 x 0.15cm) al. plate 2- units mounted on p.c.b. with 0.5 x 0.5" (12 x 12mm) copper pads and 0.375" (9.5mm) lead length 3- measured at 1 mh z and applied reverse voltage of 4.0 vdc. 4- recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 s crew i r amp amp volts uamp 1.0 dimensions in inches and (millimeters) i (av) i fsm v f 150 4.0 3.0 -55 to +150 5.0 500 4.2 100 45 22 3.2x45 r7,6 7 7 7 7 0 www.yfwdiode.com
gbu4005 thru gbu410 glass passivated single-phase bridge rectifier ratings and characteristic curves www.yfwdiode.com
|