Part Number Hot Search : 
R5F7136 AP2014 NA130 2SC1622 EC3A03B AD7952 CPD1E24V SVC270
Product Description
Full Text Search
 

To Download ELM85-SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1 4 - http://www.elm-tech.com r ev.1. 4 elm85 x xxx a cmos 600ma/ 800ma ldo voltage regulator general description elm85xxxxa is cmos voltage regulator which is cha racterized with high current and low dropout (55mv at i out =100ma) . there are 2 types of ce selection of elm85 series: non-chip enable function and h active. the standard output voltages are 3 .0v, 3.3v , 5.0v . elm85 series can also be made as semi-custom ic within the range of 0.8v to 5.0 v by 0.1 v step . this series also includes short circuit current limiter and thermal shutdown circuit. ceramic capacitors with low es r can be used as input and output ones. f eatures ? output voltage range ? o utput current ? current consumption ? input stability ? load stability ? accuracy of output voltage ? input-output voltage difference ? short circuit current limiter ? pa ckage application ? battery operated devices ? portable av equipments : 0.8 v to 5.0v (by 0.1v) : 600 ma( vout<3.0v ) 800ma(vout3.0v) : typ. 40 a : typ.0. 0 2 % / v : typ.20mv (1mai out 300ma) : 2.0% : typ.55mv ( v out =3.0v, i out =100ma) : typ.70ma (v out =0v) : sot - 223( 0.8 v to 5.0v), son8-3x3(1.2v to 4.0v) sot-89( 1.2v to 4.0v) , sot-89-5 ( 1.2v to 4.0v) sot - 23 ( 1.2v to 4.0v) , sot - 2 5 ( 1.2v to 4.0v) (0.8v to 1.1v, 4.1v to 5.0v are available in sot-223 package only.) maximum absolute ratings parameter symbol limit unit input voltage v in v ss - 0.3 to 7.0 v output voltage v out v ss - 0.3 to v in + 0.3 v output current i out 10 00 ma power dissipation pd 5 00 (sot-89) mw 500 ( sot-89-5 ) 250 (sot-23) 300 (sot-25) 500 (son8-3x3) 625 (sot-223) operating temperature t op - 40 to + 8 5 c storage temperature tstg - 55 to + 1 25 c
2 1 4 - http://www.elm-tech.com r ev.1. 4 elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator selection guide elm 8 5 x xxx a - x symbol a, b output voltage e.g. : 30 : v out =3.0v, 3 3 : v out =3.3v 50 : v out =5.0v c ce selection 1: no ce 3: ce= h active d package a: sot-89, sot-89-5 b: sot-23, sot-25 g: son8-3x3 h : sot-223 e product version a f taping direction s: refer to p kg file (sot-223: s only) n : refer to p kg file elm85 x x x x a - x a b c d e f pin configuration sot - 223(top view) pin no. pin name 1 v ss 2/tab v in 3 vout elm85xx1ha sot - 89 (top view) pin no. pin name 1 v ss 2 v in 3 vout elm85xx1aa sot - 89-5 (top view) pin no. pin name 1 v ss 2 v in 3 vout 4 nc 5 ce elm85xx3aa pin no. pin name 1 v in 2 v ss 3 ce 4 nc 5 vout sot - 2 5 (top view) pin no. pin name 1 v ss 2 v out 3 v in sot - 23 (top view) elm85xx1ba elm85xx3ba
3 1 4 - http://www.elm-tech.com r ev.1. 4 so n 8- 3x3 (top view) pin no. pin name pin no. pin name 1 v out 5 nc 2 v out 6 ce 3 v in 7 nc 4 vin 8 vss 1 2 3 8 7 6 5 1 2 3 4 8 7 6 5 4 ( t o p v i e w ) ( b o t t o m v i e w ) * elm85xx3ga 1 2 3 8 7 6 5 1 2 3 4 8 7 6 5 4 ( t o p v i e w ) ( b o t t o m v i e w ) * so n 8- 3x3 (bottom view) * the potential of the tab on the back is the circuit one (vin). please set it to be open or connect to vin pin(recommended). block diagram v i n v r e f v s s + - p r o t e c t c i r c u i t v o u t p r o t e c t c i r c u i t v r e f v o u t v s s v i n - + c e c o n t r o l c i r c u i t elm85xx1xa elm85xx3xa standard circuit c o e l m 8 5 x x 1 x a v o u t v s s c i v o u t v i n v i n c i e l m 8 5 x x 3 x a c o n t r o l v o l t a g e c o v i n v s s v o u t v i n v o u t c e elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
4 1 4 - http://www.elm-tech.com r ev.1. 4 electrical charac teristics (elm85xx1xa) c i =1.0f, c o =4.7f, t op = 25 c parameter symbol condition min. typ. max. unit output voltage v out v in = 4.0 v, i out =40ma 2.940 3.000 3.060 v output current i out v in = 4.0v 8 00 ma input stability v out / v in 3 .5v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 4 .0v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out = 10 0ma 55 90 mv current consumption i ss v in = 4 .0v 40 100 a input voltage v in 1.4 6.0 v output voltage temperature coefficient v out / t op - 40 c t op +85c, v in = 4 .0v, i out =40ma 100 ppm/c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms v out =3.0v(elm85301xa), no ce pin elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator c i =1.0f, c o =4.7f, t op = 25 c v out =3.3v(elm85331xa), no ce pin parameter symbol condition min. typ. max. unit output voltage v out v in = 4. 3 v, i out =40ma 3.234 3.300 3.366 v output current i out v in = 4.3v 8 00 ma input stability v out / v in 3 .8v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 4 .3v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out =10 0ma 55 90 mv current consumption i ss v in = 4 .3v 40 100 a input voltage v in 1.4 6.0 v output voltage temperature coefficient v out / t op - 40 c t op +85 c , v in = 4 .3v, i out =40ma 100 ppm/ c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms
5 1 4 - http://www.elm-tech.com r ev.1. 4 c i =1.0f, c o =4.7f, t op = 25 c v out =5.0v(elm85501ha), no ce pin parameter symbol condition min. typ. max. unit output voltage v out v in = 6.0 v, i out =40ma 4.900 5 .000 5.100 v output current i out v in = 6 .0v 8 00 ma input stability v out / v in 5 .5v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 6 .0v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out =10 0ma 52 85 mv current consumption i ss v in = 6 .0v 40 100 a input voltage v in 1.4 6.0 v output voltage temperature coefficient v out / t op - 40 c t op +85c, v in = 6 .0v, i out =40ma 100 ppm/ c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms * elm8550 is only available in sot-223 package . elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator c i =1.0f, c o =4.7f, t op = 25 c parameter symbol condition min. typ. max. unit output voltage v out v in = 4.0 v, i out =40ma 2.940 3.000 3.060 v output current i out v in = 4.0v 8 00 ma input stability v out / v in 3 .5v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 4 .0v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out = 10 0ma 55 90 mv current consumption i ss v in = 4 .0v 40 100 a standby current consumption istandby v in = 4 .0v, v ce = 0v 0.5 a input voltage v in 1.4 6.0 v ce i nput voltage high v ceh v in = 6 .0v 1.8 v in v ce i nput voltage l ow v ce l v in = 1 .4v 0.0 0.2 v ce i nput current high i ceh v ce = v in = 6 .0v -0.2 0.2 a ce i nput current l ow i ce l v ce = v ss , v in = 6 .0v -0.2 0.2 a output voltage temperature coefficient v out / t op - 40 c t op +85 c , v in = 4 .0v, i out =40ma 100 ppm/ c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms v out =3.0v(elm85303aa), ce= h active electrical charac teristics (elm85xx3aa)
6 1 4 - http://www.elm-tech.com r ev.1. 4 c i =1.0f, c o =4.7f, t op = 25 c v out =3.3v(elm85333aa), ce = h active parameter symbol condition min. typ. max. unit output voltage v out v in = 4. 3 v, i out =40ma 3.234 3.300 3.366 v output current i out v in = 4.3v 8 00 ma input stability v out / v in 3 .8v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 4 .3v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out =10 0ma 55 90 mv current consumption i ss v in = 4 .3v 40 100 a standby current consumption istandby v in = 4 .3v, v ce = 0v 0.5 a input voltage v in 1.4 6.0 v ce i nput voltage high v ceh v in = 6 .0v 1.8 v in v ce i nput voltage l ow v ce l v in = 1 .4v 0.0 0.2 v ce i nput current high i ceh v ce = v in = 6 .0v -0.2 0.2 a ce i nput current l ow i ce l v ce = v ss , v in = 6 .0v -0.2 0.2 a output voltage temperature coefficient v out / t op - 40 c t op +85 c , v in = 4 .3v, i out =40ma 100 ppm/ c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator c i =1.0f, c o =4.7f, t op = 25 c v out =3.3v(elm85333ga), ce= h active electrical charac teristics (elm8533xga) parameter symbol condition min. typ. max. unit output voltage v out v in = 4. 3 v, i out =40ma 3.234 3.300 3.366 v output current i out v in = 4.3v 8 00 ma input stability v out / v in 3 .8v v in 6.0v, i out =100ma 0.02 0.20 % /v load stability v out / i out v in = 4 .3v, 1ma i out 300ma 20 60 mv input-output voltage differential v dif i out =10 0ma 55 90 mv current consumption i ss v in = 4 .3v 40 100 a standby current consumption istandby v in = 4 .3v, v ce = 0v 0.5 a input voltage v in 1.4 6.0 v ce i nput voltage high v ceh v in = 6 .0v 1.8 v in v ce i nput voltage l ow v ce l v in = 1 .4v 0.0 0.2 v ce i nput current high i ceh v ce = v in = 6 .0v -0.2 0.2 a ce i nput current l ow i ce l v ce = v ss , v in = 6 .0v -0.2 0.2 a output voltage temperature coefficient v out / t op - 40 c t op +85 c , v in = 4 .3v, i out =40ma 100 ppm/ c short circuit current i lim v out = 0v 7 0 ma ripple rejection ratio rr f=1khz , i out =40ma 60 db thermal shutdown temperature t sd 165 c output noise v no bw=10hz to 100khz 30 vrms
7 1 4 - http://www.elm-tech.com r ev.1. 4 marking elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator s ot - 89 s ot - 89 - 5 symbol output voltage range (v) package ce type 0 0 1.2~3.0 sot-89 no ce 0 1 3 .1~4.0 sot-89 no ce 0 2 1.2~3.0 sot-89-5 ce=high 0 3 3 .1~4.0 sot-89-5 ce=high 5 4 1.2~3.0 sot-23 no ce 5 5 3 .1~4.0 sot- 23 no ce 5y 1.2~3.0 sot-25 ce=high 5z 3 .1~4.0 sot-25 ce=high a, b : represents output voltage range , package type and ce type. s ot - 2 3 s ot - 2 5 symbol output voltage(v) 1 3 .1 2 3 .2 3 3 .3 4 3 .4 5 3 .5 6 3 .6 7 3 .7 8 3 .8 9 3 .9 0 4 .0 a b 1 .2 c 1 .3 d 1 .4 e 1 .5 c : represents output voltage. d : represents the assembly lot number 1~0, a~z repeated (i,o,x excepted) symbol output voltage(v) f 1 .6 g 1 .7 h 1 .8 j 1 .9 k 2 .0 l 2 .1 m 2 .2 n 2 .3 p 2 .4 q 2 .5 r 2 .6 s 2 .7 t 2 .8 u 2 .9 v 3 .0
8 1 4 - http://www.elm-tech.com r ev.1. 4 elm85 ab3ga cde a , b : output voltage. e.g. : 33(v out =3.3v) c to e : assembly lot no. 00 0 to 999 s o n 8-3x3 elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator a , b : output voltage. e.g. : 33(v out =3.3v) c : product version d to f : assembly lot no. a to z (i, o, x ex cepted) and 0 to 9 s o t -2 23
9 1 4 - http://www.elm-tech.com r ev.1. 4 1 2 3 4 5 6 2 2.2 2.4 2.6 2.8 3 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 3 3.5 4 4.5 5 5.5 6 2.94 2.95 2.96 2.97 2.98 2.99 3 3.01 3.02 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 0 200 400 600 800 1000 1200 0 0.5 1 1.5 2 2.5 3 3.5 iout(ma) vout(v) vin=3.3v vin=3.6v vin=5.0v vin=4.0v vout-iout top=25c vin=6.0v 0 100 200 300 400 500 600 700 800 0 100 200 300 400 500 iout(ma) vdiff(mv) vdiff-iout top=25c 2 3 4 5 6 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 vceh(v) vceh-vin top=25c vin(v) 2 3 4 5 6 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 vcel(v) vcel-vin top=25c vin(v) - ? 3.0v vout unit (elm8530xxa) elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
10 1 4 - http://www.elm-tech.com r ev.1. 4 0 20 40 60 80 100 120 140 160 180 2 2.5 3 3.5 4 4.5 5 5.5 6 time(s) input,output voltage(v) input transient response iout=100ma, tr=tf=5.0s, co=4.7f input voltage output voltage 0 1 2 3 4 5 6 0 4 8 12 16 20 24 28 32 36 40 44 48 52 10 1 10 2 10 3 10 4 10 5 0 10 20 30 40 50 60 70 ripple rejection(db) ripple rejection vin=4.0v, iout=40ma, co=4.7f frequency(hz) vin(v) iss( a) iss-vin top=25c 0 40 80 120 160 200 240 2.0 2 .5 3.0 3 .5 4.0 output voltage(v) load transient response ci=co=4.7 ? f time( ? s) vin=4.0v output voltage output current 100ma 10ma elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
11 1 4 - http://www.elm-tech.com r ev.1. 4 1 2 3 4 5 6 2.4 2.6 2.8 3 3.2 3.4 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 3 3.5 4 4.5 5 5.5 6 3.25 3.26 3.27 3.28 3.29 3.3 3.31 3.32 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 0 200 400 600 800 1000 1200 0 0.5 1 1.5 2 2.5 3 3.5 4 iout(ma) vout(v) vin=3.6v vin=3.8v vin=4.3v vin=5.0v vout-iout top=25c vin=6.0v 0 100 200 300 400 500 600 700 800 0 100 200 300 400 500 600 iout(ma) vdiff(mv) vdiff-iout top=25c 2 3 4 5 6 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 vceh(v) vceh-vin top=25c vin(v) 2 3 4 5 6 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 vcel(v) vcel-vin top=25c vin(v) ? 3.3v vout unit (elm8533xxa) elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
12 1 4 - http://www.elm-tech.com r ev.1. 4 0 20 40 60 80 100 120 140 160 180 2.5 3 3.5 4 4.5 5 5.5 6 time( s) input,output voltage(v) input transient response iout=100ma, tr=tf=5.0 s, co=4.7 f input voltage output voltage 0 1 2 3 4 5 6 0 4 8 12 16 20 24 28 32 36 40 44 48 52 vin(v) iss( a) iss-vin top=25c 10 1 10 2 10 3 10 4 10 5 0 10 20 30 40 50 60 70 frequency(hz) ripple rejection(db) ripple rejection vin=4.3v, iout=40ma, co=4.7 f 0 40 80 120 160 200 240 2 .5 3.0 3 .5 4.0 4 .5 5.0 time( ? s) output voltage(v) load transient response ci=co=4.7 ? f vin=4.3v output voltage output current 100ma 10ma elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
13 1 4 - http://www.elm-tech.com r ev.1. 4 4 5 6 4 4.5 5 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 5 5.5 6 4.97 4.98 4.99 5 5.01 5.02 5.03 5.04 5.05 5.06 5.07 vin(v) vout(v) iout=1ma iout=100ma iout=300ma vout-vin top=25c 0 200 400 600 800 1000 1200 1400 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 iout(ma) vout(v) vin=5.5v vin=6.0v vout-iout top=25c vin=5.3v 0 100 200 300 400 500 600 700 800 0 100 200 300 400 500 600 iout(ma) vdiff(mv) vdiff-iout top=25c ? 5.0v vout unit (el m85501ha) elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator
14 1 4 - http://www.elm-tech.com r ev.1. 4 0 40 80 120 160 200 240 4 4.5 5 5.5 6 6.5 time( s) output voltage(v) load transient response ci=co=4.7 f output voltage vin=6.0v output current 100ma 10ma 0 20 40 60 80 100 120 140 160 180 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 time( s) input,output voltage(v) input transient response iout=100ma, tr=tf=5.0 s, co=4.7 f input voltage output voltage 0 1 2 3 4 5 6 0 4 8 12 16 20 24 28 32 36 40 44 48 52 vin(v) iss( a) iss-vin top=25c 10 1 10 2 10 3 10 4 10 5 0 10 20 30 40 50 60 70 80 frequency(hz) ripple rejection(db) ripple rejection vin=6.0v, iout=40ma, co=4.7 f elm85 x xxx a cmos 600ma/ 8 00ma ldo voltage regulator


▲Up To Search▲   

 
Price & Availability of ELM85-SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X