Part Number Hot Search : 
12600 KIC6981F BD3539 P2907 SDA276G MMSZ5230 QVA21113 1004A
Product Description
Full Text Search
 

To Download DKD105M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc diode thermometrics thermistors a range of ntc chip thermistors in do-35 style glass package (diode outline) with axial solder- coated copper-clad steel wires. ? designed for accurate temperature measurement, control and compensation ? tight tolerances on resistance and b value ? operation up to 482f (250c) with excellent stability ? glass body provides hermetic seal and voltage insulation and excellent stability ? designed for cost effective solid state sensor ? lead-wires metallurgically bonded to thermistor element for improved reliability (type ge only) ? resistant to corrosive atmospheres and harsh environments ? available on axial bandolier to iec-286-1/ eia-468a and packet taped to eia rs-481 for melf. ? also available loose-packed with axial, radial and smd wire forms ? suitable for automotive, telecom (battery packs), hvac and white goods applications ? temperature sensing for household appliances such as rice cookers, electronic ranges, ovens, etc. ? temperature sensing for industrial products such as pharmaceuticals, chemicals, food, etc.components. a mphenol advanced sensors
2 type dk specifcations options ? other resistance values within the ranges shown; e.g. code dka302*2 for 3000 2% at 77f (25c) ? reference temperatures in the range 0f to 302f (-18c to 150c) ? operation to 572f (300c) (no solder ? wire lengths 0.16 in to 1.26 in (4 mm to 32 mm) 0.04 in (1 mm) for dk-n; up to 1.02 in (26 mm) for dk-h coding replace * in the codes shown below as ? axial, loose-packed: n ? axial, bandoliered: b ? radial, loose-packed: h ? surface mount, loose-packed: m r25 material system b 25/85 k code r25 2% code r25 3% code r25 5% code r25 10% 2000 2 3540 1% dka202*2 dka202*3 dka202*5 dka202*10 5000 2 3540 1% dka502*2 dka502*3 dka502*5 dka502*10 10,000 2 3540 1% dka103*2 dka103*3 dka103*5 dka103*10 10,000 3730 2% dkc103*3 dkc103*5 dkc103*10 12,000 3730 2% dkc123*2 dkc123*3 dkc123*5 dkc123*10 10,000 3960 1% dkf103*2 dkf103*3 dkf103*5 dkf103*10 20,000 3960 1% dkf203*2 dkf203*3 dkf203*5 dkf203*10 30,000 3960 1% dkf303*2 dkf303*3 dkf303*5 dkf303*10 50,000 3960 1% dkf503*2 dkf503*3 dkf503*5 dkf503*10 100,000 3960 1% dkf104*2 dkf104*3 dkf104*5 dkf104*10 200,000 g 4263 2% dkg204*5 dkg204*10 500,000 4573 2% dkd504*5 dkd504*10 1,000,000 4573 2% dkd105*5 dkd105*10 data ? operating temperature: -40f to 482f (-40c to 250c) ? thermal time constant: 7 seconds (cooling in air) ? dissipation factor: 3.0 mw/k ? mass: 0.2 g ? packing/moq: 1000/box (loose), 5000/reel (bandoliered) ntc type dk wires should not be bent within 0.08 in (2 mm) of glass body 0.1 in (2.8 mm) 0.08 in (2 mm) 0.02 in (0.5 mm) 0.08 in (2 0.16 in (4 mm) 1.06 in (27 mm) 0.2 in (4.2 mm) inside radius 0.05 in (1.2 0.8 in (19.5 mm) 1 ? 0.02 in (0.5 mm) see separate tables for resistance-temperature data.. consult factory for additional tolerance requirements.
3 type dkm specifcations glass encapsulated smd thermistor description a range o termistors in do-35 style glass pacage (diode outline ormed or surace lead-wires and applications) wit solder- coated copper-clad steel lead-wires options ? other resistance values within the ranges shown; e.g. code dka302m2 for 3000 2% at 77f (25c) ? reference temperatures in the range 32f to 302f (0c to 150c) ? for tape and reel, add suffx ab ? operation to 572f (300c); no solder data ? operating temperature: -40f to 482f (-40c to 250c) ? thermal time constant: 7 seconds (cooling in air) ? dissipation factor: 3.0 mw/k ? mass: 0.2 g ? packing/moq: 1000/box (loose) ntc type dkm wires should not be bent within 0.08 in (2 mm) of glass body 0.04 in (1 mm) 0.2 in (4.2 mm) maximum 0.4 in (9.0 mm)/ 0.4 in (9.5 mm ) 0.09 in (2.2 mm) maximum 0.04 in (1 mm) minimum r25 material system b 25/85 k code r25 2% code r25 3% code r25 5% code r25 10% 2000 2 3540 1% dka202m2 dka202m3 dka202m*5 dka202m10 5000 2 3540 1% dka502m*2 dka502m3 dka502m5 dka502m10 10,000 2 3540 1% dka103m2 dka103m3 dka103m5 dka103m10 10,000 3730 2% dkc103m3 dkc103m5 dkc103m10 10,000 3960 1% dkf103m2 dkf103m3 dkf103m5 dkf103m10 20,000 3960 1% dkf203m2 dkf203m3 dkf203m5 dkf203m10 30,000 3960 1% dkf303m2 dkf303m3 dkf303m5 dkf303m10 50,000 3960 1% dkf503m2 dkf503m3 dkf503m5 dkf503m10 100,000 3960 1% dkf104m2 dkf104m3 dkf104m5 dkf104m10 200,000 g 4263 2% dkg204m5 dkg204m10 500,000 4573 2% dkd504m5 dkd504m10 1,000,000 4573 2% dkd105m5 DKD105M10 see separate tables for resistance-temperature data.. consult factory for additional tolerance requirements.
4 type ge specifcations glass encapsulated do-35 package options ? for reel taping r suffx ? nickel leads for welding ? other resistances in the range 250 ? other tolerances, tolerances at other ? alternative leads lengths, lead ? can be expanded to 572f (300c) ro@25 c ( ) material system beta 25/85 type number 250 ge5.5* 2983 al03006-165.9-55-k 500 ge5.5* 2983 al03006-331.8-55-k 1k ge7.3 3499 al03006-624-73-k 2k ge7.3 3499 al03006-1248-73-k 2786 ge10.1 4102 al03006-1576-101-k ge7.6 al03006-1847-76-k 4k ge7.6 al03006-2463-76-k ge7.6 al03006-3079-76-k 10k ge9.7a 3992 al03006-5818-97-k 20k ge9.8 3974 al03006-11.7k-98-k 30k ge9.8 3974 al03006-17.53k-98-k 50k ge9.7b 3952 al03006-29.1k-97-k 100k ge9.7b 3952 al03006-58.2k-97-k 200k ge12.3 4365 al03006-111.3k- 123-k 500k ge13.8 4567 al03006-269.8k- 138-k 1m ge14.5 4661 al03006-535k-145-k ge16.4 4848 al03006-2.6m-164-k *maximum operating temperature 302f (150c) data ? standard resistance tolerance: 10% @ 77f (25c) ? dissipation constant: 3.0 mw/k ? time constant: 7 seconds ? operating range: -58f to 400f (-50c to 204c ntc type ge dimensions tinned awg 24 0.155 in 1.15 in (29.2 mm) 0.1 1.15 in (29.2 0.1 ? 0.075 in (1.9 mm)
5 ro@25 c ( ) material system beta 25/85 type number 250 ge5.5* 2983 03006-165.9-55-k 500 ge5.5* 2983 03006-331.8-55-k 1k ge7.3 3499 03006-624-73-k 2k ge7.3 3499 03006-1248-73-k 2786 ge10.1 4102 03006-1576-101-k ge7.6 03006-1847-76-k 4k ge7.6 03006-2463-76-k ge7.6 03006-3079-76-k 10k ge9.7a 3992 03006-5818-97-k 20k ge9.8 3974 03006-11.7k-98-k 30k ge9.8 3974 03006-17.53k-98-k 50k ge9.7b 3952 03006-29.1k-97-k 100k ge9.7b 3952 03006-58.2-97-k 200k ge12.3 4365 03006-111.3k-123-k 500k ge13.8 4567 03006-269.8k-138-k 1m ge14.5 4661 03006-535k-145-k ge16.4 4848 03006-2.6m-164-k *maximum operating temperature 302f (150c) type melf specifcations glass encapsulated smd thermistor description ermetically sealed glass encapsulated thermistor in sod-80 smd package. options ? for 5% @ 77f (25c), replace k with j ? for 3% @ 77f (25c), replace k with h ? for 2% @ 77f (25c), replace k with g ? for reel taping add r suffx ? other resistances in the range 250 available ? other tolerances, tolerances at other data ? standard resistance tolerance: 10% @ 77f (25c) ? dissipation constant: 3.0 mw/c ? time constant: 7 seconds ? operating range: -58f to 400f (-50c to 204c ntc type melf dimensions tinned dumet contacts (2 places) glass ? 0.063 to 0.067 in (1.6 to 1.7 mm) 0.016 to 0.022 in (0.41 to 0.56 mm) 0.016 to 0.022 in (0.41 to 0.56 mm) 0.13 to 0.146 in (3.3 to 3.71 mm)
6 type t specifcations glass encapsulated radial lead thermistor ? the tolerance of resistance is 5% for standard device ? the tolerance of b constant is 2% for standard device the constant is determined by b = 3853.9 in (r25/r50) r25 and r50 represent the thermistor at 77f and 122f (25c and 50c) respectively ? others: for non-standard devices, consult ntc type th dimensions ? 0.02in (0.5 mm) maximum ? 0.08 in (2 mm) 0.17 in (4.2 mm) 1.02 in (26 mm) 1.02 in (26 mm) part number resistance (25 ) ? constant (25/50) recommended maximum operating current at 77f (25oc) maximum permissible current at 77f (25oc) th220j33g 2.0 k 3375 k 0.22 ma 30.0 ma th225j13g 2.545 k 3745 k 0.22 ma 30.0 ma th238j34g 3.896 k 3434 k 0.20 ma 26.5 ma th253j34g 5.369 k 3434 k 0.16 ma 24.0 ma th310j34g 10.74 k 3434 k 0.13 ma 20.0 ma th310j36g 10.0 k 3684 k 0.14 ma 20.0 ma th310j39g 10.0 k 0.14 ma 20.0 ma th315j39g 15.0 k 0.12 ma 17.0 ma th320j39g 20.0 k 3952 k 0.10 ma 15.0 ma th349j39g 49.12 k 3952 k 0.06 ma 10.0 ma th350j39g 50.0 k 3952 k 0.06 ma 10.0 ma th398j40g 98.63 k 4014 k 0.045 ma 5.0 ma th410j40g 100.0 k 4014 k 0.045 ma 5.0 ma th420j34g 200.0 k 3450 k 0.015 ma th423j41g 231.4 k 4176 k 0.015 ma th510j44g 1,000 k 4491 k 0.007 ma 1.5 ma th513j44g 1,388 k 4491 k 0.005 ma 1.0 ma dissipation factor (in still air) time constant (in still air) operating temperature range rated power at 77f (25oc) 2.0 (mw/oc) 25 (seconds) -40f to 482f (-40c to 250oc) 25 mw
7 1 2 3 / 5 4 6 7 8 type resistance r(25c) resistance / b value b value range standard lead wire type packing 225:25x10 2 = 2.5k 310:10x103 =10k 410:10x10 4 =100k f : 1% g : 2% h : 3% j : 5% k : 10% l : 15% m : 20% s : others s : 1.5% 33:3300k 40:4000k ~4099k 42:4200k ~4299k j : -18c a : 0c b : 25c c : 50c d : 75c e : 85c f : 100c g : 150c h : 200c s : others nr : cp wire ni : ni plated sn : sn plated s : others (52mm, r3 : reel (52mm, 3kp) c11 : 11mm (wire cutting) other special shape or dim explanation of part number 410 s 40 f sn (1) (2) (4) (6) (7) (8)
aas-920-320d-07/2015 wwwampenol-sensorscom ? 2015 amphenol corporation. all rights reserved. specifcations ar e subject to change without notice. trademarks of their respective owners. a mphenol advanced sensors


▲Up To Search▲   

 
Price & Availability of DKD105M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X