Part Number Hot Search : 
DUM34 07028 EM91710B SG190 IR21592 0EP16 B0100 X6874D
Product Description
Full Text Search
 

To Download BZT52C7V5-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - pb free and rohs compliant - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code - ideal for surface mounted applications sod-123 - case: bend lead sod-123 small outline plastic pac kage - terminal: matte tin plated, lead free, solderable per mil-std-202, method 208 guaranteed - polarity: indicated by cathode band v f v p d mw r ja o c/w t j o c t stg o c 2. short duration test pulse used to min imize self-heating effect document number: ds_s1402010 mechanical data 357 150 parameter storage temperature notes: 1. device mounted on ceramic pcb: 7.6mm x 9. 4mm x 0.87mm with pad areas 25mm 2 thermal resistance from junction to ambient junction temperature 5% zener voltage tolerance zener diode maximum ratings and electrical characteristics (t a =25 unless otherwise noted) unit - high temperature soldering guaranteed: 260c/10s taiwan semiconductor small signal product version: a14 - 55 to + 150 value bzt52c2v4-g~bzt52c43-g features - surface mount device type - wide zener voltage range selection: 2.4v to 43v power dissipation (note1) 0.9 350 forward voltage (note2) @ if = 10ma symbol - moisture sensitivity level 1 downloaded from: http:///
electrical characteristics (ratings at ta=25 o c ambient temperature unless otherwise specified) test current i zt z zt @ i zt z zk @ i zk i zt i r v r i ztc nom(v) min(v) max(v) ma ma ua v min max ma bzt52c2v4-g wx 2.4 2.2 2.6 5 100 600 1.0 50 1.0 -3.5 0 5 bzt52c2v7-g w1 2.7 2.5 2.9 5 100 600 1.0 20 1.0 -3.5 0 5 bzt52c3v0-g w2 3 2.8 3.2 5 95 600 1.0 10 1.0 -3.5 0 5 bzt52c3v3-g w3 3.3 3.1 3.5 5 95 600 1.0 5 1.0 -3.5 0 5 bzt52c3v6-g w4 3.6 3.4 3.8 5 90 600 1.0 5 1.0 -3.5 0 5 bzt52c3v9-g w5 3.9 3.7 4.1 5 90 600 1.0 3 1.0 -3.5 0 5 bzt52c4v3-g w6 4.3 4 4.6 5 90 600 1.0 3 1.0 -3.5 0 5 bzt52c4v7-g w7 4.7 4.4 5.0 5 80 500 1.0 3 2.0 -3.5 0.2 5 bzt52c5v1-g w8 5.1 4.8 5.4 5 60 480 1.0 2 2.0 -2.7 1.2 5 bzt52c5v6-g w9 5.6 5.2 6.0 5 40 400 1.0 1 2.0 -2.0 2.5 5 bzt52c6v2-g wa 6.2 5.8 6.6 5 10 150 1.0 3 4.0 0.4 3.7 5 bzt52c6v8-g wb 6.8 6.4 7.2 5 15 80 1.0 2 4.0 1.2 4.5 5 BZT52C7V5-G wc 7.5 7.0 7.9 5 15 80 1.0 1 5.0 2.5 5.3 5 bzt52c8v2-g wd 8.2 7.7 8.7 5 15 80 1.0 0.7 5.0 3.2 6.2 5 bzt52c9v1-g we 9.1 8.5 9.6 5 15 100 1.0 0.5 6.0 3.8 7.0 5 bzt52c10-g wf 10 9.4 10.6 5 20 150 1.0 0.2 7.0 4.5 8.0 5 bzt52c11-g wg 11 10.4 11.6 5 20 150 1.0 0.1 8.0 5.4 9.0 5 bzt52c12-g wh 12 11.4 12.7 5 25 150 1.0 0.1 8.0 6.0 10.0 5 bzt52c13-g wi 13 12.4 14.1 5 30 170 1.0 0.1 8.0 7.0 11.0 5 bzt52c15-g wj 15 13.8 15.6 5 30 200 1.0 0.1 10.5 9.2 13.0 5 bzt52c16-g wk 16 15.3 17.1 5 40 200 1.0 0.1 11.2 10.4 14.0 5 bzt52c18-g wl 18 16.8 19.1 5 45 225 1.0 0.1 12.6 12.4 16.0 5 bzt52c20-g wm 20 18.8 21.2 5 55 225 1.0 0.1 14.0 14.4 18.0 5 bzt52c22-g wn 22 20.8 23.3 5 55 250 1.0 0.1 15.4 16.4 20.0 5 bzt52c24-g wo 24 22.8 25.6 5 70 250 1.0 0.1 16.8 18.4 22.0 5 bzt52c27-g wp 27 25.1 28.9 2 80 300 0.5 0.1 18.9 21.4 25.3 2 bzt52c30-g wq 30 28.0 32.0 2 80 300 0.5 0.1 21.0 24.4 29.4 2 bzt52c33-g wr 33 31.0 35.0 2 80 325 0.5 0.1 23.1 27.4 33.4 2 bzt52c36-g ws 36 34.0 38.0 2 90 350 0.5 0.1 25.2 30.4 37.4 2 bzt52c39-g wt 39 37.0 41.0 2 130 350 0.5 0.1 27.3 33.4 41.2 2 bzt52c43-g wu 43 40.0 46.0 5 100 700 1 0.1 32.0 10.0 12.0 5 document number: ds_s1402010 version: a14 zener voltage range maximun zener impedance maximun reverse current typical temperature coefficent @ i ztc v z @ i zt mv/ o c ohm small signal product bzt52c2v4-g~bzt52c43-g taiwan semiconductor device type marking code downloaded from: http:///
part no. bzt52cxxx-g (note2) part no. bzt52c2v4-g bzt52c2v4-g document number: ds_s1402010 version: a14 bzt52c2v4-g rbg taiwan semiconductor small signal product g package sod-123 rb green compound code manufacture code (note1) packing code green compound note1: manufacture special control, if empty means no special control requirement. example preferred p/n note2: "xxx" is device code from "2v4" thru "43", d etail could follow the previous page bzt52c2v4-g-n0 rbg rb g rb g bzt52c2v4-g~bzt52c43-g green compound manufacture code n0 ordering information packing code green compound code description packing 3k / 7" reel downloaded from: http:///
dimensions sod-123 min max min max a 1.40 1.80 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.70 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.10 - 0.004 document number: ds_s1402010 unit (inch) 0.50 ref 0.02 ref small signal product version: a14 bzt52c2v4-g~bzt52c43-g dim. taiwan semiconductor unit (mm) b a e d c f g h downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZT52C7V5-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X