Part Number Hot Search : 
1N4699C LM32K10 50600 F55976 15800 8TXXX TMP88 FSQ510MX
Product Description
Full Text Search
 

To Download BFIHBS000001553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product description features bfih series type a type b unit isolator stage single stage dual stage single stage dual stage operating wavelength range pass channel 1528~1563 1547.5~1563.5 nm rejection channel 1450~1495 1450~1540 db pass channel insertion loss [1] < 0.8 < 1.0 < 0.9 < 1.1 db rejection channel insertion loss > 30 > 25 db reverse direction isolation (over pass channel wavelength range 0~70c, all sop) > 21 > 36 > 21 > 36 db wavelength dependent loss < 0.3 < 0.4 < 0.3 < 0.4 db polarization dependent loss < 0.15 < 0.2 < 0.15 < 0.2 db polarization mode dispersion < 0.25 < 0.05 < 0.25 < 0.05 db return loss > 55 maximum power handling < 500 mw fiber type corning sfm-28 operating temperature 0 to +70 c storage temperature -40 to +85 c package dimensions [3] p1: (?) 5.5 x (l) 34.0 mm applications performance specification ns note: [1] the maximum il is under all states of polarization and within the full operating temperature and wave - length ranges specifed. [2] all the parameters are excluding connectors [3] the mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specifed. s0002 - r11. 20101028 band pass filter/isolator hybrid combination bfih series oplinks bfih is a compact combination of a bandpass flter and a polariza - tion insensitive optical isolator. the built-in bandpass flter blocks the amplifers spontaneous emission (ase) in the erbium doped fber amplifer (edfa), thus signifcantly improving the amplifers performance. ? wide operating wavelength range ? compact size ? high isolation ? u ltra low pdl & pmd ? highly stable & reliable ? epoxy-free optical path ? fiberoptic amplifers ? catv fiberoptic links ? wdm systems ? fiberoptic instruments ? transmitters and fiber laser sensors ? laboratory r&d
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules bfih ordering information mechanical drawing and configuration (dimension in mm) p1 package dimension confguration oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 0 0 1 0 0 0 fiber jacket 250m smf-28 = 1 900m tight bufer = 5 wavelength fiber length* stage package type type a = a type b = b p1 = 1 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2 single stage = s dual stage = d connector type none = 1 fc/pc = 2 fc/spc = 3 fc/apc = 4 sc/pc = 5 sc/spc = 6 sc/apc = 7 st = 8 lc = 9 mu = a band pass filter/isolator hybrid combination bfih series s0002 - r11. 20101028 * the tolerance of fber length is +/-0.1m. 1 meter is standard. the lead-time for special fber length will be longer.


▲Up To Search▲   

 
Price & Availability of BFIHBS000001553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X