Part Number Hot Search : 
BA7181FS M1010 MUR7040R 12SH3 ATMEGA 2SK389GR T32AP AP1004
Product Description
Full Text Search
 

To Download BDW83D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors bdw83/83a/83b/83c/83d description with to-3pn package complement to type bdw84/84a/84b/84c/84d darlington high dc current gain applications for use in power linear and switching applications. pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(tc=25 ) symbol parameter conditions value unit bdw83 45 bdw83a 60 bdw83b 80 bdw83c 100 v cbo collector-base voltage BDW83D open emitter 120 v bdw83 45 bdw83a 60 bdw83b 80 bdw83c 100 v ceo collector-emitter voltage BDW83D open base 120 v v ebo emitter-base voltage open collector 5 v i c collector current 15 a i b base current 0.5 a t c =25 150 p c collector power dissipation t a =25 3.5 w t j junction temperature 150 t stg storage temperature -65~150 fig.1 simplified outline (to-3pn) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors bdw83/83a/83b/83c/83d characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit bdw83 45 bdw83a 60 bdw83b 80 bdw83c 100 v (br)ceo collector-emitter breakdown voltage BDW83D i c =30ma, i b =0 120 v v cesat-1 collector-emitter saturation voltage i c =6a ,i b =12ma 2.5 v v cesat-2 collector-emitter saturation voltage i c =15a ,i b =150ma 4.0 v v be base-emitter on voltage i c =6a ; v ce =3v 2.5 v bdw83 v cb =45v, i e =0 t c =150 0.5 5.0 bdw83a v cb =60v, i e =0 t c =150 0.5 5.0 bdw83b v cb =80v, i e =0 t c =150 0.5 5.0 bdw83c v cb =100v, i e =0 t c =150 0.5 5.0 i cbo collector cut-off current BDW83D v cb =120v, i e =0 t c =150 0.5 5.0 ma bdw83 v ce =30v, i b =0 bdw83a v ce =30v, i b =0 bdw83b v ce =40v, i b =0 bdw83c v ce =50v, i b =0 i ceo collector cut-off current BDW83D v ce =60v, i b =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 2 ma h fe-1 dc current gain i c =6a ; v ce =3v 750 20000 h fe-2 dc current gain i c =15a ; v ce =3v 100 v ec diode forward voltage i e =15a 3.5 v t on turn-on time 0.9 s t off turn-off time i c = 10 a, i b1 =-i b2 =40 ma r l =3 b ; v be(off) = -4.2v duty cycle c 2% 7.0 s thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 0.83 /w downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors bdw83/83a/83b/83c/83d package outline fig.2 outline dimensions(unindicated tolerance:0.1mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BDW83D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X