bav19ws - bav21ws document number: ds30119 rev. 18 - 2 1 of 5 www.diodes.com february 2014 ? diodes incorporated bav19ws - bav21ws surface mount fast switching diode features ? fast switching speed ? surface mount package ideally suited for automated insertion ? for general purpose switching applications ? high conductance ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? ? qualified to aec-q101 standards for high reliability mechanical data ? case: sod323 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: cathode band, see page 2 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? weight: 0.004 grams (approximate) ordering information (note 4) part number qualification case packaging bav19ws-7-f aec-q101 sod323 3000/tape & reel bav20ws-7-f aec-q101 sod323 3000/tape & reel BAV21WS-7-F aec-q101 sod323 3000/tape & reel bav21wsq-7-f automotive sod323 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information top view sod323 xx = product type marking code bav19ws marking: t2 or t3 bav20ws marking: t2 or t3 bav21ws marking: t3 xx e3
bav19ws - bav21ws document number: ds30119 rev. 18 - 2 2 of 5 www.diodes.com february 2014 ? diodes incorporated bav19ws - bav21ws maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol bav19ws bav20ws bav21ws unit repetitive peak reverse voltage v rrm 120 200 250 v working peak reverse voltage dc blocking voltage v rwm v r 100 150 200 v rms reverse voltage v r(rms) 71 106 141 v forward continuous current (note 5) i fm 250 ma average rectified output current (note 5) i o 200 ma non-repetitive peak forward surge current @t = 1.0s @t = 100s @t = 10ms i fsm 9.0 3.0 1.7 a repetitive peak forward surge current i frm 625 ma thermal characteristics characteristic symbol value unit power dissipation p d 200 mw thermal resistance junction to ambient air (note 5) r ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min max unit test condition reverse breakdown voltage (note 6) bav19ws bav20ws bav21ws v (br)r 120 200 250 ? v i r = 100a forward voltage v f ? 1.0 1.25 v i f = 100ma i f = 200ma peak reverse current @ rated dc blocking voltage (note 6) i r ? 100 15 na a t j = +25c t j = +100c total capacitance c t ? 5.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 50 ns i f = i r = 30ma, i rr = 0.1 x i r , r l = 100 ? notes: 5. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com /datasheets/ap02001.pdf. 6. short duration pulse test used to minimize self-heating effect.
bav19ws - bav21ws document number: ds30119 rev. 18 - 2 3 of 5 www.diodes.com february 2014 ? diodes incorporated bav19ws - bav21ws 0 120 160 200 250 200 150 50 40 80 100 0 t , ambient temperature ( c) fig. 1 power derating curve a p , p o we r dissi p a t i o n (mw) d note 5 0.001 0.01 0.1 1 0 0.4 0.2 0. 6 i, ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f 0.8 1.2 1.0 1.4 t = 0oc a t = 150oc a t = -40oc a t = 25oc a t = 75oc a t = 125oc a 0.0001 0.01 0.001 0.1 1 10 100 050100 200 150 250 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a i , instantaneous reverse current ( a) r 0.0 0.5 1.0 1.5 3.5 3.0 2.5 2.0 4.0 0 10 20 40 30 c , t o t al c a p a c i t an c e (pf) t v , dc reverse voltage (v) fig. 4 total capacitance vs. reverse voltage r fig. 5 maximum non-repetitive surge current 1 10 0.1 1 10 pulse width (ms) i, f o r wa r d su r g e c u r r ent (a) fsm 0.001 0.01
bav19ws - bav21ws document number: ds30119 rev. 18 - 2 4 of 5 www.diodes.com february 2014 ? diodes incorporated bav19ws - bav21ws package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sod323 dim min max a 0.25 0.35 b 1.20 1.40 c 2.30 2.70 h 1.60 1.80 j 0.00 0.10 k 1.0 1.1 l 0.20 0.40 m 0.10 0.15 0 8 all dimensions in mm dimensions value (in mm) z 3.75 g 1.05 x 0.65 y 1.35 c 2.40 k l m j c h b a z x c g y
bav19ws - bav21ws document number: ds30119 rev. 18 - 2 5 of 5 www.diodes.com february 2014 ? diodes incorporated bav19ws - bav21ws important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com
|