Part Number Hot Search : 
15530 C16LF MX929B 5ETTT EL7182CS G525A1 C16LF BT390
Product Description
Full Text Search
 

To Download BA-0505D1LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ba lf series 0.5~1w isolated dc/dc converter bothhand usa http://www.bothhand usa.com email: sales@bothhand usa.com 12 features: z input filter with internal capacitor z input / output isolation 1k vdc z low ripple and noise z 100% burn-in z un-regulated type z net weight : 1.4 g / 1.8 g typical z 4 pin sil / 8 pin dil package z custom design available technical specification(1/2): model no. input voltage (vdc) output voltage (vdc) output current (ma) max input current @no load (ma) typ. input current @max. load (ma) typ. output ripple (mv) max. load regulation (%) max. efficiency (%)typ. 1) 0.5 w single output sil package style ba-053r3s lf 3.3 150 28 133 50 12 74 ba-0505s lf 5 100 28 135 60 10 74 ba-0512s lf 5 12 42 28 133 100 8 76 ba-1205s lf 5 100 18 56 60 8 74 ba-1212s lf 12 12 42 18 55 100 8 76 ba-2405s lf 24 5 100 5 29 60 8 72 2) 1.0 w single output sil package style ba-053r3s1 lf 3.3 300 30 267 50 10 74 ba-0505s1 lf 5 200 30 253 60 8 79 ba-0512s1 lf 5 12 100 30 307 100 8 78 ba-1205s1 lf 5 200 14 105 60 8 79 ba-1212s1 lf 12 12 84 14 105 100 8 79 ba-2405s1 lf 24 5 200 5 54 60 8 77 mechanical dimensions(1/2): single output sil package style printed face 3.05 (0.12) 0.25 (0.01) 2.54 (0.10) 0.50 (0.02) 0.50 (0.02) 0.50 (0.02) 11.68 (0.46) 9.65 (0.38) 1.25 (0.05) 6.00 (0.24) min. date code 10.50 (0.41) 6.50 (0.26) 5.00 (0.20) 8.50 (0.33) ba-0505s1 lf pb pin 1k vdc - single 1 -vin 2 +vin 3 -vo 4 +vo
ba lf series 0.5~1w isolated dc/dc converter bothhand usa http://www.bothhandusa.com email: sales@bothhand usa.com 13 technical specification(2/2): model no. input voltage (vdc) output voltage (vdc) output current (ma) max input current @no load (ma) typ. input current @max. load (ma) typ. output ripple (mv) max. load regulation (%) max. efficiency (%)typ. 3) 0.5 w single output dil package style ba-053r3d lf 3.3 150 28 133 50 12 74 ba-0505d lf 5 100 28 135 60 10 74 ba-0512d lf 5 12 42 28 133 100 8 76 ba-1205d lf 5 100 18 56 60 8 74 ba-1212d lf 12 12 42 18 55 100 8 76 ba-2405d lf 24 5 100 5 29 60 8 72 4) 1.0 w single output dil package style ba-053r3d1 lf 3.3 300 30 267 50 10 74 ba-0505d1 lf 5 200 30 253 60 8 79 ba-0512d1 lf 5 12 100 30 307 100 8 78 ba-1205d1 lf 5 200 18 105 60 8 79 ba-1212d1 lf 12 12 84 18 105 100 8 79 ba-2405d1 lf 24 5 200 5 54 60 8 77 5) 1.0 w dual output dil package style ba-0505dd1 lf 5 100 30 263 60 10 76 ba-0512dd1 lf 12 42 30 253 100 8 79 ba-0515dd1 lf 5 15 34 30 255 120 8 80 ba-1205dd1 lf 5 100 18 104 60 8 80 ba-1212dd1 lf 12 12 42 18 104 100 8 80 ba-2405dd1 lf 5 100 5 55 60 8 76 ba-2412dd1 lf 12 42 4 55 100 8 76 ba-2415dd1 lf 24 15 34 4 55 120 8 76 mechanical dimensions(2/2): dil package style bottom view date code ba-0505dd1 lf pb 10.50 (0.41) 6.50 (0.26) 7.62 (0.30) 10.00 (0.39) 7.62 (0.30) 3.05 (0.12) min 12.70 (0.50) 2.54 (0.10) 0.50 (0.02) 8.50 (0.33) 5.00 (0.20) 7.62 (0.30) printed face ? 0.50 (0.02) pin single pin 1 -vin no pin 8 2 -vo 7 3 no pin no pin 6 4 +vin +vo 5 pin dual pin 1 -vin -vo 8 2 common 7 3 no pin no pin 6 4 +vin +vo 5


▲Up To Search▲   

 
Price & Availability of BA-0505D1LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X