Part Number Hot Search : 
N120B IL485 1S121 AN4470 FQT1N80 A17PQ NM24W16 104M6
Product Description
Full Text Search
 

To Download B41793A7827Q001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors axial-lead and soldering star capacitors series/type: b41693, b41793 date: december 2016 ? epcos ag 2016. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
applications automotive electronics features high vibration stability, special design with high vibration stability up to 60 g available upon request high operating temperature capability up to 150 c rated voltage up to 100 v dc low esr high reliability high ripple current capability long useful life sikorel design  storage for up to 15 years at a temperature of up to 35 c rohs-compatible construction charge/discharge-proof, polar aluminum case with insulating sleeve negative pole connected to case version without insulation available upon request terminals axial leads, welded to capacitor case and cover disc soldering star option for upright mounting on pcb alternative axial-lead design with double-sided plates for horizontal mounting available upon request taping and packing axial-lead capacitors will be delivered in pallet package capacitors with d l 16 39 mm are also available taped on reel soldering star capacitors are packed in blister trays axial-lead and soldering star capacitors b41693, b41793 high reliability  up to 150 c page2of19 please read cautions and warnings and important notes at the end of this document.
1) if optimum circuit design is used, the values are lower by 30%. 2) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. 3) esr max at 100 hz, 20 c specifications and characteristics in brief rated voltage v r 25 ... 100 v dc surge voltage v s 1.15  v r rated capacitance c r 100 ... 4000 f capacitance tolerance  10/+30%  q leakage current i leak (5 min, 20 c) self-inductance esl 1) diameter d (mm) 12 14 16 18 20 21 terminals length l (mm) approx. esl (nh) axial 25  22  30   29     38  30 21 24 29 34   35   31    39   33 38  45 49      50 soldering star 25  6  8   30 6 7 8 10   35   9    39   9 11  13 49      14 useful life 2) requirements: 150 c; v r ; 0.5  i ac,r > 1000 h  c/c  30% of initial value 125 c; v r ;i ac, r > 5000 h esr 3 times initial specified limit 3) 85 c; v r ;i ac, max > 15000 h i leak initial specified limit 40 c; v r ; 2.1  i ac, r > 200000 h voltage endurance test post test requirements: 125 c; v r 2000 h  c/c  10% of initial value esr 1.3 times of initial specified limit 3) i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: frequency range 10 hz ... 2 khz, displace- ment amplitude max. 1.5 mm, acceleration max. 20 g , duration 3 2h. capacitor mounted by its wire leads at a distance of (6 1) mm from the case and additionally clamped by the case. iec climatic category to iec 60068-1: 55/125/56 (  55 c/+125 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-802 iec 60384-4 b41693, b41793 high reliability  up to 150 c page3of19 please read cautions and warnings and important notes at the end of this document.
b41693, axial-lead capacitors dimensional drawing dimensions, weights and packing units d l d max i max approx. weight packing units (pcs.) mm mm g pallet reel 12 30 12.5 30.5 5.1 288 450 14 25 14.5 25.5 5.7 200 350 14 30 14.5 30.5 6.8 200 350 16 30 16.5 30.5 8.9 180 250 16 35 16.5 35.5 10.4 180 250 16 39 16.5 40 11.7 180 250 18 25 18.5 25.5 9.3 160  18 30 18.5 30.5 11.1 160  18 39 18.5 40 14.7 160  20 29 20.5 29.5 13.5 140  21 39 21.5 40 20.0 140  21 49 21.5 50 25.0 110  b41693, b41793 high reliability  up to 150 c page4of19 please read cautions and warnings and important notes at the end of this document.
b41793, soldering star capacitors dimensional drawings mounting holes d = 12 mm ... 14 mm mounting hole sd=16mm...21mm dimensions, weights and packing units d l d max i max c 0.1 e 0.1 approx. weight packing units mm mm mm mm g pcs. 12 30 13.5 32 12.5 3.0 5.4 480 14 25 15.5 27 14.5 3.0 6.1 480 14 30 15.5 32 14.5 3.0 7.2 480 16 30 17.5 32 16.5 3.0 9.4 300 16 35 17.5 37 16.5 3.0 10.9 200 16 39 17.5 41.5 16.5 3.0 12.2 200 18 25 19.5 27 18.5 3.0 9.9 300 18 30 19.5 32 18.5 3.0 11.8 300 18 39 19.5 41.5 18.5 3.0 15.4 200 21 39 22.5 41.5 21.5 3.5 21.0 324 21 49 22.5 51.5 21.5 3.5 26.0 264 b41693, b41793 high reliability  up to 150 c page5of19 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 25 40 63 75 100 case dimensions d l (mm) c r ( f) 100 12 30 12 30 12 30 150 14 30 220 14 30 16 30 16 30 330 12 30 16 30 18 25 16 35 470 14 25 14 30 16 39 18 39 20 29 18 39 20 29 560 20 29 680 16 30 18 25 18 39 21 39 21 39 820 16 35 1000 16 30 18 25 16 39 18 30 21 39 21 49 21 49 1200 20 29 21 49 1500 16 39 18 39 1800 20 29 2000 18 39 2200 21 39 2700 21 49 3000 21 39 4000 21 49 b41693, b41793 high reliability  up to 150 c page6of19 please read cautions and warnings and important notes at the end of this document.
case dimensions and ordering codes c r 100 hz 20 c f case dimensions d l mm ordering code axial pallet ordering code axial reel ordering code soldering star v r = 25vdc 470 14 25 b41693a5477q001 b41693a5477q003 b41793a5477q001 1000 16 30 b41693a5108q001 b41693a5108q003 b41793a5108q001 1000 18 25 b41693b5108q001 b41793b5108q001 1500 16 39 b41693a5158q001 b41693a5158q003 b41793a5158q001 1800 20 29 b41693a5188q001 2000 18 39 b41693a5208q001 b41793a5208q001 3000 21 39 b41693a5308q001 b41793a5308q001 4000 21 49 b41693a5408q001 b41793a5408q001 v r = 40vdc 330 12 30 b41693a7337q001 b41693a7337q003 b41793a7337q001 470 14 30 b41693a7477q001 b41693a7477q003 b41793a7477q001 680 16 30 b41693a7687q001 b41693a7687q003 b41793a7687q001 680 18 25 b41693b7687q001 b41793b7687q001 820 16 35 b41693a7827q001 b41693a7827q003 B41793A7827Q001 1000 16 39 b41693b7108q001 b41693b7108q003 b41793b7108q001 1000 18 30 b41693a7108q001 b41793a7108q001 1200 20 29 b41693a7128q001 1500 18 39 b41693a7158q001 b41793a7158q001 2200 21 39 b41693a7228q001 b41793a7228q001 2700 21 49 b41693a7278q001 b41793a7278q001 v r = 63vdc 100 12 30 b41693a8107q001 b41693a8107q003 b41793a8107q001 220 14 30 b41693a8227q001 b41693a8227q003 b41793a8227q001 330 16 30 b41693a8337q001 b41693a8337q003 b41793a8337q001 330 18 25 b41693b8337q001 b41793b8337q001 470 16 39 b41693a8477q001 b41693a8477q003 b41793a8477q001 560 20 29 b41693a8567q001 680 18 39 b41693a8687q001 b41793a8687q001 1000 21 39 b41693a8108q001 b41793a8108q001 1200 21 49 b41693a8128q001 b41793a8128q001 b41693, b41793 high reliability  up to 150 c page7of19 please read cautions and warnings and important notes at the end of this document.
case dimensions and ordering codes c r 100 hz 20 c f case dimensions d l mm ordering code axial pallet ordering code axial reel ordering code soldering star v r = 75vdc 100 12 30 b41693c0107q001 b41693c0107q003 b41793c0107q001 220 16 30 b41693c0227q001 b41693c0227q003 b41793c0227q001 330 16 35 b41693c0337q001 b41693c0337q003 b41793c0337q001 470 18 39 b41693c0477q001 b41793c0477q001 470 20 29 b41693d0477q001 680 21 39 b41693c0687q001 b41793c0687q001 1000 21 49 b41693c0108q001 b41793c0108q001 v r =100vdc 100 12 30 b41693b9107q001 b41693b9107q003 b41793b9107q001 150 14 30 b41693b9157q001 b41693b9157q003 b41793b9157q001 220 16 30 b41693a9227q001 b41693a9227q003 b41793a9227q001 470 18 39 b41693a9477q001 b41793a9477q001 470 20 29 b41693b9477q001 680 21 39 b41693a9687q001 b41793a9687q001 1000 21 49 b41693a9108q001 b41793a9108q001 b41693, b41793 high reliability  up to 150 c page8of19 please read cautions and warnings and important notes at the end of this document.
technical data c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m esr max 100 hz  40 c m esr max 10 khz 20 c m z max 100 khz 20 c m i ac,max 10 khz 105 c a i ac,max 10 khz 125 c a i ac,r 10 khz 125 c a i ac,max 10 khz 150 c a v r =25vdc 470 14 25 260 1900 140 102 3.6 2.8 1.95 1.0 1000 16 30 130 900 75 55 5.3 4.2 2.9 1.4 1000 18 25 120 900 70 50 5.8 4.6 3.15 1.6 1500 16 39 85 600 50 39 7.4 5.8 4.0 2.0 1800 20 29 70 600 40 30 8.2 6.4 4.45 2.2 2000 18 39 70 500 42 26 7.9 6.2 4.3 4.1 3000 21 39 43 450 25 21 11.8 9.2 6.4 3.2 4000 21 49 33 320 20 16 14.9 11.7 8.0 4.0 v r =40vdc 330 12 30 320 2500 150 140 3.7 2.9 2.0 1.0 470 14 30 220 1700 110 102 4.5 3.5 2.45 1.2 680 16 30 160 1200 80 75 5.2 4.1 2.85 1.4 680 18 25 150 1200 75 70 5.6 4.4 3.05 1.5 820 16 35 130 900 69 65 6.2 4.9 3.4 1.7 1000 16 39 110 700 57 55 7.2 5.7 3.9 1.9 1000 18 30 115 700 65 62 5.7 4.5 3.1 1.5 1200 20 29 85 600 45 44 8.0 6.3 4.35 2.2 1500 18 39 75 500 45 43 7.9 6.2 4.3 2.1 2200 21 39 50 450 26 26 11.7 9.2 6.3 6.1 2700 21 49 40 330 21 21 14.7 11.5 7.9 3.9 v r =63vdc 100 12 30 700 3300 230 215 3.2 2.5 1.7 0.85 220 14 30 320 1700 110 102 4.6 3.6 2.5 1.25 330 16 30 220 1200 80 75 5.3 4.2 2.9 1.45 330 18 25 210 1200 74 70 5.9 4.6 3.2 1.6 470 16 39 150 900 55 52 7.3 5.7 4.0 2.0 560 20 29 120 630 45 44 8.1 6.4 4.4 2.2 680 18 39 110 550 45 44 7.9 6.2 4.3 2.1 1000 21 39 70 440 27 27 11.8 9.2 6.4 3.2 1200 21 49 58 380 22 22 14.7 11.5 8.0 4.0 b41693, b41793 high reliability  up to 150 c page9of19 please read cautions and warnings and important notes at the end of this document.
technical data c r 100 hz 20 c f case dimensions d l mm esr max 100 hz 20 c m esr max 100 hz  40 c m esr max 10 khz 20 c m z max 100 khz 20 c m i ac,max 10 khz 105 c a i ac,max 10 khz 125 c a i ac,r 10 khz 125 c a i ac,max 10 khz 150 c a v r =75vdc 100 12 30 600 3000 200 190 3.5 2.7 1.85 0.9 220 16 30 300 1500 100 95 5.1 4.0 2.8 1.4 330 16 35 210 1050 75 72 6.3 5.0 3.4 1.7 470 18 39 140 700 50 48 7.9 6.2 4.3 2.1 470 20 29 135 720 45 44 8.2 6.4 4.4 2.2 680 21 39 95 500 30 30 11.5 9.0 6.2 3.1 1000 21 49 65 350 22 22 14.8 11.6 8.0 4.0 v r =100vdc 100 12 30 750 4000 320 310 2.3 1.8 1.3 0.6 150 14 30 550 2900 230 225 3.0 2.4 1.7 0.8 220 16 30 350 1900 160 157 3.7 2.9 2.0 1.0 470 18 39 170 900 75 73 6.9 5.4 3.7 1.8 470 20 29 175 900 78 76 6.0 4.7 3.2 1.6 680 21 39 120 670 58 56 8.5 6.7 4.6 2.3 1000 21 49 85 500 44 43 11.2 8.8 6.1 3.0 b41693, b41793 high reliability  up to 150 c page 10 of 19 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) depending on ambient temperature t a under ripple current operating conditions at v r useful life 1) depending on case temperature t c under ripple current operating conditions at v r b41693, b41793 high reliability  up to 150 c page 11 of 19 please read cautions and warnings and important notes at the end of this document.
frequency factor of permissible ripple current i ac versus frequency f frequency characteristics of esr typical behavior equivalent series resistance esr versus frequency f typical behavior for 470 f/63v impedance z versus frequency f typical behavior for 470 f/63 v b41693, b41793 high reliability  up to 150 c page 12 of 19 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes, although in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. we do, however, restrict the amount of dangerous materials used in our products to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b41693, b41793 high reliability  up to 150 c page 13 of 19 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b41693, b41793 high reliability  up to 150 c page 14 of 19 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the order- ing codes are due to different processes employed and do not affect the specifications of the re- spective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b41693, b41793 high reliability  up to 150 c page 15 of 19 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b41693, b41793 high reliability  up to 150 c page 16 of 19 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan dissipation factor verlustfaktor failure rate ausfallrate 0 absolute permittivity elektrische feldkonstante r relative permittivity dielektrizit?tszahl angular velocity; 2   f kreisfrequenz; 2   f note all dimensions are given in mm. b41693, b41793 high reliability  up to 150 c page 17 of 19 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 18 of 19
7. the trade names epcos, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other coun- tries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 19 of 19


▲Up To Search▲   

 
Price & Availability of B41793A7827Q001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X