Part Number Hot Search : 
A4FSD02 DTC123 00RL7 L50QS100 M1BS6HA T1637 22600 KSH350TF
Product Description
Full Text Search
 

To Download AUIRFR9024NTRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  auirfr9024nauirfu9024n hexfet ? power mosfet  www.irf.com 1 d-pak auirfr9024n gds gate drain source absolute maximum ratingsstresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ v (br)dss -55v r ds(on) max. 0.175 i d -11a parameter units i d @ t c = 25c continuous drain current, v gs @ -10v i d @ t c = 100c continuous drain current, v gs @ -10v a i dm pulsed drain current p d @t c = 25c power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy(thermally limited)  mj i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case CCC 3.3 r ja junction-to-ambient (pcb mount) ** CCC 50 c/w r ja junction-to-ambient CCC 110 -55 to + 150 300 (1.6mm from case ) 38 0.30 20 max. -11 -8 -44 -10 3.8 62 -6.6 s d g i-pak auirfu9024n s d g d d s d g advanced planar technology low on-resistance  p-channel dynamic dv/dt rating 150c operating temperature fast switching fully avalanche rated repetitive avalanche allowed up to tjmax lead-free, rohs compliant automotive qualified * features specifically designed for automotive applications, thiscellular design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on- resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. description automotive grade pd - 96351 downloaded from: http:///

2 www.irf.com  repetitive rating; pulse width limited bymax. junction temperature. (see fig. 11).  starting t j = 25c, l = 2.8mh r g = 25 , i as = -6.6a (see figure 12)  i sd  -6.6a, di/dt   -240a/  s, v dd   v (br)dss , t j 150  c  s d g s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage -55 CCC CCC v ? v (br)dss / ? t j breakdown voltage temp. coefficient CCC -0.05 CCC v/c r ds(on) static drain-to-source on-resistance CCC CCC 0.175 v gs(th) gate threshold voltage -2.0 CCC -4.0 v gfs forward transconductance 2.5 CCC CCC s i dss drain-to-source leakage current CCC CCC -25 a CCC CCC -250 i gss gate-to-source forward leakage CCC CCC 100 na gate-to-source reverse leakage CCC CCC -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge CCC CCC 19 q gs gate-to-source charge CCC CCC 5.1 nc q gd gate-to-drain ("miller") charge CCC CCC 10 t d(on) turn-on delay time CCC 13 CCC t r rise time CCC 55 CCC t d(off) turn-off delay time CCC 23 CCC ns t f fall time CCC 37 CCC l d internal drain inductance between lead, nh 6mm (0.25in.) l s internal source inductance from package and center of die contact c iss input capacitance CCC 350 CCC c oss output capacitance CCC 170 CCC c rss reverse transfer capacitance CCC 92 CCC diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC -1.6 v t rr reverse recovery time CCC 47 71 ns q rr reverse recovery charge CCC 84 130 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld ) pf CCC CCC CCC CCC -11 -44 CCC CCC CCC CCC 4.5 7.5 v gs = -10v,see fig 6 and 13  v dd = -28v i d = -7.2a r g = 24 t j = 25c, i s = -7.2a, v gs = 0v  t j = 25c, i f = -7.2a di/dt = 100a/ s  conditions v gs = 0v, i d = -250a reference to 25c, i d = -1ma v gs = -10v, i d = -6.6a  v ds = v gs , i d = -250a v ds = -55v, v gs = 0v v ds = -44v, v gs = 0v, t j = 150c mosfet symbol showing the integral reverse p-n junction diode. v ds = -25v, i d = -7.2a  i d = -7.2a v ds = -44v conditions r d = 3.7 , see fig.10  v gs = 0v v ds = -25v ? = 1.0mhz,see fig.5  v gs = -20v v gs = 20v  pulse width  300  s; duty cycle  2%.  this is applied for i-pak, l s of d-pak is measured between lead and center of die contact.  uses irf9z24n data and test conditions. ** when mounted on 1" square pcb (fr-4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994. downloaded from: http:///

www.irf.com 3 qualification information ? d pak msl1 i-pak n/a rohs compliant yes esd machine model class m2(+/-150v ) ??? aec-q101-002 human body model class h1a(+/-500v ) ??? aec-q101-001 charged device model class c5(+/-2000v ) ??? aec-q101-005 moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level.    
 
      

 
 
  

     
 
 !"!#

 
#  
  
  $%
  %& 
% downloaded from: http:///

4 www.irf.com downloaded from: http:///

www.irf.com 5 downloaded from: http:///

6 www.irf.com downloaded from: http:///

www.irf.com 7 downloaded from: http:///

8 www.irf.com p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - ?  

   ?   
 

 ?    
 
! 
 
  ? ! "#
 
   ? $  %   ? ! "!&' 
   
 ( ) '  % 
( % *  ++% *  ( % * ,)
  
       ''' -  ./-( ! ' !  0-     !() * $+),- downloaded from: http:///

www.irf.com 9  
       
   

  
      
    

   *
. / % /
   !
"# 0
  121 3323 434 2

&5/) downloaded from: http:///

10 www.irf.com  
$    
$     
      
    
       
    *
. / % /
   !
"# 0
  121 3323 434 2

&5/) downloaded from: http:///

www.irf.com 11   

% &   
      
   tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch downloaded from: http:///

12 www.irf.com ordering information base part package type complete part number form quantity auirfr9024n dpak tube 75 auirfr9024n tape and reel 2000 auirfr9024ntr tape and reel left 3000 AUIRFR9024NTRL tape and reel right 3000 auirfr9024ntrr auirfu9024n ipak tube 75 auirfu9024n standard pack downloaded from: http:///

www.irf.com 13 

 
  unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or enhanced plastic. only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyers risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRFR9024NTRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X