Part Number Hot Search : 
00102 HI5746 LC230WX3 063AB LM7906 NTE3054 00102 MB05ST05
Product Description
Full Text Search
 

To Download AUIR3313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  december, 10th 20 10 automotive grade au ir3313(s) www.irf.com 1 programmable current sense high side switch features load current feedback programmable over current shutdown active clamp esd protection input referenced to vcc over temperature shutdown reverse battery protection lead free, rohs compliant description the au ir3313(s) is a fully protected 4 terminals high side switch. the input signal is referenced to vcc. when t he input voltage vcc - vin is higher than the specified threshold, the output power mosfet is turned on. when the vcc - vin is lower than the specified vil threshold, the output mosfet is turned off. a current proportional to the power mosfet current is sourced to the ifb pin. over current shutdown occurs when vifb-vin > 4.7v. the current shutdown threshold is adjusted by selecting th e proper rifb. either over current and over temperature latches off the switch. the device is reset by pulli ng the input pin high. other integrated protections (esd, reverse battery, active clamp) make the switch very rugged in automotive environment. product summary rds(on) 7 m max. vcc op. 6 to 32v current ratio 8800 prog. ishutdown 10 to 90a vclamp 40v packages to -220 d2pak au ir3313 pin 4 and 5 fused au ir3313s typical connection out AUIR3313 in rifb vcc load battery input power ground ifb logic ground current feeback 10k on off downloaded from: http:///
au ir3313(s) www.irf.com 2 qualification information ? qualification level automotive (per aec-q100 ?? ) comments: this family of ics has passed an automoti ve qualification. irs industrial and consumer qualification level is gran ted by extension of the higher automotive level. moisture sensitivity level d2pak- 5l msl1, 260c (per ipc/jedec j-std- 020 ) to220- 5l not applicable esd machine model class m4 (450v) (per aec-q100- 003) human body model class h3a (4,500 v) ( per aec-q100- 002 ) charged device model class c4 (1000 v) (per aec-q100- 011) ic latch-up test class ii, level a (per aec-q100- 004) rohs compliant yes ? qualification standards can be found at international rectifiers web site http://www.irf.com/ ?? exceptions to aec-q100 requirements are noted in th e qualification report. downloaded from: http:///
au ir3313(s) www.irf.com 3 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all vo ltage parameters are referenced to vcc lead. (tj=-40..150c, vcc=6. .26v tambient=25c unless otherwise specified). symbol parameter min. max. units vcc-vin maximum vcc voltage - 16 37 v vcc-vin cont. maximum continuous vcc voltage - 16 32 vcc-vfb maximum ifb voltage - 16 33 vcc-vout maximum output voltage -0.3 37 ids cont. maximum body diode continuous current rth=60c/w (1 ) 2.8 a ids pulsed maximum body diode pulsed current (1) 100 pd maximum power dissipation rth=60c/w 2 w tj max. max. storage & operating temperature junction tempe rature - 40 150 c min rfb minimum on the resistor on ifb pin 0.3 k ifb max. max. ifb current - 50 50 ma (1) limited by junction temperature. pulsed is also limited by wiring thermal characteristics symbol parameter typ. max. units rth1 thermal resistance junction to ambient d2-pak std f ootprint 60 c/w rth2 thermal resistance junction to case d2-pak 0.7 rth2 thermal resistance junction to case to220 0.7 recommended operating conditions these values are given for a quick design. for oper ation outside these conditions, please consult the application notes. symbol parameter min. max. units iout continuous output current a tambient=85c, rth=5c/w, tj=125c 23 tambient=85c, rth=60c/w, tj=125c 7 rifb recommended ifb resistor (2)(3) 0. 3 3.5 k pulse min. minimum turn-on pulse width 1 ms fmax. maximum operating frequency 200 hz (2) if rifb is too low, the device can be damaged. (3) if rifb is too high, the device may not switch on. downloaded from: http:///
au ir3313(s) www.irf.com 4 protection characteristics tj=-40..150c, vcc=6..26v, rifb=300 to 5k symbol parameter min. typ. max. units test conditions vifb-vin@isd over-current shutdown threshold 3.8 4.7 5. 9 v tsd over temperature threshold 165 c see fig. 5 ov over voltage protection (not latched) 33 35 39 v isdf fixed over current shutdown 90 120 150 a vifb au ir3313(s) www.irf.com 5 current sense characteristics tj=-40..150c, vcc=6..26v (unless otherwise specif ied) symbol parameter min. typ. max. units test conditions ratio i load/iifb current ratio 8200 8,800 9,950 rfb=500 , iout=60a ratio_tc i load/iifb variation aver temperature(6) -5 +5 % tj=-40c to 150c offset load current diagnostic offset -0.2 0 +0.3 a iout=2a trst ifb response time (low signal) 1 s 90% of the iout step functional block diagram all values are typical 1 ms 3ma charge pump fast turn- off driver reverse battery protection in ifb out vcc on/off set reset latch q timer 43v 80 + - - + 4.7v tj > 165c iout > 120 a 400s timer - + 35v 38v 43v - + 43v wait min. pulse downloaded from: http:///
au ir3313(s) www.irf.com 6 figure 2 C switching time definitions figure 1 C voltages and current definitions lead assignments vout vcc-vin tr - in 90% 10% 90% 10% td on tr1 td off tf vcc- 5v tr2 vcc-vin vih vil vhyst iin icc ifb in vcc out ir3313 ifb vcc-vout vclamp1 vclamp2 iout isd downloaded from: http:///
au ir3313(s) www.irf.com 7 figure 3 C active clamp waveforms figure 4 C min. pulse and wait function figure 5 C protection timing diagrams vout iout vin vcc vcc - v clamp t clamp see application notes to evaluate power dissipation vcc-vin t min. pulse iout t min. pulse wait vcc-vin t < t reset iout wait tj t > t reset over-current shutdown t < t reset wait t > t reset over-temperature shutdown downloaded from: http:///
au ir3313(s) www.irf.com 8 50% 100% 150% 200% -50 0 50 100 150 0 1 2 3 4 5 6 -50 0 50 100 150 0 2 4 6 8 10 0 10 20 30 40 50 figure 6 C icc (ma) vs vcc-vin (v) vcc-vin, supply voltage (v) icc, supply current (ma) tj, junction temperature (c) figure 7 C icc off (a) vs tj (c) icc off, supply leakage current (a) 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 150 vifb-vin@isd vih vil tj, junction temperature (c) vih, vil and vifb-vin@isd ( v) rds(on), drain- to -source on resistance (normalized) figure 8 - normalized rds(on) (%) vs tj (c) tj, junction temperature (c) figure 9 C vih, vil and vifb-vin@isd (v) vs tj (c) all curves are typical characteristics. operation i n hatched areas is not recommended. tj=25c, rifb=5 00ohm, vcc=14v (unless otherwise specified). downloaded from: http:///
au ir3313(s) www.irf.com 9 0 10 20 30 -50 0 50 10 0 15 0 6 0 c/w 3 5 c/w figure 10 C error (+/- a) vs i load (a) rifb, feedback resistor ( ) error (+/- a) 10 100 100 1000 10000 figure 11 C ids (a) vs rifb ( ) isd, over current shutdown (a) i load, load current (a) figure 12 C max. iout (a) vs tamb. (c) max. output current (a) tamb., ambient temperature (c) figure 13 C max. iout (a) vs inductance (h) inductance (h) max. output current (a) 0 2 4 6 8 10 12 14 16 18 0 20 40 60 80 100 with calibration spec. max. 10 100 10 100 1000 downloaded from: http:///
au ir3313(s) www.irf.com 10 0.01 0.1 1 10 100 1e-4 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 50c/w free air 5c/w zth, transient thermal impedance (c/w) time (s) figure 15 C transient thermal impedance (c/w) vs time (s) 10 100 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 tamb=25c tamb=100c protection response time (s) figure 14 C ids (a) vs over temperature protection response time (s)/ rth=60c/w ids, output current (a) downloaded from: http:///
au ir3313(s) www.irf.com 11 case outline - to220 - 5 leads downloaded from: http:///
au ir3313(s) www.irf.com 12 case outline - d2pak - 5 leads downloaded from: http:///
au ir3313(s) www.irf.com 13 tape & reel - d2pak C 5 leads downloaded from: http:///
au ir3313(s) www.irf.com 14 part marking information ordering information base part number package type standard pack complete part number form quantity auir 3313 to220 C 5leads tube 50 AUIR3313 d2 -pak-5- leads tube 50 AUIR3313s tape and reel left 800 AUIR3313strl tape and reel right 800 AUIR3313strr downloaded from: http:///
au ir3313(s) www.irf.com 15 important notice unless specifically designated for the automotive m arket, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modification s, enhancements, improvements, and other changes to its products and services at any time and to discont inue any product or services without notice. part n umbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product disc ontinuance and process change notification. all products are sold subje ct to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quali ty control techniques are used to the extent ir dee ms necessary to support this warranty. except where mandated by gov ernment requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsi ble for their products and applications using ir components. to m inimize the risks with customer products and applic ations, customers should provide adequate design and operat ing safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, condit ions, limitations, and notices. reproduction of th is information with alterations is an unfair and deceptive business pra ctice. ir is not responsible or liable for such al tered documentation. information of third parties may be subject to addi tional restrictions. resale of ir products or serviced with statements d ifferent from or bey ond the parameters stated by ir for that product or service voids all express and any implied warrantie s for the associated ir product or service and is a n unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authoriz ed for use as components in systems intended for su rgical implant into the body, or in other applications intended to supp ort or sustain life, or in any other application in which the failure of t he ir product could create a situation where personal injury or death may occur. should buyer purchase o r use ir products for any such unintended or unauthorized application , buyer shall indemnify and hold international rect ifier and its officers, employees, subsidiaries, affiliates, and distributo rs harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly o r indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for u se in military/aerospace applications or environmen ts unless the ir products are specifically designated by ir as milit ary- grade or enhanced plastic. only products designa ted by ir as military-grade meet military specifications. buyer s acknowledge and agree that any such use of ir pro ducts which ir has not designated as military-grade is solely at the b uyers risk, and that they are solely responsible f or compliance with all legal and regulatory requirements in connection wit h such use. ir products are neither designed nor intended for u se in automotive applications or environments unles s the specific i r products are designated by ir as compliant with iso /ts 16949 requirements and bear a part number inclu ding the designation au. buyers acknowledge and agree tha t, if they use any non -designated products in automotive applications, ir will not be responsible for any fa ilure to meet such requirements. for technical support, please contact irs technica l assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252- 7105 downloaded from: http:///
au ir3313(s) www.irf.com 16 revision history revision date notes/changes a 01/09/2006 first release b 22/01/2007 pbf version release c 16/04/2008 to220 release d 14/04 /20 10 au release e 14/11/2010 change description section f 10/12/2011 vcalmp specified at 25c downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIR3313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X