Part Number Hot Search : 
1KA152 1A220 PE6131 5929A 1KA152 ULN20 MAX14532 090663
Product Description
Full Text Search
 

To Download 2SA1552T-TL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d1813 tkim tc-00003080/60612 tkim/91708 tiim tc-00001624/d0505cb msim x-0448/ no.2262-1/7 53002rm (kt)/72098ha (kt)/8109mo/5137ta, ts http://onsemi.com semiconductor components industries, llc, 2013 december, 2013 2sa1552/2sc4027 bipolar transistor (?) 160v, (?) 1.5a, low v ce ( sat ) ( pnp ) npn single tp/tp-fa applications ? converters, inverters, color tv audio output features ? adoption of fbet, mbit processes ? high voltage and large current capacity ? ultrahigh-speed switching ? small and slim package permitting 2sa1552 / 2sc4027-applied sets to be made more compact speci cations ( ): 2sa1552 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector to base voltage v cbo (--)180 v collector to emitter voltage v ceo (--)160 v emitter to base voltage v ebo (--)6 v collector current i c (--)1.5 a collector current (pulse) i cp (--)2.5 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en2262f product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sa1552s-e 2sa1552s-h 2sa1552t-e 2sa1552t-h 2sc4027s-e 2sc4027s-h 2sc4027t-e 2sc4027t-h 2sa1552s-tl-e 2sa1552s-tl-h 2SA1552T-TL-E 2sa1552t-tl-h 2sc4027s-tl-e 2sc4027s-tl-h 2sc4027t-tl-e 2sc4027t-tl-h 2,4 3 1 2sc4027 2,4 3 1 2sa1552 a1552 c4027 lot no. rank lot no. rank
2sa1552 / 2sc4027 no.2262-2/7 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 1w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)120v, i e =0a (--)1.0 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)1.0 a dc current gain h fe 1v ce =(--)5v, i c =(--)100ma 140* 400* h fe 2v ce =(--)5v, i c =(--)10ma 80 gain-bandwidth product f t v ce =(--)10v, i c =(--)50ma 120 mhz output capacitance cob v cb =(--)10v, f=1mhz (22)12 pf collector to emitter saturation voltage v ce (sat) i c =(--)500ma, i b =(--)50ma (--0.2)0.13 (--0.5)0.45 v base to emitter saturation voltage v be (sat) i c =(--)500ma, i b =(--)50ma (--)0.85 (--)1.2 v collector to base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--)180 v collector to emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)160 v emitter to base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. 60 ns storage time t stg (0.7)1.2 s fall time t f (50)80 ns * : the 2sa1552 / 2sc4027 are classi ed by 100ma h fe as follows : (unit : a) rank s t h fe 140 to 280 200 to 400 switching time test circuit ordering information device package shipping memo 2sa1552s-e tp 500pcs./bag pb free 2sa1552s-h tp 500pcs./bag pb free and halogen free 2sa1552t-e tp 500pcs./bag pb free 2sa1552t-h tp 500pcs./bag pb free and halogen free 2sc4027s-e tp 500pcs./bag pb free 2sc4027s-h tp 500pcs./bag pb free and halogen free 2sc4027t-e tp 500pcs./bag pb free 2sc4027t-h tp 500pcs./bag pb free and halogen free 2sa1552s-tl-e tp-fa 700pcs./reel pb free 2sa1552s-tl-h tp-fa 700pcs./reel pb free and halogen free 2SA1552T-TL-E tp-fa 700pcs./reel pb free 2sa1552t-tl-h tp-fa 700pcs./reel pb free and halogen free 2sc4027s-tl-e tp-fa 700pcs./reel pb free 2sc4027s-tl-h tp-fa 700pcs./reel pb free and halogen free 2sc4027t-tl-e tp-fa 700pcs./reel pb free 2sc4027t-tl-h tp-fa 700pcs./reel pb free and halogen free v r 100v r l 140 --5v 10i b1 = --10i b2 =i c =0.7a for pnp, the polarity is reversed. ++ 50 input output r b 100 f 470 f pw=20 s i b1 i b2 d.c. 1% stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty.
2sa1552 / 2sc4027 no.2262-3/7 i c -- v ce i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a collector to emitter voltage, v ce -- v collector current, i c -- a itr03970 2sc4027 -- 1 . 8 -- 1 . 6 -- 1 . 4 -- 1 . 2 -- 1 . 0 -- 0 . 8 -- 0 . 6 -- 0 . 4 -- 0 . 2 0 0 --1 --2 --4 --5 -- 3 itr03969 2sa1552 i b =0ma --1ma --2ma --10ma --5ma --20ma --40ma --60ma --80ma i b =0ma 1ma 2ma 5ma 10ma 20ma 30ma 40ma 50ma 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 012 45 3 h fe -- i c h fe -- i c i c -- v be i c -- v be base to emitter voltage, v be -- v collector current, i c -- a base to emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe i c -- v ce i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a collector to emitter voltage, v ce -- v collector current, i c -- a itr03972 2sc4027 itr03971 2sa1552 i b =0ma --1.0ma --1.5ma --0.5ma --2.0ma --2.5ma --3.0ma --5.0ma --4.5ma --4.0ma --3.5ma i b =0ma 0.5ma 1.0ma 1.5ma 2.0ma 2.5ma 3.0ma 4.0ma 4.5ma 5.0ma 3.5ma -- 1 . 0 -- 0 . 8 -- 0 . 6 -- 0 . 4 -- 0 . 2 0 0 --10 --20 --40 --50 -- 3 0 1.0 0.8 0.6 0.4 0.2 0 0 1020 4050 30 ta=75 c 25 c --25 c 2sc4027 v ce =5v itr03976 100 --0.01 1000 10 7 5 3 2 7 5 3 2 23 5 57 -- 0 . 1 72357 -- 1 . 0 23 2sa1552 v ce = --5v itr03975 ta=75 c - -25 c 25 c 2sc4027 v ce =5v --25 c 25 c ta=75 c itr03974 25 c --25 c ta=75 c 2sa1552 v ce = --5v -- 0 . 4 -- 0 . 8 -- 1 . 2 -- 1 . 6 0 0--1.2 -- 1 . 0 -- 0 . 8 -- 0 . 6 -- 0 . 4 -- 0 . 2 itr03973 0.4 0.8 1.2 1.6 0 01.2 1.0 0.8 0.6 0.4 0.2 100 0.01 1000 10 7 5 3 2 7 5 3 2 23 5 7 0.1 72357 1.0 23
2sa1552 / 2sc4027 no.2262-4/7 cob -- v cb collector to base voltage, v cb -- v output capacitance, cob -- pf 100 10 5 3 2 7 5 3 2 3 257 3 257 0.01 0.1 2 1.0 itr03977 itr03978 10 100 7 5 3 2 7 5 3 3 257 3 257 1.0 10 100 2sa1552 / 2sc4027 v ce =10v 2sc4027 2sa1552 2sa1552 / 2sc4027 f=1mhz 2sc4027 2sa1552 for pnp minus sign is omitted. for pnp minus sign is omitted. f t -- i c collector current, i c -- a gain-bandwidth product, f t -- mhz 2 3 2 3 5 7 3 5 7 --1000 --100 2 -- 0 . 1 --0.01 57 723 -- 1 . 0 57 23 23 itr03979 2sa1552 i c / i b =10 ta=75 c --25 c 25 c 2 3 2 3 5 7 3 5 7 1000 100 2 0.1 0.01 57 723 1.0 57 23 23 itr03980 2sc4027 i c / i b =10 ta=75 c --25 c 25 c 1.0 2 3 5 0.1 0.01 3 2 5 3 2 5 5 57 2 5 37 25 37 1.0 10 2 100 itr03983 2sa1552 / 2sc4027 itr03982 it10480 -- 1 0 7 5 3 2 7 5 3 -- 1 . 0 --0.01 7237 5 23 7 523 -- 0 . 1 -- 1 . 0 itr03981 2sa1552 i c / i b =10 2sc4027 i c / i b =10 1.2 1.0 0 0.8 0.6 0.4 0.2 100 140 120 160 20 060 40 80 2sa1552 / 2sc4027 t a=- -25 c 75 c 25 c i c =1.5a i cp =2.5a 1ms 100ms 10ms dc operation (tc=25 c) dc operation (ta=25 c) ta= --25 c 75 c 25 c 10 7 5 3 2 7 5 3 1.0 0.01 7237 5 23 7 523 0.1 1.0 v be (sat) -- i c v be (sat) -- i c v ce (sat) -- i c v ce (sat) -- i c collector current, i c -- a collector current, i c -- a base to emitter saturation voltage, v be (sat) -- v base to emitter saturation voltage, v be (sat) -- v collector current, i c -- a collector to emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector to emitter saturation voltage, v ce (sat) -- v s o a tc=25 c single pulse for pnp minus sign is omitted. p c -- ta collector to emitter voltage, v ce -- v collector current, i c -- a n o heat sink ambient temperature, ta -- c collector dissipation, p c -- w
2sa1552 / 2sc4027 no.2262-5/7 p c -- tc case temperature, tc -- c collector dissipation, p c -- w it10479 16 15 14 12 10 0 8 6 4 2 100 140 120 160 20 060 40 80 2sa1552 / 2sc4027
2sa1552 / 2sc4027 no.2262-6/7 outline drawing land pattern example 2sa1552s-tl-e, 2sa1552s-tl-h, 2SA1552T-TL-E, 2sa1552t-tl-h, 2sc4027s-tl-e, 2sc4027s-tl-h, 2sc4027t-tl-e, 2sc4027t-tl-h mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sa1552 / 2sc4027 ps no.2262-7/7 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner. outline drawing 2sa1552s-e, 2sa1552s-h, 2sa1552t-e, 2sa1552t-h, 2sc4027s-e, 2sc4027s-h, 2sc4027t-e, 2sc4027t-h mass (g) unit 0.315 * for reference mm


▲Up To Search▲   

 
Price & Availability of 2SA1552T-TL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X