shielded power inductors C xfl5030 document 791-1 document 791-1 revised 07/09/15 inductance 2 dcr (mohms) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise xfl5030-271me_ 0.27 2.15 2.55 132 10.0 11.0 11.5 18.0 25.5 xfl5030-561me_ 0.56 3.20 3.80 77.0 7.5 8.5 9.0 14.6 21.0 xfl5030-102me_ 1.0 4.20 5.00 60.0 5.4 6.2 6.5 13.0 28.0 xfl5030-222me_ 2.2 10.5 12.0 37.4 3.5 4.0 4.3 8.2 11.5 xfl5030-332me_ 3.3 13.5 16.0 28.7 3.1 4.0 4.2 7.2 10.0 xfl5030-472me_ 4.7 18.5 22.0 24.5 2.5 3.1 3.3 6.2 8.7 1. when ordering, please specify packaging code: xfl5030-472me c packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (400 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (1500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at 25c that causes an inductance drop of 30% (typ) from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. core material composite terminations rohs compliant tin-silver over copper. other termina - tions available at additional cost. weight 0.42 C 0.50 g ambient temperature C40c to +125c with (40c rise) i rms current. maximum part temperature +165c (ambient + temp rise). derating . storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 400/7 reel; 1500/13 reel plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 3.18 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other com - ponents. therefore temperature rise should be verifed in appli - cation conditions. ? exceptionally low dcr C only 2.15 mohms ? excellent current handling C up to 11.5 a ? 3.1 mm maximum height with a 5.48 mm 5.28 mm footprint us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 791-2 revised 07/09/15 document 791-2 l vs frequency xxx dash n umber 0.165 4,2 typ inches mm dimensions are in see tab le indicates or ientation of ter minations 0.216 0.008 5,48 0,2 0.091 2,31 0.010 0.25 0.039 0.002 1,0 0,05 0.208 0.008 5,28 0,2 dash thic kness (typ) number (in / mm) te rminal -271 -561 -222 -332 -472 0.0079 / 0.20 0.0079 / 0.20 -102 0.0047 / 0.12 0.0079 / 0.20 0.0047 / 0.12 0.0039 / 0.10 0.122 3,1 max recommended land p atter n 0.185 4,70 0.046 1,18 0.130 3,31 0.56 h 1.0 h 2.2 h 3.3 h 0.1 1 10 100 0.1 1 100 10 inductance (h) frequenc y (mhz) 027 h 47 h l vs current 0 0.2 0.1 0.3 0.4 current (a) inductance (h) 027 h 01 23 4 7 1 01 11 2 5 0 04 02 0 0 current (a) inductance (h) 05 h 01 23 4 7 1 0 5 0 0 0 10 04 02 12 14 current (a) inductance (h) 10 h 02 13 4 7 5 current (a) inductance (h) 22 h 0 10 15 05 25 20 30 0 05 10 15 20 35 30 40 45 50 25 current (a) inductance (h) 33 h 0 2 3 1 4 5 0 05 10 15 20 35 30 40 45 25 0 20 10 40 50 30 0 current (a) inductance (h) 47 h 0 10 15 15 20 30 35 40 25 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. shielded power inductors C xfl5030
|