Part Number Hot Search : 
CY7C4255 554FBX AD679AD MUR16 ZS310L AP450BN C143ZC NMH4812D
Product Description
Full Text Search
 

To Download WP710A10SURC-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222 t-1 (3mm) solid state lamp part number: wp710a10surc/e hyper red features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the hyper red source color devices are made with al- gainp on gaas substrat e light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2.forward voltage: +/-0.1v. 3.wavelength value is traceable to the cie127-2007 compliant national standards. 4.excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradation or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 hyper red (algainp) water clear 1600 2500 34 *180 *400 wp710a10surc/e symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 645 nm i f =20ma d [1] dominant wavelength hyper red 630 nm i f =20ma ? 1/2 spectral line half-width hyper red 25 nm i f =20ma c capacitance hyper red 45 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 1.9 2.5 v i f =20ma i r reverse current hyper red 10 ua v r = 5v parameter hyper red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 200 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222 hyper red wp710a10surc/e
spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222 packing & label specifications wp710a10surc/e terms and conditions for the usage of this document 1.the information included in this document reflects representative usage scenarios and is intended for technical reference only. 2.the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before product ion usage customer should refer to the latest datasheet for the updated specifications. 3.when using the products referenced in this docu ment, please make sure the product is being operated within the environmental and electrical limit s specified in the datasheet. if customer usage exceeds the specified limits, kingbright w ill not be responsible for any subsequent issues. 4.the information in this document applies to typical usage in consumer electronics applications. if customer's application has special reliabilit y requirements or have life-threatening liabilities, such as automotive or medical usage, please co nsult with kingbright representative for further assistance. 5.the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6.all design applications should refer to kingbr ight application notes available at http://www.kingbrightusa. com/applicationnotes
spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222
spec no: dsal0555 rev no: v.4a date: jan/13/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101029222


▲Up To Search▲   

 
Price & Availability of WP710A10SURC-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X