Part Number Hot Search : 
1C5567M0 A1771 1062254 MPSA18 500BF 611236 22102 500BF
Product Description
Full Text Search
 

To Download VRE304KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vre304 low cost precision reference description features the vre304 is a low cost, high precision 4.5v reference. packaged in the industry standard 8 pin dip, the device is ideal for upgrading systems that use lower performance references. the device provides ultrastable +4.500v output with 0.4500 mv (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/c. this improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by thaler corporation. significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and long-term stability, making the vre304 series the most accurate reference available in the standard 8 pin dip package. for enhanced performance, the vre304 has an external trim option for users who want less than 0.01% initial error. for ultra low noise applications, an external capacitor can be attached between the noise reduction pin and the ground pin. a reference ground pin is provided to eliminate socket contact resistance errors. 5 6 7 8 vre304 top view 1 2 3 4 n/c +v in temp gnd noise reduction ref. gnd v out trim pin configuration the vre304 is recommended for use as a reference for 14, 16, or 18 bit d/a converters which require an external precision reference. the device is also ideal fo r calibrating scale factor on high resolution a/d converters. the vre304 offers superior performance over monolithic references. ? 4.500 v output 0.450 mv (.01%) ? temperature drift: 0.6 ppm/c ? low noise: 3 v p-p (0.1-10hz) ? industry std pinout- 8 pin dip or surface mount package ? excellent line regulation: 6ppm/v typ. ? output trim capability figure 1 vre304ds rev. d may 2001 selection guide model temp. range c temp. coeff. ppm/ c vre304a 0.45 0.6 0c to +70c vre304b 0.70 1.0 0c to +70c vre304c 0.90 2.0 0c to +70c vre304j 0.45 0.6 -40c to +85c vre304k 0.70 1.0 -40c to +85c vre304l 0.90 2.0 -40c to +85c for package option add d for dip or s for surface mount to end of model number. initial error mv thaler corporation ? 2015 n. forbes boulevard ? tucson, az. 85745 ? (520) 882-4000
model a/j b/k c/l parameter min typ max min typ max min typ max units absolute ratings power supply +13.5+15+22****** v operating temp. ( a,b,c )0 +70 * * * * c operating temp. ( j,k,l )-40 +85 * * * * c storage temperature -65 +150 * * * * c short circuit protection continuous * * output voltage vre304 4.500 * * v temp. sensor voltage 630 * * mv output voltage errors initial error 0.45 0.70 0.90 mv warmup drift 1 2 3 ppm t min -t max 0.6 1.0 2.0 ppm/c long-term stability 6 * * ppm/1000hrs noise (.1-10hz) 3 * * vpp output current range 10 * * ma regulation line 6 10 * * * * ppm/v load 3 * * ppm/ma output adjustment range 10 * * mv power supply currents vre304 +ps 5 7 * * * * ma vre304 notes: *same as a/j models. 1. the temp. reference tc is 2.1mv/ c 2. the specified values are without external trim. 3. the temperature coefficient is determined by the box method using the following formula: v max -v min t.c. = x 10 6 v nominal x (t max -t min ) (1) (5) (2) (3) vre304ds rev. d may 2001 vps =+15v, t = 25c, rl = 10k ? unless otherwise noted. electrical specifications 4. the specified values are without the external noise reduction capacitor. 5. the specified values are unloaded. (4)
typical performance curves temperature o c vre304a v out vs. temperature temperature o c vre304b v out vs. temperature vre304ds rev. d may 2001 v out vs. temperature temperature o c vre304c temperature o c vre304j v out vs. temperature temperature o c vre304k v out vs. temperature temperature o c vre304l v out vs. temperature quiescent current vs. temp temperature o c junction temp. rise vs. output current output current (ma) psrr vs. frequency frequency (hz)
discussion of performance vre304ds rev. d may 2001 theory of operation the following discussion refers to the schematic in figure 2 below. a fet current source is used to bias a 6.3v zener diode. the zener voltage is divided by the resistor network r1 and r2. this voltage is then applied to the noninverting input of t he operational amplifier which amplifies the voltage to produce a 4.500v output. the gain is determined by the resistor networks r3 and r4: g=1 + r4/r3. the 6.3v zener diode is used because it is the most stable diode over time and temperature. the current source provides a closely regulated zener current, which determines t he slope of the references? voltage vs. temperature function. by trimming the zener current a lower drift over temperature can be achieved. but since the voltage vs. temper ature function is nonlinear this compensation technique is not well suited for wide temperature ranges. thaler corporation has developed a nonlinear compensation network of thermist ors and resistors that is used in the vre series voltage references. this proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. by adjusting the slope, thaler corporation pr oduces a very stable voltage over wide temperature ranges. vre304 figure 2 this network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. figure 3 shows the proper connection of the vre304 series voltage references with the optional trim resistor for initial error and the optional capacitor for noise reduction. the vre304 reference has the ground terminal brought out on two pins (pin 4 and pin 7) which are connected together internally. this allows the user to achieve greater accuracy when using a socket. voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing th rough the contact resistance. if the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. when the reference is plugged into a socket, this source of error can be as high as 20ppm. by connecting pin 4 to the power supply ground and pin 7 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. if the unit is soldered into place, the contact resistance is sufficiently small that it does not effe ct performance. pay careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines. external connections figure 3 8 4 6 5 + v out 2 + v in vre304 10k ? c 1f optional noise reduction capacitor optional fine trim adjustment 3 v temp out 7 ref. gnd
vre304ds rev. d may 2001 mechanical figure 4 figure 3 inches millimeter dim min max min max dim min max min max a .115 .125 2.92 3.17 d2 .018 .023 0.46 0.58 b .098 .102 2.48 2.59 e .507 .513 12.8 13.0 b1 .046 .051 1.14 1.29 e1 .397 .403 10.0 10.2 c .107 .113 2.71 2.89 e2 .264 .270 6.70 6.85 c1 .009 .012 0.22 0.30 p .085 .095 2.15 2.41 c2 .052 .058 1.32 1.47 q .020 .030 .508 .762 d .397 .403 10.0 10.2 s .045 .055 1.14 1.39 d1 .372 .380 9.44 9.65 inches millimeter d2 e e1 e2 pin 1 identifier d d1 base seating a q b b1 s e1 c1 c c2 p dim min max min max dim min max min max a .115 .125 2.92 3.17 e .397 .403 10.0 10.2 b .018 .022 .457 .558 e1 .264 .270 6.70 6.85 b1 .046 .051 1.14 1.29 g1 .290 .310 7.36 7.87 b2 .098 .102 2.48 2.59 l .195 .215 4.95 5.46 c .009 .012 0.22 0.30 p .085 .095 2.15 2.41 d .397 .403 10.0 10.2 q .055 .065 1.39 1.65 d 1 .372 .380 9.44 9.65 s .045 .055 1.14 1.39 inches millimeter inches millimeter


▲Up To Search▲   

 
Price & Availability of VRE304KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X