Part Number Hot Search : 
SMDA03C TS01ARE A618ERU VR203 SKY65119 74LV541U RS1JB N1053
Product Description
Full Text Search
 

To Download TCN75-33MUA713 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2001-2012 microchip technology inc. ds21490d-page 1 tcn75 features: solid-state temperature sensing: 0.5c accuracy (typ.) operates from -55c to +125c operating supply range: 2.7v to 5.5v programmable trip point and hysteresis with power-up defaults standard 2-wire serial interface thermal event alarm output functions as interrupt or comparator/thermostat output up to 8 tcn75s may share the same bus shutdown mode for low standby power consumption 5v tolerant i/o at v dd = 3v low power: - 250 ? a (typ.) operating -1 ? a (typ.) shutdown mode 8-pin soic and msop packaging applications: thermal protection for high-performance cpus solid-state thermometer fire/heat alarms thermal management in electronic systems: - computers - telecom racks - power supplies/ups/amplifiers copiers/office electronics consumer electronics process control package type general description: the tcn75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user programmed set point. hysteresis is also programmable. the int/cmptr output is programmable as either a simple comparator for thermostat operation or as a temperature event interrupt. communication with the tcn75 is accomplished via a two-wire bus that is compatible with industry standard protocols. this permits reading the current temperature, programming the set point and hysteresis, and configuring the device. the tcn75 powers up in comparator mode with a default set point of 80c with 5c hysteresis. defaults allow independent operation as a stand-alone thermostat. a shutdown command may be sent via the 2-wire bus to activate the low-power standby mode. address selection inputs allow up to eight tcn75s to share the same 2-wire bus for multizone monitoring. all registers can be read by the host and the int/ cmptr outputs polarity is user programmable. both polled and interrupt driven systems are easily accommodated. small physical size, low installed cost, and ease-of-use make the tcn75 an ideal choice for implementing sophisticated system management schemes. 12 3 4 87 6 5 tcn75moa 1 2 3 4 8 7 65 tcn75mua a1 a0a2 soic msop scl int/cmptr gnd sda scl int/cmptr gnd sda v dd a1 a0a2 v dd 2-wire serial temperature sensor and thermal monitor downloaded from: http:///
tcn75 ds21490d-page 2 ? 2001-2012 microchip technology inc. device selection table functional block diagram part number supply voltage package junction temperature range tcn75-3.3moa 3.3 8-pin soic -55c to +125c tcn75-5.0moa 5.0 8-pin soic -55c to +125c tcn75-3.3mua 3.3 8-pin msop -55c to +125c tcn75-5.0mua 5.0 8-pin msop -55c to +125c control logic tcn75 int/cmptr register set t set t hyst configuration a 0 v dd te m p sensor scl sda a 1 a 2 temperature 9-bit ds a/d converter two wire serial port interface downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 3 tcn75 1.0 electrical characteristics absolute maximum ratings* supply voltage (v dd ) ............................................ 6.0v esd susceptibility (note 3) ............................... 1000v voltage on pins: a0, a1, a2 .......... (gnd C 0.3v) to (v dd + 0.3v) voltage on pins: sda, scl, int/cmptr .. (gnd C 0.3v) to 5.5v thermal resistance (junction to ambient) 8-pin soic.......................................... 170c/w 8-pin msop ....................................... 250c//w operating temperature range (t j ): -55c to +125c storage temperature range (t stg ): -65c to +150c *stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. tcn75 electrical specifications electrical characteristics: v dd = 2.7v C 5.5v, -55c ? (t a = t j ) ? 125c, unless otherwise noted. symbol parameter min typ max units test conditions power supply v dd power supply voltage 2.7 5.5 i dd operating current 0.250 1.0 ma serial port inactive (t a = t j = 25c) serial port active i dd1 standby supply current 1 ? a shutdown mode, serial port inactive (t a = t j = 25c) int/cmptr output i ol sink current: int/cmptr, sda outputs 14m a note 1 t trip int/cmptr response time 1 6 t conv user programmable v ol output low voltage 0.8 v i ol = 4.0 ma temp-to-bits converter ? t temperature accuracy (note 2) 3 ? c -55c ? t a ? +125c v dd = 3.3v: tcn75-3.3 moa, tcn75-3.3 mua v dd = 5.0v: tcn75-5.0 moa, tcn75-5.0 mua 0 . 5 3 ? c25c ? t a ? 100c t conv conversion time 55 msec t set(pu) temp default value 80 ? c power-up t hyst(pu) t hyst default value 75 ? c power-up 2-wire serial bus interface v ih logic input high v dd x 0.7 v v il logic input low v dd x 0.3 v v ol logic output low 0.4 v i ol = 3 ma c in input capacitance sda, scl 15 pf i leak i/o leakage 100 pa (t a = t j = 25c) i ol(sda) sda output low current ?? 6m a downloaded from: http:///
tcn75 ds21490d-page 4 ? 2001-2012 microchip technology inc. timing diagram tcn75 electrical specifications (continued) electrical characteristics: 2.7v ? v dd ? 5.5v; -55c ? (t a = t j ) ? 125c, c l = 80 pf, unless otherwise noted. symbol parameter min typ max unit test conditions serial port timing f sc serial port frequency 0 100 400 khz t low low clock period 1250 nsec t high high clock period 1250 nsec t r scl and sda rise time 250 nsec t f scl and sda fall time 250 nsec t su(start) start condition setup time (for repeated start condition) 1250 nsec t sc scl clock period 2.5 ? sec t h(start) start condition hold time 100 nsec t dsu data in setup time to scl high 100 nsec t dh data in hold time after scl low 0 nsec t su(stop) stop condition setup time 100 nsec t idle bus free time prior to new transition 1250 nsec note 1: output current should be minimized for best temperature accuracy. powe r dissipation within the tcn75 will cause self-heating an d temperature drift. at maximum rated output current and saturation voltage, 4 ma and 0.8v, respectively , the error amounts to 0. 544c for the soic. 2: all part types of the tcn75 will operate properly over the wider power supply range of 2.7v to 5.5v. each part type is tested a nd specified for rated accuracy at its nominal supply voltage. as v dd varies from the nominal value, accuracy will degrade 1c/v of v dd change. 3: human body model, 100 pf discharged through a 1.5k resistor. scl t sc t dsu t su (stop) t h (start) t dh sda data in sda data out downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 5 tcn75 2.0 pin descriptions the descriptions of the pins are listed in table 2-1. table 2-1: pin function table pin number (8-pin soic) 8-pin msop) symbol description 1 sda bidirectional serial data. 2 scl serial data clock input. 3 int/cmptr interrupt or comparator output. 4 gnd system ground. 5a 2 address select pin (msb). 6a 1 address select pin. 7a 0 address select pin (lsb). 8v dd power supply input. downloaded from: http:///
tcn75 ds21490d-page 6 ? 2001-2012 microchip technology inc. 3.0 detailed description a typical tcn75 hardware connection is shown in figure 3-1. figure 3-1: typical application 3.1 serial data (sda) bidirectional. serial data is transferred in both directions using this pin. 3.2 serial clock (scl) input. clocks data into and out of the tcn75. 3.3 int/cmptr open collector, programmable polarity. in comparator mode, unconditionally driven active any time temperature exceeds the value programmed into the t set register. int/cmptr will become inactive when temperature subsequently falls below the t hyst set- ting. (see section 5.0 ?register set and program- mer?s model? , register set and programmers model). in interrupt mode, int/cmptr is also made active by temp exceeding t set ; it is unconditionally reset to its inactive state by reading any register via the 2-wire bus. if and when temperature falls below t hyst , int/cmptr is again driven active. reading any regis- ter will clear the t hyst interrupt. in interrupt mode, the int/cmptr output is unconditionally reset upon enter- ing shutdown mode. if programmed as an active-low output, it can be wire-ored with any number of other open collector devices. most systems will require a pull-up resistor for this configuration. note that current sourced from the pull-up resistor causes power dissipation and may cause internal heat- ing of the tcn75. to avoid affecting the accuracy of ambient temperature readings, the pull-up resistor should be made as large as possible. int/cmptrs output polarity may be programmed by writing to the int/cmptr polarity bit in the config register. the default is active low. 3.4 address (a2, a1, a0) inputs. sets the three least significant bits of the tcn75 8-bit address. a match between the tcn75s address and the address specified in the serial bit stream must be made to initiate communication with the tcn75. many protocol-compatible devices with other addresses may share the same 2-wire bus. 3.5 slave address the four most significant bits of the address byte (a6, a5, a4, a3) are fixed to 1001[b]. the states of a2, a1 and a0 in the serial bit stream must match the states of the a2, a1 and a0 address inputs for the tcn75 to respond with an acknowledge (indicating the tcn75 is on the bus and ready to accept data). the slave address is represented in table 3-1. a 0 a 1 a 2 sda scl +v dd (3v to 5.5v) address (set as desired) i 2 c ? interface c bypass to controller 0.1 f recommendedunless device is mounted close to cpu int/cmptr 76 5 1 2 3 8 4 tcn75 table 3-1: tcn75 slave address 1 0 0 1 a2 a1 a0 msb lsbs downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 7 tcn75 3.6 comparator/interrupt modes int/cmptr behaves differently depending on whether the tcn75 is in comparator mode or interrupt mode. comparator mode is designed for simple thermostatic operation. int/cmptr will go active anytime temp exceeds t set . when in comparator mode, int/ cmptr will remain active until temp falls below t hyst , whereupon it will reset to its inactive state. the state of int/cmptr is maintained in shutdown mode when the tcn75 is in comparator mode. in interrupt mode, int/cmptr will remain active indefinitely, even if temp falls below t hyst , until any register is read via the 2-wire bus. interrupt mode is better suited to inter- rupt driven microprocessor-based systems. the int/ cmptr output may be wire-ored with other interrupt sources in such systems. note that a pull-up resistor is necessary on this pin since it is an open-drain output. entering shutdown mode will unconditionally reset int/ cmptr when in interrupt mode. downloaded from: http:///
tcn75 ds21490d-page 8 ? 2001-2012 microchip technology inc. 4.0 shutdown mode when the appropriate bit is set in the configuration reg- ister (config) the tcn75 enters its low-power shut- down mode (i dd = 1 ? a, typical) and the temperature- to-digital conversion process is halted. the tcn75s bus interface remains active and temp, t set , and t hyst may be read from and written to. transitions on sda or scl due to external bus activity may increase the standby power consumption. if the tcn75 is in interrupt mode, the state of int/cmptr will be reset upon entering shutdown mode. 4.1 fault queue to lessen the probability of spurious activation of int/ cmptr the tcn75 may be programmed to filter out transient events. this is done by programming the desired value into the fault queue. logic inside the tcn75 will prevent the device from triggering int/ cmptr unless the programmed number of sequential temperature-to-digital conversions yield the same qualitative result. in other words, the value reported in temp must remain above t set or below t hyst for the consecutive number of cycles programmed in the fault queue. up to a six-cycle filter may be selected. see section 5.0 ?register set and programmer?s model? , register set and programmers model. 4.2 serial port operation the serial clock input (scl) and bidirectional data port (sda) form a 2-wire bidirectional serial port for pro- gramming and interrogating the tcn75. the following table indicates tcn75 conventions that are used in this bus scheme. table 4-1: serial bus conventions all transfers take place under control of a host, usually a cpu or microcontroller, acting as the master, which provides the clock signal for all transfers. the tcn75 always operates as a slave. this serial protocol is illustrated in figure 5-1. all data transfers have two phases; and all bytes are transferred msb first. accesses are initiated by a start condition, followed by a device address byte and one or more data bytes. the device address byte includes a read/write selection bit. each access must be terminated by a stop condi- tion. a convention called acknowledge (ack) confirms receipt of each byte. note that sda can change only during periods when scl is low (sda changes while scl is high are reserved for start and stop condi- tions). 4.3 start condition (start) the tcn75 continuously monitors the sda and scl lines for a start condition (a high-to-low transition of sda while scl is high), and will not respond until this condition is met. term explanation transmitter the device sending data to the bus. receiver the device receiving data from the bus. master the device which controls the bus: initiating transfers (start), generating the clock, and terminating transfers (stop). slave the device addressed by the master. start a unique condition signaling the beginning of a transfer indicated by sda falling (high C low) while scl is high. stop a unique condition signaling the end of a transfer indicated by sda rising (low C high) while scl is high. ack a receiver acknowledges the receipt of each byte with this unique condition. the receiver drives sda low during scl high of the ack clock-pulse. the master provides the clock pulse for the ack cycle. not busy when the bus is idle, both sda & scl will remain high. data valid the state of sda must remain stable during the high period of scl in order for a data bit to be considered valid. sda only changes state while scl is low during normal data transfers. (see start and stop conditions). downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 9 tcn75 4.3.1 address byte immediately following the start condition, the host must next transmit the address byte to the tcn75. the four most significant bits of the address byte (a6, a5, a4, a3) are fixed to 1001(b). the states of a2, a1 and a0 in the serial bit stream must match the states of the a2, a1 and a0 address inputs for the tcn75 to respond with an acknowledge (indicating the tcn75 is on the bus and ready to accept data). the eighth bit in the address byte is a read/write bit. this bit is a 1 for a read operation or 0 for a write operation. 4.3.2 acknowledge (ack) acknowledge (ack) provides a positive handshake between the host and the tcn75. the host releases sda after transmitting eight bits then generates a ninth clock cycle to allow the tcn75 to pull the sda line low to acknowledge that it successfully received the previous eight bits of data or address. 4.3.3 data byte after a successful ack of the address byte, the host must next transmit the data byte to be written or clock out the data to be read. (see the appropriate timing diagrams.) ack will be generated after a successful write of a data byte into the tcn75. 4.3.4 stop condition (stop) communications must be terminated by a stop condition (a low-to-high transition of sda while scl is high). the stop condition must be communicated by the transmitter to the tcn75. 4.3.5 power supply to minimize temperature measurement error, the tcn75-3.3 moa and tcn75-3.3 mua are factory cal- ibrated at a supply voltage of 3.3v 5% and the tcn75-5.0 moa and tcn75-5.0 mua are factory cal- ibrated at a supply voltage of 5v 5%. either device is fully operational over the power supply voltage range of 2.7v to 5.5v, but with a lower measurement accuracy. the typical value of this power supply-related error is 2c. downloaded from: http:///
tcn75 ds21490d-page 10 ? 2001-2012 microchip technology inc. 5.0 register set and programmer?s model table 5-2: config uration register (config), 8 bits, read/ write d0: shutdown: 0 = normal operation 1 = shutdown mode d1: cmptr/int: 0 = comparator mode 1 = interrupt mode d2: int/cmptr polarity: 0 = active low 1 = active high d3 C d4: fault queue: number of sequential temperature-to-digital conversions with the same result before the int/cmptr output is updated: table 5-1: register (point), 8 bits, write only d[7] d[6] d[5] d[4] d[3] d[2] d[1] d[0] must be set to zero pointer register selection via the pointer register d1 d0 register selection 00 temp 01 config 10 t hyst 11 t set d [7] d [6] d [5] d [4] d [3] d [2] d [1] d [0] must be set to z e r o fault queue int/ cmptr, polarity com p/int shut- down d4 d3 number of conversions 00 1 (power-up default) 01 2 10 4 11 6 downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 11 tcn75 table 5-3: temperature (temp) register, 16 bits, read only the binary value in this register represents ambient temperature following a conversion cycle. table 5-4: temperature set point (t set ) register, 16 bits, read/write table 5-5: hysteresis (t hyst ) register, 16 bits, read/write in the temp, t set , and t hyst registers, each unit value represents one-half degree (celsius). the value is in 2s C complement binary format such that a read- ing of 000000000b corresponds to 0c. examples of this temperature to binary value relationship are shown in table 5-6. table 5-6: temperature to digital value conversion table 5-7: tcn75?s register set summary d[15] d[14] d[13] d[12] d[11] d[10] d[9] d[8] d[7] d[6] d[5] d[4] d[3] d[2] d[1] d[0] msb d7 d6 d5 d4 d3 d2 d1 lsb xxxxx x x d[15] d[14] d[13] d[12] d[11] d[10] d[9] d[8] d[7] d[6] d[5] d[4] d[3] d[2] d[1] d[0] msb d7 d6 d5 d4 d3 d2 d1 lsb xxxxx x x d[15] d[14] d[13] d[12] d[11] d[10] d[9] d[8] d[7] d[6] d[5] d[4] d[3] d[2] d[1] d[0] msb d7 d6 d5 d4 d3 d2 d1 lsb xxxxx x x temperature binary value hex value +125c 0 11111010 0fa +25c 0 00110010 032 +0.5c 0 00000001 001 0c 0 00000000 00 0.5c 1 11111111 1ff -25c 1 11001110 1ce -40c 1 10110000 1b0 -55c 1 10010010 192 name description width read write notes temp ambient temperature 16 x 2s complement format tset temperature setpoint 16 xx 2s complement format t hyst temperature hysteresis 16 xx 2s complement format point register pointer 8 xx config configuration register 8 xx downloaded from: http:///
tcn75 ds21490d-page 12 ? 2001-2012 microchip technology inc. figure 5-1: timing diagrams 1 1 start by master ack by tcn75 address byte (a) typical 2-byte read from preset pointer location such as temp, t os , t hyst (b) typical pointer set followed by immediate read for 2-byte register such as temp, t os , t hyst ack by master most significant data byte stop cond by master no ack by master least significant data byte d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 1a2a1a0 r/w 00 1 91 99 1 1 start by master ack by tcn75 address byte ack by tcn75 pointer byte 000000 d1 d0 . . . . .. . . . . 1 a2 a1 a0 r/w 00 1 99 1 1 start by master ack by tcn75t address byte (c) typical 1-byte read from configuration register with preset pointer data byte stop cond by master no ack by master d7 d6 d5 d4 d3 d2 d1 d0 1 a2 a1 a0 r/w 00 1 99 1 1 repeat start by master ack by tcn75 address byte ack by master most significant data byte stop cond by master no ack by master least significant data byte d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 1 a2 a1 a0 r/w 00 1 91 99 downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 13 tcn75 timing diagrams (continued) 1 1 start by master ack by tcn75 address byte (d) typical pointer set followed by immediate read from configuration register ack by tcn75 repeat start by master pointer byte ack by tcn75 stop cond by maste r no ack by master address byte 0000000 d0 d7 d6 d5 d4 d3 d2 d1 d0 100 a2 1 a1 a0 1 a2 a1 a0 r/w 00 1 91 99 19 r/w data byte 1 1 start by master ack by tcn75 address byte (f) t os and t hyst write ack by tcn75 pointer byte ack by tcn75 stop cond by master ack by tcn75 most significant data byte 000000 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d6 d5 d4 d2 d3 d1 d0 1 a2 a1 a0 r/w 00 1 91 99 19 d7 least significant data byte 1 1 start by master ack by tcn75t address byte (e) configuration register write ack by tcn75 pointer byte ack by tcn75 stop cond by master configuration byte 000000 d1 d0 0 00 d4 d2 d3 d1 d0 1 a2 a1 a0 r/w 00 1 91 99 downloaded from: http:///
tcn75 ds21490d-page 14 ? 2001-2012 microchip technology inc. 6.0 packaging information 6.1 package marking information package marking data not available at this time. 6.2 taping form component taping orientation for 8-pin msop devices package carrier width (w) pitch (p) part per full reel reel size 8-pin msop 12 mm 8 mm 2500 13 in carrier tape, number of components per reel and reel size pin 1 user direction of feed standard reel component orientation for 713 suffix device w p component taping orientation for 8-pin soic (narrow) devices package carrier width (w) pitch (p) part per full reel reel size 8-pin soic (n) 12 mm 8 mm 2500 13 in carrier tape, number of components per reel and reel size standard reel component orientation for 713 suffix device pin1 user direction of feed p w downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 15 tcn75 6.3 package dimensions 8-pin msop .122 (3.10) .114 (2.90) .122 (3.10) .114 (2.90) .043 (1.10) max. .006 (0.15) .002 (0.05) .016 (0.40).010 (0.25) .197 (5.00).189 (4.80) .008 (0.20).005 (0.13) .028 (0.70).016 (0.40) 6 max. .026 (0.65) typ. pin 1 dimensions: inches (mm) note: for the most current package drawings, please see the microchip packaging specif ication located at http://www.microchip.com/packaging .050 (1.27) typ. 8 max. pin 1 .244 (6.20).228 (5.79) .157 (3.99).150 (3.81) .197 (5.00).189 (4.80) .020 (0.51).013 (0.33) .010 (0.25).004 (0.10) .069 (1.75).053 (1.35) .010 (0.25).007 (0.18) .050 (1.27).016 (0.40) 8-pin soic dimensions: inches (mm) note: for the most current package drawings, please see the microchip packaging specif ication located at http://www.microchip.com/packaging downloaded from: http:///
tcn75 ds21490d-page 16 ? 2001-2012 microchip technology inc. 7.0 revision history revision d (december 2012) added a note to each package outline drawing. downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 17 tcn75 the microchip web site microchip provides online support via our www site at www.microchip.com . this web site is used as a means to make files and information easily available to customers. accessible by using your favorite internet browser, the web site contains the following information: product support C data sheets and errata, application notes and sample programs, design resources, users guides and hardware support documents, latest software releases and archived software general technical support C frequently asked questions (faq), technical support requests, online discussion groups, microchip consultant program member listing business of microchip C product selector and ordering guides, latest microchip press releases, listing of seminars and events, listings of microchip sales offices, distributors and factory representatives customer change notification service microchips customer notification service helps keep customers current on microchip products. subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. to register, access the microchip web site at www.microchip.com . under support, click on customer change notification and follow the registration instructions. customer support users of microchip products can receive assistance through several channels: distributor or representative local sales office field application engineer (fae) technical support customers should contact their distributor, representative or field application engineer (fae) for support. local sales offices are also available to help customers. a listing of sales offices and locations is included in the back of this document. technical support is available through the web site at: http://microchip.com/support downloaded from: http:///
tcn75 ds21490d-page 18 ? 2001-2012 microchip technology inc. reader response it is our intention to provide you with the best documentation possible to ensure successful use of your microchip product. if you wish to provide your comments on organization, clarity, subject matter, and ways in whic h our documentation can better serve you, please fax your comments to the technical publications manager at (480) 792-4150. please list the following information, and use this outline to provide us with your comments about this docume nt. to: technical publications manager re: reader response total pages sent ________ from: name company address city / state / zip / country telephone: (_______) _________ - _________ application (optional): would you like a reply? y n device: literature number: questions: fax: (______) _________ - _________ ds21490d tcn75 1. what are the best features of this document? 2. how does this document meet your hardware and software development needs? 3. do you find the organization of this document easy to follow? if not, why? 4. what additions to the document do you think would enhance the structure and subject? 5. what deletions from the document could be made without affecting the overall usefulness? 6. is there any incorrect or misleading information (what and where)? 7. how would you improve this document? downloaded from: http:///
? 2001-2012 microchip technology inc. ds21490d-page 19 information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application meets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safety applications is entirely at the buyers risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting from such use. no licenses are conveyed, implicitly or otherwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, dspic, flashflex, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pic 32 logo, rfpic, sst, sst logo, superflash and uni/o are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. filterlab, hampshire, hi-tech c, linear active thermistor, mtp, seeval and the embedded control solutions company are registered trademarks of microchip technology incorporated in the u.s.a. silicon storage technology is a registered trademark of microchip technology inc. in other countries. analog-for-the-digital age, app lication maestro, bodycom, chipkit, chipkit logo, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, hi-tide, in-circuit serial programming, icsp, mindi, miwi, mpasm, mpf, mplab certified logo, mplib, mplink, mtouch, omniscient code generation, picc, picc-18, picdem, picdem.net, pickit, pictail, real ice, rflab, select mode, sqi, serial quad i/o, total endurance, tsharc, uniwindriver, wiperlock, zena and z-scale are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of microchip technology incorporated in the u.s.a. gestic and ulpp are registered trademarks of microchip technology germany ii gmbh & co. & kg, a subsidiary of microchip technology inc., in other countries. all other trademarks mentioned herein are property of their respective companies. ? 2001-2012, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. isbn: 9781620768815 note the following details of the code protection feature on microchip devices: microchip products meet the specification cont ained in their particular microchip data sheet. microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions. there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip products in a manner outside the operating specif ications contained in microchips data sheets. most likely, the person doing so is engaged in theft of intellectual property. microchip is willing to work with the customer who is concerned about the integrity of their code. neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as unbreakable. code protection is constantly evolving. we at microchip are co mmitted to continuously improvin g the code protection features of our products. attempts to break microchips code protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2009 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory an d analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified. quality management s ystem certified by dnv == iso/ts 16949 == downloaded from: http:///
ds21490d-page 20 ? 2001-2012 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://www.microchip.com/ support web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 cleveland independence, oh tel: 216-447-0464 fax: 216-447-0643 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 indianapolis noblesville, in tel: 317-773-8323 fax: 317-773-5453 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8569-7000 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - chongqing tel: 86-23-8980-9588 fax: 86-23-8980-9500 china - hangzhou tel: 86-571-2819-3187 fax: 86-571-2819-3189 china - hong kong sar tel: 852-2943-5100 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8864-2200 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-3090-4444 fax: 91-80-3090-4123 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - osaka tel: 81-6-6152-7160 fax: 81-6-6152-9310 japan - tokyo tel: 81-3-6880- 3770 fax: 81-3-6880-3771 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-5778-366 fax: 886-3-5770-955 taiwan - kaohsiung tel: 886-7-213-7828 fax: 886-7-330-9305 taiwan - taipei tel: 886-2-2508-8600 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 worldwide sales and service 11/29/12 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of TCN75-33MUA713

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X