Part Number Hot Search : 
XDUG09C3 RO2180B S5R12 STBP518 00222 FJX4012R GMS81024 MADK21
Product Description
Full Text Search
 

To Download TB34S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 a s u r f a c e m o u n t s c h o t t k y b r i d g e mechanical data " case: abs/lbf " terminals: solderable per mil-std-750, method 2026 " a 88mg 0.0 031oz pprox. weight: features: reverse voltage - 40 to 200 v forward current - 3 a high surge current capabilit y designed for surface mount application " " " " ratings at 25 ambient temperature unless otherwise specified. single phase half-wave 60 hz, resistive or inductive load, for capacitive load current derate by 20 %. c m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s ratings at 25 ambient temperature unless otherwise specified. single phase half-wave 60 hz, resistive or inductive load, for capacitive load current derate by 20 %. c m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s maximum dc blocking voltage p a r a m e t e r maximum repetitive peak revers e voltage maximum rms voltage maximum average forward rectified current 1 ? typical junction capacitance 40 v 28 v v 3.0 0.5 10 -55 ~ +125 a a v m a pf c u n i t s 40 peak forward surge current,8.3ms single half sine-wave superimposed on rated load (jedec method) max instantaneous forwar d voltage at 3 a maximum dc reverse current at rated dc reverse voltage operating junction temperature range t b 3 4 s t b 3 6 s t b 3 8 s t b 3 1 0 s t b 3 2 0 s t = 25 c a t =100 c a v rrm v rms v dc i f(av) i fsm v f i r c j t j s y m b o l s t stg storage temperature range 60 42 60 80 56 80 100 100 0.55 0.70 0.85 250 -55 ~ +150 c 200 140 200 0.95 0.3 5 160 2 ? 60 typical thermal resistance r ? ja c/w 70 80 70 note: 1. measured at 1mhz and applied reverse voltage of 4 v d.c. 2 2. mounted on glass epoxy pc board with 4 ( 5 5mm ? copper pad. abs/lb f package p i n n i n g pin 1 2 description 3 4 output cathode ?-? output anode ?+? input pin?~? input pin?~? 1 2 3 4 t b 3 4 s t h r u t b 3 2 0 s
f i g . 2 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s instaneous curren t ( ?a) reverse 20 40 60 80 0 t=25 j c t=100 j c percent of rated peak reverse voltage ?%? 100 10 0 10 1 10 2 10 3 10 4 t=75 j c 10 f i g . 4 t y p i c a l j u n c t i o n c a p a c i t a n c e 0.1 junction capacitance ( pf) reverse voltage (v) 10 100 200 500 20 50 100 1 tb32s/tb34s tb36s-tb320s t=25 j c 0.1 0 0.4 1.4 f i g . 3 t y p i c a l f o r w a r d c h a r a c t e r i s t i c instaneous forward curren t (a) instaneous forwar d voltage (v) 1.0 10 0.6 0.2 0.8 1.0 1.2 1.8 1.6 20 f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e 0.5 1.0 1.5 2.0 2.5 3.0 0.0 25 50 75 100 125 150 average forward current (a) tb34s tb36s-tb320s tb34s tb36s/tb38s tb310s tb320s 10 100 f i g . 5 m a x i m u m n o n - r e p e t i t i v e p e a k f o r w a r d s u r a g e c u r r e n t peak a) forward surage current ( number of cycles at 60hz 8.3 ms single half sine wave (jedec method) 1 20 40 60 00 80 100 tb34s/tb36s tb38s~tb320s single phase half-wave 60 hz resistive or inductive load 3.5 100lfm t b 3 4 s t h r u t b 3 2 0 s lead temperature ( c)
m a r k i n g type number marking code tb34s tb36s tb38s tb310s tbxxs tb320s tb34s tb36s tb38s tb310s tb320s p a c k a g e o u t l i n e p l a s t i c s u r f a c e m o u n t e d p a c k a g e ; 4 l e a d s a b s / l b f unit mm 1.5 0.22 5.2 4.5 6.4 1.3 0.15 4.9 4.2 6.0 7 max min mil max min 59 51 8.7 5.9 205 193 177 166 252 236 acde h e " d 0.7 0.5 28 20 e 4.2 3.8 165 150 l l 1 a 0.95 0.6 37 24 0.2 4 c " all round h e l a l 1 e e d e a d " all round abs/lb f mechanical data t h e r e c o m m e n d e d m o u n t i n g p a d s i z e 4.0 157 6.2 244 1.0 39 2.0 79 mm (mil) unit ? t b 3 4 s t h r u t b 3 2 0 s


▲Up To Search▲   

 
Price & Availability of TB34S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X