Part Number Hot Search : 
M37721 F9234 UPD75 000X1 13600 3KP13A SCBA05F VMTB60
Product Description
Full Text Search
 

To Download T2010102101-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/13) restricted to this drawing is a controlled document. te connectivity 3 10 customer drawing t2010102101000 david wang 18dec2014 chris wang 18dec2014 xu xiang 18dec2014 3:2 1 2 b2 108-137045 114-137045 - - - mm - - - - - - ha-010-m - 20 20 00779 by - - - a initial release 18dec2014 dw cw b ecr-15-013750 18sep2015 dw cw b1 ecr-15-016224 05nov2015 dw cw b2 ecr-16-017507 13dec2016 qy cw 56.5 23 1 14.7 29 32 16 49.5 49.5 43.5 16 4x 3.3 notes: 1. technical characteristics: insulation material: pc rated voltage: 250 v rated current: 16 a insulation resistance: >=400m^ rated impulse voltage: 4 kv pollution degree: 3 flammability: ul94v-0 mating cycles: 500 cycles wire range: 0.5-2.5 mm2 (20-14 awg) contact finish: silver plated contact type: screw contact : 1. : : pc : 250v : 16a : >=400m^ : 4 kv : 3 : ul94v-0 : 500 : 0.5-2.5 mm2 (20-14 awg) : : type-1,T2010102101-000,te logo -1,T2010102101-000,te logo 10x m3 screw, recommended tightening torque 0.5nm 10x m3 , 0.5nm m4 screw recommended tightening torque 1.2nm m4 , 1.2nm 4x m3 screw, recommended tightening torque 0.5nm 4x m3 , 0.5nm scale 1:1 panel cut for inserts for using without hoods/ housings
a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/13) restricted to this drawing is a controlled document. te connectivity customer drawing t2010102101000 david wang 18dec2014 chris wang 18dec2014 xu xiang 18dec2014 3:2 2 2 b2 108-137045 114-137045 - - - mm - - - - - - ha-010-m - 20 20 00779 by - - - - see sheet 1 - - - t2010102101-001 ha-010-m ha-010 male insert,no logo ha-010 , logo type-2 -2 T2010102101-000 ha-010-m ha-010 male insert ha-010 type-1 -1 part number part description type type-2,t2010102101-001,no logo -2,t2010102101-001, logo all dimensions are same as type 1, except those defined in this type. , 1 note: see sheet 1 : 1


▲Up To Search▲   

 
Price & Availability of T2010102101-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X