Part Number Hot Search : 
DI104 SR162 0E1300K0 06749 06749 2SC3840 15266 TPS20
Product Description
Full Text Search
 

To Download SMF70A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings operating temperature : - 6 5 o c to + 1 75 o c storage temperature : - 6 5 o c to +1 75 o c electrical characteristics @ 2 5 o c unless otherwise specified s mf5.0 (c) a thru s mf170 (c) a 200watts transient voltage suppressor 5.0 to 170 volts p p p 20 0w esd voltage(hbm) v esd >16 kv (10/1000us waveform)  
 omp onents 20736 marilla street chatsworth       
     stand-off voltage 5-170 volts uni and bi-directional type available (suffix"c"means bi-directional) surface mount low clamping voltage 200 watt peak power dissipation small, high thermal efficiency sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a b e c d h g marking code: see electrical characteristics table features peak pulse power w w w. m c c se m i .c om tm micro commercial components 1 of 5 revision: e 20 1 3 /0 7 /1 1 note: 1 . high temperature solder exemption applied, see eu directive annex notes 7 lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) m cc epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 a .140 .152 3.55 3.85 b .10 0 . 122 2.5 5 3.10 c .05 5 .07 5 1.4 0 1. 9 0 d .03 5 . 05 3 0.9 0 1.35 e .02 0 .0 41 0.5 0 1.0 5 g .010 ----- 0.25 ----- h ---- - .0 10 --- - .2 5 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
w w w. m c c se m i .c om elecrical characerisics @25 q c mcc part number test current i t rated standoff voltage v wm maximum reverse leakage i d @v wm maximum clamping voltage v c @ i pp maximum peak pulse current i pp min max madc v ( p a) v a s mf 6.0a 5.0 6.4 7.0 10 400 9.2 21.7 5.0a / ke 6.0 6.67 7.37 10 400 10.3 19.4 6.0a / kg 6.5 7.22 7.98 10 250 11.2 17.9 6.5a / kk 7.0 7.78 8.6 10 100 12 16.7 7.0a / km 7.5 8.33 9.21 1.0 50 12.9 15.5 7.5a / kp 8.0 8.89 9.83 1.0 25 13.6 14.7 8.0a / kr 8.5 9.44 10.4 1.0 10 14.4 13.9 8 . 5 a / kt 9.0 10 11.1 1.0 5.0 15.4 13 9.0a / kv 10 11.1 12.3 1.0 2.5 17 11.8 10a / kx 11 12.2 13.5 1.0 2.5 18.2 11 11a / kz 12 13.3 14.7 1.0 2.5 19.9 10.1 12a / le 13 14.4 15.9 1.0 1.0 21.5 9.3 13a / lg 14 15. 6 17. 2 1. 0 1. 0 23. 2 8.6 14a / lk 15 16.7 18.5 1.0 1.0 24.4 8.2 15a / lm 16 17.8 19.7 1.0 1.0 26 7.7 16a / lp 17 18.9 20.9 1.0 1.0 27.6 7.2 17a / lr 18 20 22.1 1.0 1.0 29.2 6.8 18a / lt breakdown voltage v br @ i t (volt) marking code 20 22.2 24.5 1.0 1.0 32.4 6.2 20a / lv 22 24.4 26.9 1.0 1.0 35.5 5.6 22a / lx 24 26.7 29.5 1.0 1.0 38.9 5.1 24a / lz 26 28.9 31.9 1.0 1.0 42.1 4.8 26a / me 28 31.1 34.4 1.0 1.0 45.4 4.4 28a / mg 30 33.3 36.8 1.0 1.0 48.4 4.1 30a / mk 33 36.7 40.6 1.0 1.0 53.3 3.8 33a / mm 36 40 44.2 1.0 1.0 58.1 3.4 36a / mp 40 44.4 49.1 1.0 1.0 64.5 3.1 40a / mr 43 47.8 52.8 1.0 1.0 69.4 2.9 43a / mt 45 50 55.3 1.0 1.0 72.7 2.8 45a / mv 48 53.3 58.9 1.0 1.0 77.4 2.6 48a / mx 51 56.7 62.7 1.0 1.0 82.4 2.4 51a / mz 54 60 66.3 1.0 1.0 87.1 2.3 54a / ne 58 64.4 71.2 1.0 1.0 93.6 2.1 58a / ng 60 66.7 73.7 1.0 1.0 96.8 1.8 60a / nk 64 71.1 78.6 1.0 1.0 103 1.7 64a / nm 70 77.8 86 1.0 1.0 113 1.5 70a / np 75 83. 3 92. 1 1. 0 1. 0 12 1 1.4 75a / nr 78 86.7 95.8 1.0 1.0 126 1.4 78a / nt 85 94.4 104 1.0 1.0 137 1.3 85a / nv 90 100 111 1.0 1.0 146 1.2 90a / nx 100 111 123 1.0 1.0 162 1.1 100 / nz 110 122 135 1.0 1.0 177 1.0 110 / pe 120 133 147 1.0 1.0 193 0.9 120 / pg 130 144 159 1.0 1.0 209 0.8 130 / pk 150 167 185 1.0 1.0 243 0.7 150 / pm 160 178 197 1.0 1.0 259 0.7 160 / pp 170 189 209 1.0 1.0 275 0.6 170 / pr m cc tm micro commercial components s mf 5.0a s mf 7.5a s mf 8.0a s mf 7.0a s mf 6.5a s mf 8.5a s mf 9.0a s mf 10a s mf 15a s mf 13a s mf 16a s mf 14a s mf 17a s mf 18a s mf 12a s mf 11a s mf 30a s mf 26a s mf 36a s mf 43a s mf 24a s mf 22a s mf 28a s mf 20a s mf 40a s mf 33a s mf 45a s mf 64a s mf 51a s mf 48a s mf 54a s mf 60a s mf 58a s mf 75a s mf 70a s mf 78a s mf 85a s mf 90a s mf 100a s mf 110a s mf 120a s mf 130a s mf 150a s mf 160a s mf 170a uni-polar smf5.0a thru smf170a 2 of 5 revision: e 20 1 3 /0 7 /1 1 downloaded from: http:///
w w w. m c c se m i .c om elecrical characerisics @25 q c mcc part number test current i t rated standoff voltage v wm maximum reverse leakage i d @v wm maximum clamping voltage v c @ i pp maximum peak pulse current i pp min max madc v ( p a) v a s mf 6.0 c a 5.0 6.4 7.0 10 400 9.2 21.7 5.0 c a / ae 6.0 6.67 7.37 10 400 10.3 19.4 6.0 c a / ag 6.5 7.22 7.98 10 250 11.2 17.9 6.5 c a / ak 7.0 7.78 8.6 10 100 12 16.7 7.0 c a / am 7.5 8.33 9.21 1.0 50 12.9 15.5 7.5 c a / ap 8.0 8.89 9.83 1.0 25 13.6 14.7 8.0 c a / ar 8.5 9.4 4 10. 4 1. 0 1 0 14. 4 13.9 8 . 5 c a / at 9.0 10 11.1 1.0 5.0 15.4 13 9.0 c a / av 10 11.1 12.3 1.0 2.5 17 11.8 10 c a / ax 11 12.2 13.5 1.0 2.5 18.2 11 11 c a / az 12 13.3 14.7 1.0 2.5 19.9 10.1 12 c a / be 13 14.4 15.9 1.0 1.0 21.5 9.3 13 c a / bg 14 15.6 17.2 1.0 1.0 23.2 8.6 14 c a / bk 15 16.7 18.5 1.0 1.0 24.4 8.2 15 c a / bm 16 17.8 19.7 1.0 1.0 26 7.7 16 c a / bp 17 18.9 20.9 1.0 1.0 27.6 7.2 17 c a / br 18 20 22.1 1.0 1.0 29.2 6.8 18 c a / bt breakdown voltage v br @ i t (volt) marking code 20 22.2 24. 5 1. 0 1. 0 32. 4 6.2 20 c a / bv 22 24.4 26.9 1.0 1.0 35.5 5.6 22 c a / bx 24 26.7 29.5 1.0 1.0 38.9 5.1 24 c a / bz 26 28.9 31. 9 1. 0 1. 0 42. 1 4.8 26 c a / ce 28 31.1 34.4 1.0 1.0 45.4 4.4 28 c a / cg 30 33.3 36.8 1.0 1.0 48.4 4.1 30 c a / ck 33 36.7 40.6 1.0 1.0 53.3 3.8 33 c a / cm 36 40 44.2 1.0 1.0 58.1 3.4 36 c a / cp 40 44.4 49.1 1.0 1.0 64.5 3.1 40 c a / cr 43 47.8 52.8 1.0 1.0 69.4 2.9 43 c a / ct 45 50 55.3 1.0 1.0 72.7 2.8 45 c a / cv 48 53.3 58.9 1.0 1.0 77.4 2.6 48 c a / cx 51 56.7 62.7 1.0 1.0 82.4 2.4 51 c a / cz 54 60 66.3 1.0 1.0 87.1 2.3 54 c a / de 58 64.4 71.2 1.0 1.0 93.6 2.1 58 c a / dg 60 66.7 73.7 1.0 1.0 96.8 1.8 60 c a / dk 64 71.1 78.6 1.0 1.0 103 1.7 64 c a / dm 70 77.8 86 1.0 1.0 113 1.5 70 c a / dp 75 83.3 92.1 1.0 1.0 121 1.4 75 c a / dr 78 86.7 95.8 1.0 1.0 126 1.4 78 c a / dt 85 94.4 104 1.0 1.0 137 1.3 85 c a / dv 90 100 111 1.0 1.0 146 1.2 90 c a / dx 100 111 123 1.0 1.0 162 1.1 100 c / dz 110 122 135 1.0 1.0 177 1.0 110c / ee 120 133 147 1.0 1.0 193 0.9 120 c / eg 130 144 159 1.0 1.0 209 0.8 130 c / ek 150 167 185 1.0 1.0 243 0.7 150 c / em 160 178 197 1.0 1.0 259 0.7 160 c / ep 170 189 209 1.0 1.0 275 0.6 170 c / er m cc tm micro commercial components 3 of 5 s mf 5.0 c a s mf 7.5 c a s mf 8.0 c a s mf 7.0 c a s mf 6.5 c a s mf 8.5 c a s mf 9.0 c a s mf 10 c a s mf 15 c a s mf 13 c a s mf 16 c a s mf 14 c a s mf 17 c a s mf 18 c a s mf 12 c a s mf 11 c a s mf 30 c a s mf 26 c a s mf 36 c a s mf 43 c a s mf 24 c a s mf 22 c a s mf 28 c a s mf 20 c a s mf 40 c a s mf 33 c a s mf 45 c a s mf 64 c a s mf 51 c a s mf 48 c a s mf 54 c a s mf 60 c a s mf 58 c a s mf 75 c a s mf 70 c a s mf 78 c a s mf 85 c a s mf 90 c a s mf 100 c a s mf 110 c a s mf 120 c a s mf 130 c a s mf 150 c a s mf 160 c a s mf 170 c a bi-polar smf5.0ca thru smf170ca revision: e 20 1 3 /0 7 /1 1 downloaded from: http:///
micro commercial components m cc tm revision: e 201 3 /0 7 /1 1 w w w. m c c se m i .c om 4 of 5 smf5.0ca thru smf170ca electrical characteristics fig. 1 - peak pulse power rating fig. 2 - pulse derating curve fig. 3 - pulse waveform p pp - peak p u lse po w er (k w ) 0.1 1 10 0.1 s 1.0 s 10 s t d - p u lse w idth (s) 100 s 1.0 ms 10 ms n on-repetiti v e p u lse w a v efor m sho w n in fig. 3 t a = 25 c 0 25 50 75 100 0 75 25 50 100 125 150 175 200 peak p u lse po w er (p pp ) or c u rrent (i ppm ) derating in percentage ( % ) t a - am b ient temperat u re 0 50 100 150 i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm peak v al u e i ppm half v al u e i ppm t d 10/100 s w a v eform as defined b y r.e.a. 0 1 2 3 4 t - time (ms) t r =10 s i ppm 2 downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om 5 of 5 revision: e 20 1 3 /0 7 /1 1 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 2. 5 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of SMF70A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X