Part Number Hot Search : 
29LV128 30CPQ040 X85C33 N2540 GSH05A10 CY8C244 FRK9160R RLZ20B
Product Description
Full Text Search
 

To Download RT85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal ac input protections:short circuit/over load/over voltage cooling by free air convection led indicator for power on all using 105c long life electrolytic capacitors high effciency, long life and high reliability model number output volts output amps ripple & noise min load line reg load reg volt tolerance triple output RT85-a 5 volts(dc) 8.0 amps 80mv pk-pk 2~10amps 0.5% 1.0% 2.0% 12 volts(dc) 3.5 amps 120mv pk-pk 0.3~4amps 1.0% 3.0% 5.0% -5 volts(dc) 0.5 amps 100mv pk-pk 0~1amps 1.0% 6.0% 6.0% RT85-b 5 volts(dc) 8.0 amps 80mv pk-pk 2~10amps 0.5% 1.0% 2.0% 12 volts(dc) 3.5 amps 120mv pk-pk 0.3~4amps 1.0% 3.0% 5.0% -12 volts(dc) 0.5 amps 120mv pk-pk 0~1amps 1.0% 6.0% 6.0% RT85-c 5 volts(dc) 7.0 amps 80mv pk-pk 2~10amps 0.5% 1.0% 2.0% 15 volts(dc) 3.0 amps 120mv pk-pk 0.3~4amps 1.0% 3.0% +3,-7% -15 volts(dc) 0.5 amps 120mv pk-pk 0~1amps 1.0% 6.0% 6.0% RT85-d 5 volts(dc) 6.0 amps 80mv pk-pk 2~10amps 0.5% 1.0% 2.0% 24 volts(dc) 2.0 amps 150mv pk-pk 0.3~2.5amps 1.0% 3.0% 5.0% 12 volts(dc) 1.0 amps 120mv pk-pk 0.1~1amps 1.0% 6.0% 6.0% 85w triple output switching power supply RT85 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
input specifications input voltage range 90 ~ 264 vac; 125~373 volts(dc) frequency range 47-63 hz inrush current, typ: (cold start) 40amps / 230vac input current 2.5 amps. @ 115vac 1.5 amps. @ 230vac leakage current < 2mamps /240vac output specifications voltage and current see selection chart line regulation (note 3) see selection chart load regulation (note 4) see selection chart voltage tolerance (note 2) see selection chart ripple/noise (note 1) see selection chart hold up time @ fl 100ms/230vac 18ms/115vac setup, rise time @ fl 500ms, 20m/230vac 1200ms, 30ms/115vac over voltage protection 5volts only: : 5.75 ~ 6.75vdc hiccup mode, auto recover over current protection 110 ~ 150% rated output power hiccup mode, auto recover dc volt adjust 5volts only: 4.75 ~ 5.5v general specifications safety ul60950-1, tuv en60950-1 approved insulation resistance 100m? / 500volts (dc) emi compliance to en55022 (cispr22) class b harmonic current compliance to en61000-3-2,-3 effciency 76% (RT85-a/b) 77% (RT85-c) 79% (RT85-d) isolation 3000vac input - output 1500vac input - ground 500vac output - ground ems compliance to en61000-4-2, 3, 4, 5, 6, 8, 11; env50204,en61000-6-2(en50082-2) heavy industry level, criteria a environmental specifications oper. temperature -25c to +70c (see derate curve) storage temperature -40c to +85c, 10~95% rh relative humidity 20~90% rh non cond temperature coeffcient 0.03% / c (0-50c) on +5v output mtbf 215 khrs min, mil-hdbk-217f(25c) vibration 10~500hz, 5g10min./1cycle, period for 60min. each along x, y, z axes physical specifications size millimeters 159 x 97 x 38 inches 3.90 x 3.82 x 1.42 weight 21.16 oz (600g) note 1. ripple & noise are measured at 20mhz of bandwidth by using a 12 twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 2. tolerance : includes set up tolerance, line regulation and load regula - tion. 3. line regulation is measured from low line to high line at rated load. 4. load regulation is measured from 20% to 100% rated load, and other output at 60% rated load. 5. each output can work within current range. but total output power cant exceed rated output power. all specifcations are typical at nominal input, full load, and 25c unless other - wise noted 85w triple output switching power supply RT85 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
85w triple output switching power supply RT85 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
85w triple output switching power supply RT85 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458


▲Up To Search▲   

 
Price & Availability of RT85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X