Part Number Hot Search : 
VDZ20B 10711A SC4215 ABT162 J128G MBR104 C1210 2SJ18
Product Description
Full Text Search
 

To Download RR6-2405D03AX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output specifications rr6-s03/d03 3.0 watt 4:1 regulated single & dual output absolute maximum ratings (4) 1) typical value at nominal input voltage and full load. 2) tested by nominal vin and constant resistor load. 3) measured input reflected ripple current with a simulated source inductance of 12uh. 4) exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. the models listed are just for standard type. if you need a special specification product, please contact our service. phone: +49 69 984047-0, mail to: info@rsg-electronic.de or use the forms on www.rsg-electronic.de (?kontakt). dip24 package, w ide 4:1 input range full smd technology 1500 vdc isolation, up to 3500 vdc continuous short circuit protection efficiency up to 80% -40c~85c operation temperature range optional plastic case voltage accuracy 1% line regulation 0.5% load regulation 0.5% (output 3.3v / 3.3v model) 1.5% ripple & noise (20 mhz bandwith) (1) 60 mv pk-pk short circuit protection indefinite (automatic recovery) temperature coefficient 0.02%/c capacitor load (2) see table voltage range see table max. input current see table no-load input current see table input filter pi type input reflected ripple current (3) 35 ma pk-pk input specifications efficiency (typ.) see table i/o isolation voltage (3 sec.) input/output 1500 ~ 3500 vdc metal case / input & output 1000 vdc i/o isolation capacitance 470 pf typ. i/o isolation resistance 1000 m ohm switching frequency typ. 266 khz humidity 95% rel. h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs. safety standard (designed to meet) iec 60950-1 general specifications case material nickel-coated copper non-conductive black plastic (ul94v-0 rated) base material non-conductive black plastic (ul94v-0 rated) pin material ? 0.5 mm brass solder-coated potting material epoxy (ul94v-0 rated) weight metal 17.0 g, plastic 13.5 g dimensions 1.25 x 0.8 x 0.4 physical specifications operating temperature (see derating curve) -40c~ 85c maximum case temperature 100c storage temperature -40c~125c cooling nature convection environment specifications note these are stress ratings. exposure of devices to any of these conditions may adversely affect long-term reliability. input voltage (100 ms) 24 modes -0.7 ~ 40 vdc 48 modes -0.7 ~ 80 vdc soldering temperature 260c (1.5 mm from case 10 sec.) all specifications typical at ta = 25c, nominal input voltage and full load unless otherwise specified. the information and specifications contained in this data sheet are believed to be correct at time of publication. however, we accept no responsibility for consequences arising from printing errors or inaccuracies. subject to change without notice. page: 1/3 last update: 21.07.09
rr6-s03/d03 3.0 watt 4:1 regulated single & dual output derating curve model selection guide page: 2/3 last update: 21.07.09 number structure isolation 1=1.5 kvdc 3=3.5 kvdc** power 03=3w output 03=3.3v 05=5v 09=9v 12=12v 15=15v 24=24v code internal rr6 - xx xx s 03 a 1 (p)* type s=single d=dual input 24=9~36v 48=18~72v * standard version in metal case. add suffix ? p for plastic case! ** please add suffix ? h for high isolation models and see different pinout-versions on page 3! name / package rr6=dil24 model number input input current (ma) output output current efficiency capacitor range vdc no load / full load vdc full load (ma) @fl (%) load ( hf) rr6-2403s03ax 9-36 16 / 165 3.3 900 75 680 rr6-2405s03ax 9-36 16 / 160.3 5 600 78 470 rr6-2409s03ax 9-36 16 / 156.3 9 333 80 100 rr6-2412s03ax 9-36 16 / 156.3 12 250 80 68 rr6-2415s03ax 9-36 16 / 156.3 15 200 80 47 rr6-2424s03ax 9-36 16 / 156.3 24 125 80 22 rr6-2403d03ax 9-36 16 / 165 3.3 454 75 330 RR6-2405D03AX 9-36 16 / 160.3 5 300 78 220 rr6-2409d03ax 9-36 16 / 156.3 9 166 80 47 rr6-2412d03ax 9-36 16 / 156.3 12 125 80 33 rr6-2415d03ax 9-36 16 / 156.3 15 100 80 22 rr6-2424d03ax 9-36 16 / 156.3 24 63 80 10 rr6-4803s03ax 18-72 14 / 82.5 3.3 900 75 680 rr6-4805s03ax 18-72 14 / 80.1 5 600 78 470 rr6-4809s03ax 18-72 14 / 78.1 9 333 80 100 rr6-4812s03ax 18-72 14 / 78.1 12 250 80 68 rr6-4815s03ax 18-72 14 / 78.1 15 200 80 47 rr6-4824s03ax 18-72 14 / 78.1 24 125 80 22 rr6-4803d03ax 18-72 14 / 83.3 3.3 454 75 330 rr6-4805d03ax 18-72 14 / 80.1 5 300 78 220 rr6-4809d03ax 18-72 14 / 78.1 9 166 80 47 rr6-4812d03ax 18-72 14 / 78.1 12 125 80 33 rr6-4815d03ax 18-72 14 / 78.1 15 100 80 22 rr6-4824d03ax 18-72 14 / 78.1 24 63 80 10
page: 3/3 last update: 21.07.09 mail: info@rsg-electronic.de www.rsg-electronic.de rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach tel. +49 69 984047-0 fax +49 69 984047-77 rr6-s03/d03 3.0 watt 4:1 regulated single & dual output pin number 1 2 3 9 10 11 12 13 14 15 16 22 23 24 dual +v input -v output common n.p. common +v output -v input -v input +v output common n.p. common -v output +v input single +v input n.c. n.c. n.p . -v output +v output -v input -v input +v output -v output n.p . n.c. n.c. +v input pin connections (standard) pin number 1 2 3 9 10 11 12 13 14 15 16 22 23 24 dual n.p. -v input -v input common n.p. -v output n.p. n.p. +v output n.p. common +v input +v input n.p. single n.p. -v input -v input n.p. n.p. n.c. n.p. n.p. +v output n.p. -v output +v input +v input n.p. pin connections (high isolation models) mechanical specifications (p-case) opt. mechanical specifications (standard) dil 24 package plastic case (p) ?m - metal case dil 24 package notes: all dimensions are typical in mm (inches). 1) pin diameter: 0.5 0.05 (0.02 0.002) 2) pin pitch tolerance: 0.35 ( 0.014) 3) case tolerance: 0.5 ( 0.02) rsg rr6-xxxxxax(p) rsg rr6-xxxxxax efficiency vs output current 24 efficiency vs output current 48 24 models 48 models


▲Up To Search▲   

 
Price & Availability of RR6-2405D03AX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X