Part Number Hot Search : 
2SD350A MSA5980C ATMEGA Z4B160 1N5237B 2SD2052 14607045 70PFT
Product Description
Full Text Search
 

To Download PXAC241702FCV1R250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all published data at t case = 25c unless otherwise indicated esd: electrostatic discharge sensitive deviceobserve handling precautions! data sheet 1 of 10 rev. 02.1, 2016-06-22 pxac241702fc pxac241702fc package h-37248-4 thermally-enhanced high power rf ldmos fet 150 w, 28 v, 2300 C 2400 mhz features ? asymmetrical doherty design - main: p 1db = 60 w typ - peak: p 1db = 90 w typ ? broadband internal input and output matching ? typical pulsed cw performance, 2350 mhz, 28 v, doherty configuration - output power at p 1db = 100 w - efficiency = 49% - gain = 17.5 db ? integrated esd protection: human body model, class 1c (per jesd22-a114) ? capable of handling 10:1 vswr @28 v, 120 w (cw) output power ? low thermal resistance ? pb-free and rohs compliant description the pxac241702fc is a 28 v ldmos fet with an asym metrical design intended for use in multi-standard cellular power amplifier applications in the 2300 to 2400 mhz frequency band. features in - clude dual-path design, high gain and thermally-enhanced package with earless flange. manufactured with infineon's advanced ldmos process, this device provides excellent thermal performance and superior reliability. rf characteristics single-carrier wcdma specifications (tested in infineon doherty test fixture) v dd = 28 v, i dq(main) = 360 ma, v gs(peak) = 1.2 v, p out = 28 w avg, ? = 2400 mhz. 3gpp signal, 3.84 mhz channel bandwidth, 10 db peak/average @ 0.01% probability on ccdf. characteristic symbol min typ max unit gain g ps 15.5 16.5 db drain effciency h d 46 52 % adjacent channel power ratio acpr C33.5 C28.0 dbc output par (at 0.01% probability on ccdf) opar 6.5 7.5 db -75 -50 -25 0 25 50 75 0 4 8 12 16 20 24 25 30 35 40 45 50 55 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier wcdma drive-up v dd = 28 v, i dq = 360 ma, ? = 2300 mhz 3gpp wcdma signal, 10 db par, 3.84 mhz bw gain efficiency par @ 0.01% ccdf c241702fc-gr1a
pxac241702fc data sheet 2 of 10 rev. 02.1, 2016-06-22 dc characteristics (each side) characteristic conditions symbol min typ max unit drain-source breakdown voltage v gs = 0 v, i ds = 10 ma v( br)dss 65 v drain leakage current v ds = 28 v, v gs = 0 v i dss 1 a v ds = 63 v, v gs = 0 v i dss 10 a gate leakage current v gs = 10 v, v ds = 0 v i gss 1 a on-state resistance (main) v gs = 10 v, v ds = 0.1 v r ds(on) 0.19 w (peak) v gs = 10 v, v ds = 0.1 v r ds(on) 0.16 w operating gate voltage (main) v ds = 28 v, i dq = 360 ma v gs 2.3 2.65 3.0 v (peak) v ds = 28 v, i dq = 0 ma v gs 0.8 1.30 1.8 v maximum ratings parameter symbol value unit drain-source voltage v dss 65 v gate-source voltage v gs C6 to +10 v operating voltage v dd 0 to +32 v junction temperature t j 225 c storage temperature range t stg C65 to +150 c thermal resistance (t case = 70c, 100 w cw) r qjc 0.53 c/w ordering information type and version order code package and description shipping pxac241702fc v1 r0 pxac241702fcv1r0xtma1 h-37248-4, ceramic open-cavity, push-pull, earless tape & reel, 50 pcs pxac241702fc v1 r250 PXAC241702FCV1R250xtma1 h-37248-4, ceramic open-cavity, push-pull, earless tape & reel, 250 pcs
data sheet 3 of 10 rev. 02.1, 2016-06-22 pxac241702fc -75 -50 -25 0 25 50 75 0 4 8 12 16 20 24 25 30 35 40 45 50 55 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier wcdma drive-up v dd = 28 v, i dq = 360 ma, ? = 2350 mhz 3gpp wcdma signal, 10 db par, 3.84 mhz bw gain efficiency par @ 0.01% ccdf c241702fc-gr1b -75 -50 -25 0 25 50 75 0 4 8 12 16 20 24 25 30 35 40 45 50 55 efficiency (%) peak/average ratio, gain (db) average output power (dbm) single-carrier wcdma drive-up v dd = 28 v, i dq = 360 ma, ? = 2400 mhz 3gpp wcdma signal, 10 db par, 3.84 mhz bw gain efficiency par @ 0.01% ccdf c241702fc-gr1c 0 10 20 30 40 50 60 70 -70 -60 -50 -40 -30 -20 -10 0 30 35 40 45 50 55 60 drain efficiency(%) acp up & low (dbc) average output power (dbm) single-carrier wcdma 3gpp drive-up v dd = 28 v, i dq = 360 ma, ? = 2300-2400 mhz, 3gpp wcdma signal, 10 db par, 3.84 mhz bandwidth 2300 acpl 2350 acpl 2400 acpl 2300 acpu 2350 acpu 2400 acpu 2300 eff 2350 eff 2400 eff c241702fc-gr2 0 10 20 30 40 50 60 12 14 16 18 20 22 24 2150 2250 2350 2450 2550 drain efficiency (%) gain (db) frequency (mhz) single-carrier wcdma broadband performance v dd = 28 v, i dq = 360 ma, p out = 44.47 dbm, 3gpp wcdma signal, 10 db par efficienc y gain c241702fc-gr3 typical performance (data taken in an infineon production test fixture)
pxac241702fc data sheet 4 of 10 rev. 02.1, 2016-06-22 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected supply voltages i dq = 360 ma, ? = 2300 mhz gain efficienc y v dd = 24 v v dd = 28 v v dd = 32 v c241702fc-gr6a 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected supply voltages i dq = 360 ma, ? = 2350 mhz gain efficienc y v dd = 24 v v dd = 28 v v dd = 32 v c241702fc-gr6b 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) power gain (db) output power (dbm) cw performance at selected suply voltages i dq = 360 ma, ? = 2400 mhz gain efficienc y v dd = 24 v v dd = 28 v v dd = 32 v c241702fc-gr6c 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 25 30 35 40 45 50 55 efficiency (%) gain (db) output power (dbm) cw performance v dd = 28 v, i dq = 360ma efficienc y gain c241702fc-gr5 2300 mhz 2350 mhz 2400 mhz typical performance (cont.)
data sheet 5 of 10 rev. 02.1, 2016-06-22 pxac241702fc -25 -20 -15 -10 -5 0 0 5 10 15 20 25 2200 2300 2400 2500 input return loss (db) power gain (db) frequency (mhz) cw performance, single side small signal gain & input return loss, v dd = 28 v, i dq = 360 ma irl gain c241702fc-gr7 see next page for load pull performance typical performance (cont.)
pxac241702fc data sheet 6 of 10 rev. 02.1, 2016-06-22 load pull performance z source z loa d s g1 g2 d1 d2 reference circuit, 2300 mhz to 2400 mhz dut pxac241702fc v1 reference circuit part no. lta/pxac241702fc v1 pcb rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper, r = 3.66 find gerber files for this reference circuit on the infineon web site at www.infineon.com/rfpower main side pulsed cw signal: 160 sec, 10% duty cycle; 28 v, 360 ma p 1db class ab max output power max efficiency freq [mhz] zin [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] 2300 7.02 C j16.25 18.46 48.25 48.26 66.99 3.70 C j5.99 21.09 60.29 46.10 40.78 7.31 C j2.51 2350 8.74 C j17.99 18.55 51.07 48.10 64.57 3.95 C j6.20 21.35 58.44 45.56 35.96 6.07 C j1.30 2400 12.84 C j19.05 18.51 49.06 47.87 61.24 4.07 C j6.49 21.28 58.55 45.90 38.91 5.53 C j1.93 peak side pulsed cw signal: 160 sec, 10% duty cycle; 28 v, 540 ma p 1db class ab max output power max efficiency freq [mhz] zin [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] 2300 6.20 C j13.36 17.67 52.03 50.03 100.69 2.61 C j6.18 19.73 59.11 48.52 71.07 4.52 C j4.62 2350 8.28 C j12.82 17.83 50.54 49.84 96.38 2.65 C j6.19 19.83 56.93 48.23 66.48 4.23 C j4.25 2400 10.47 C j14.25 17.66 49.75 49.77 94.84 2.52 C j6.34 20.75 56.70 47.17 52.14 4.10 C j2.69 peak side pulsed cw signal: 160 sec, 10% duty cycle; 28 v, v g = 1.5 v p 1db class c max output power max efficiency freq [mhz] zin [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] gain [db] pae [%] p out [dbm] p out [w] zo [ w ] 2300 6.20 C j13.36 14.18 58.22 50.38 109.14 2.47 C j5.92 15.13 64.64 48.83 76.42 4.33 C j4.75 2350 8.28 C j12.82 13.92 55.03 50.16 103.75 2.45 C j6.22 14.84 61.91 49.20 83.25 3.70 C j5.15 2400 10.47 C j14.25 14.08 53.80 50.08 101.86 2.31 C j6.36 15.19 60.42 47.54 56.77 4.17 C j3.00
data sheet 7 of 10 rev. 02.1, 2016-06-22 pxac241702fc reference circuit assembly diagram (not to scale) component information component description manufacturer p/n input c101, c104, c105, c106 capiacitor, 15 pf atc 600f150jt250 c102, c107 capiacitor, 10 f taiyo yuden umk325c7106mm-t c103 capiacitor, 0.3 pf atc 600f0r3bt250 r101, r102 chip resistor, 10 ohms panasonic electronic components erj-8geyj101v r103 chip resistor, 50 ohms anaren c16a50z4 u1 coupler anaren x3c25p1-02s output c201, c209, c211 capiacitor, 15 pf atc 600f150jt250 c202, c203, c204, c212, c213, c214 capiacitor, 10 f taiyo yuden umk325c7106mm-t c205, c215 capiacitor, 220 f, 50 v cornell dubilier electronics (cde) sk221m050st c206 capiacitor, 0.6 pf atc 600f0r6bt250 c207 capiacitor, 4.7 pf atc 600f4r7bt250 c208, c210 capiacitor, 1.2 pf atc 600f 1r2bt250 reference circuit (cont.) rf_in rf_out p x a c 2 4 1 7 0 2 f c _ c d _ 8 - 2 5 - 1 4 (61) pxac241702fc_out_01 ro4350, .020 pxac241702fc_in_01 ro4350, .020 v dd c202 c203 c204 c201 r101 c102 r103 c101 c205 c103 v dd c206 c209 c210 c211 c212 c213 c214 c208 c106 c105 c107 c215 r102 u1 c104 pxac241702fc c207
pxac241702fc data sheet 8 of 10 rev. 02.1, 2016-06-22 pinout diagram (top view) lead connections for pxac241702fc see next page for package mechanical specifications h - 37248 - 4 __do _pd _10 - 10 - 2012 s d1 d2 g1 g2 main peak main peak pin description d1 drain device 1 (main) d2 drain device 2 (peak) g1 gate device 1 (main) g2 gate device 2 (peak) s source (flange)
data sheet 9 of 10 rev. 02.1, 2016-06-22 pxac241702fc package outline specifications package h-37248-4 diagram notesunless otherwise specifed: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005] unless specifed otherwise. 4. pins: d1, d2 C drains; g1, g2 C gates; s C source. 5. lead thickness: 0.10 + 0.076/C0.025 mm [0.004+0.003/C0.001 inch]. 6. gold plating thickness: 1.14 0.38 micron [45 15 microinch]. c l l c c l 2x 12 . 70 [. 500 ] 19. 810 . 20 [. 780 0 . 008 ] 4x 3.81 [. 150 ] lid 9. 40 [. 370 ] flange 9. 78 [. 385 ] 2 x 4.830 . 51 [. 190 0 . 020 ] 3. 76 0.25 [. 148 0.010 ] sph 1. 57 [. 062 ] 4x r0. 76 +0 . 13 - 0. 38 [ r . 030 +0.005 - 0 . 015 ] d1 d 2 g 1 g2 1. 02 [. 040 ] 20 . 57 [. 810 ] s 2x 45 x 2.72 [45 x . 107 ] (8.89 [. 350 ]) ( 5. 08 [. 200 ]) 19. 430.51 [. 765 0.020 ] h - 37248 - 4 _po _02 _01 - 09 - 2013 0 . 0381 [. 0015] - a - diagram notesunless otherwise specified: 1. interpret dimensions and tolerances per asme y14.5m-1994. 2. primary dimensions are mm. alternate dimensions are inches. 3. all tolerances 0.127 [.005]. 4. pins: d1, d2 C drain, g1, g2 C gate, s (flange) C source. 5. lead thickness: 0.10 +0.076/C0.025 [.004 +.003/C.001]. 6. gold plating thickness: 1.14 0.38 micron [45 15 microinch]. find the latest and most complete information tabout products and packaging at the infineon internet page www.infineon.com/rfpower


▲Up To Search▲   

 
Price & Availability of PXAC241702FCV1R250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X