Part Number Hot Search : 
C2XXNX 3NK60Z MJ11012 P6KE160 NTE8035 2N2222A SYSTEMS 72043
Product Description
Full Text Search
 

To Download NLVHC4066ADTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 march, 2014 ? rev. 12 1 publication order number: mc74hc4066a/d mc74hc4066a quad analog switch/ multiplexer/demultiplexer high ? performance silicon ? gate cmos the mc74hc4066a utilizes silicon ? gate cmos technology to achieve fast propagation delays, low on resistances, and low off ? channel leakage current. this bilateral switch/ multiplexer/demultiplexer controls analog and digital voltages that may vary across the full power ? supply range (from v cc to gnd). the hc4066a is identical in pinout to the metal ? gate cmos mc14016 and mc14066. each device has four independent switches. the device has been designed so the on resistances (r on ) are more linear over input voltage than r on of metal ? gate cmos analog switches. the on/off control inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. for analog switches with voltage ? level translators, see the hc4316a. features ? fast switching and propagation speeds ? high on/off output voltage ratio ? low crosstalk between switches ? diode protection on all inputs/outputs ? wide power ? supply voltage range (v cc ? gnd) = 2.0 to 12.0 v ? analog input voltage range (v cc ? gnd) = 2.0 to 12.0 v ? improved linearity and lower on resistance over input voltage than the mc14016 or mc14066 ? low noise ? chip complexity: 44 fets or 11 equivalent gates ? these devices are pb ? free, halogen free and are rohs compliant ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information marking diagrams a = assembly location wl, l = wafer lot y = year ww, w = work week g or  = pb ? free package tssop ? 14 dt suffix case 948g 14 1 soic ? 14 d suffix case 751a 14 1 hc4066ag awlyww 1 14 hc 4066a alyw   1 14 (note: microdot may be in either location)
mc74hc4066a http://onsemi.com 2 logic diagram x a y a 1 2 a on/off control 13 x b y b 4 3 b on/off control 5 x c y c 8 9 c on/off control 6 x d y d 11 10 d on/off control 12 analog outputs/inputs analog inputs/outputs = x a , x b , x c , x d pin 14 = v cc pin 7 = gnd function table on/off control state of input analog switch loff hon pin assignment 11 12 13 14 8 9 10 5 4 3 2 1 7 6 y d x d v cc x c y c x b y b y a x a gnd d on/off control a on/off control c on/off control b on/off control ordering information device package shipping ? mc74hc4066adg soic ? 14 (pb ? free) 55 units / rail mc74hc4066adr2g soic ? 14 (pb ? free) 2500 / tape & reel nlv74hc4066adr2g* mc74hc4066adtr2g tssop ? 14 (pb ? free) 2500 / tape & reel NLVHC4066ADTR2G* ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc74hc4066a http://onsemi.com 3 ???????????????????????? ???????????????????????? ???? ???? ?????????????? ?????????????? ?????? ?????? ??? ??? ???? ???? v cc ?????????????? ?????????????? ?????? ?????? ??? ??? ???? ???? ?????????????? ?????????????? ?????? ?????? ??? ??? ???? ???? ?????????????? ?????????????? ?????? ?????? ??? ??? ???? ???? ?????????????? ?????????????? ?????? ?????? 25 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ?????? ?????? ?????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ?????? ?????? ??? ??? c ???? ???? ?????????????? ?????????????? ?????? ?????? ??? ??? c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. ?derating ? soic package: ? 7 mw/ c from 65 to 125 c tssop package: ? 6.1 mw/ c from 65 to 125 c recommended operating conditions ???? ???? ????????????????? ????????????????? ??????? ??????? ?????? ?????? ??? ??? ???? ???? v cc ????????????????? ????????????????? ??????? ??????? ?????? ?????? ??? ??? ???? ???? ????????????????? ????????????????? ??????? ??????? ?????? ?????? ??? ??? ???? ???? ????????????????? ????????????????? ??????? ??????? ?????? ?????? ??? ??? ???? ???? ????????????????? ????????????????? ??????? ??????? ? ?????? ?????? 1.2 ??? ??? ???? ???? ????????????????? ????????????????? ??????? ??????? ?????? ?????? ??? ??? c ???? ???? ???? ???? ???? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ??????? ??????? ??????? ??????? ??????? ?????? ?????? ?????? ?????? ?????? ??? ??? ??? ??? ??? dc electrical characteristic digital section (voltages referenced to gnd) ???? ???? ???? ???? symbol ?????????? ?????????? ?????????? ?????????? ???????? ???????? ???????? ???????? ???? ???? ???? ???? ????????? ????????? ??? ??? ??? ??? ???? ???? ???? c ??? ??? ???  85 c ???? ???? ????  125 c ???? ???? ???? ???? v ih ?????????? ?????????? ?????????? ?????????? ? level voltage on/off control inputs ???????? ???????? ???????? ???????? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ?????????? ? level voltage on/off control inputs ???????? ???????? ???????? ???????? ???????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ?????????? ?????????? ?????????? ???????? ???????? ???????? ???? ???? ???? ???? ???? ???? 0.1 ??? ??? ??? 1.0 ???? ???? ???? 1.0 ??? ??? ??? a ???? ???? ?????????? ?????????? ???????? ???????? ???? ???? ???? ???? ??? ??? ???? ???? ??? ??? a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open. i/o pins must be connected to a properly terminated line or bus.
mc74hc4066a http://onsemi.com 4 dc electrical characteristics analog section (voltages referenced to gnd) ???? ???? ???? symbol ?????????? ?????????? ?????????? ???????? ???????? ???????? ???? ???? ???? ????????? ????????? ??? ??? ??? ???? ???? c ??? ???  85 c ???? ????  125 c ???? ???? ???? ???? ???? ???? ???? ???? ???? r on ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???????? ???????? ???????? ???????? ????????  2.0 ma (figures 1, 2) ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? 120 70 70 ??? ??? ??? ??? ??? ? ? 160 85 85 ???? ???? ???? ???? ???? ? ? 200 100 100 ??? ??? ??? ??? ??? ??? ??? ??? ??? ???????? ???????? ???????? ???????? ???????? v in = v ih v is = v cc or gnd (endpoints) i s  2.0 ma (figures 1, 2) ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? 70 50 50 ??? ??? ??? ??? ??? ? ? 85 60 60 ???? ???? ???? ???? ???? ? ? 120 80 80 ???? ???? ???? r on ?????????? ?????????? ?????????? ???????? ???????? ???????? ? gnd) i s  2.0 ma ???? ???? ???? ???? ???? ???? ? 20 15 15 ??? ??? ??? ? 25 20 20 ???? ???? ???? ? 30 25 25 ??? ??? ??? ???? ???? ???? ???? i off ?????????? ?????????? ?????????? ?????????? ? channel leakage current, any one channel ???????? ???????? ???????? ???????? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? a ???? ???? ???? ?????????? ?????????? ?????????? ? channel leakage current, any one channel ???????? ???????? ???????? ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? ??? ??? ??? a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. ?at supply voltage (v cc ) approaching 3 v the analog switch ? on resistance becomes extremely non ? linear. therefore, for low ? voltage operation, it is recommended that these devices only be used to control digital signals. ac electrical characteristics (c l = 50 pf, on/off control inputs: t r = t f = 6 ns) ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ???? ???? ???? ????????? ????????? ??? ??? ??? ???? ???? c ??? ???  85 c ???? ????  125 c ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ????????????????? ????????????????? ????????????????? ????????????????? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ????????????????? ????????????????? ???? ???? ? ???? ???? 10 ??? ??? ???? ???? ??? ??? ??? ??? ????????????????? ????????????????? ????????????????? ???? ???? ???? ? ? ???? ???? ???? 35 1.0 ??? ??? ??? ???? ???? ???? typical @ 25 c, v cc = 5.0 v pf 15 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc .
mc74hc4066a http://onsemi.com 5 additional application characteristics (voltages referenced to gnd unless noted) ???? ???? ???? symbol ?????????? ?????????? ?????????? ?????????????? ?????????????? ?????????????? ??? ??? ??? ???? ???? ???? c 54/74hc ??? ??? ??? ???? ???? ???? ???? bw ?????????? ?????????? ?????????? ?????????? ? channel bandwidth or minimum frequency response (figure 5) ?????????????? ?????????????? ?????????????? ?????????????? , c l = 10 pf ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? off ? channel feedthrough isolation (figure 6) ?????????????? ?????????????? ??????????????  sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600 , c l = 50 pf ??? ??? ??? ???? ???? ???? ? 50 ? 50 ? 50 ??? ??? ??? ??? ??? ??? ?????????????? ?????????????? ?????????????? ?????????????? , c l = 10 pf ??? ??? ??? ??? ???? ???? ???? ???? ? 40 ? 40 ? 40 ???? ???? ???? ???? ???? ? ?????????? ?????????? ?????????? ?????????? ?????????? feedthrough noise, control to switch (figure 7) ?????????????? ?????????????? ??????????????  1 mhz square wave (t r = t f = 6 ns) adjust r l at setup so that i s = 0 a r l = 600 , c l = 50 pf ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ?????????????? ?????????????? ?????????????? , c l = 10 pf ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? crosstalk between any two switches (figure 12) ?????????????? ?????????????? ?????????????? ??????????????  sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600 , c l = 50 pf ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ?????????????? ?????????????? ?????????????? , c l = 10 pf ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? , c l = 50 pf thd = thd measured ? thd source v is = 4.0 v pp sine wave v is = 8.0 v pp sine wave v is = 11.0 v pp sine wave ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???
mc74hc4066a http://onsemi.com 6 0 50 100 150 200 250 300 350 400 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 +25 c +125 c ? 55 c figure 1a. typical on resistance, v cc = 2.0 v figure 1b. typical on resistance, v cc = 3.0 v figure 1c. typical on resistance, v cc = 4.5 v v is , input voltage (volts), referenced to ground ron @ 2 v v is , input voltage (volts), referenced to ground ron @ 3 v 0 20 40 60 80 100 120 140 160 180 200 0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 v is , input voltage (volts), referenced to ground ron @ 4.5 v 0 20 40 60 80 100 120 140 160 180 200 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 +25 c +125 c ? 55 c +25 c +125 c ? 55 c
mc74hc4066a http://onsemi.com 7 0 10 20 30 40 50 60 70 80 90 0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 +25 c +125 c ? 55 c v is , input voltage (volts), referenced to ground ron @ 6 v v is , input voltage (volts), referenced to ground ron @ 9v 0 10 20 30 40 50 60 0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 10.00 11.00 12.00 v is , input voltage (volts), referenced to ground ron @ 12 v 0 10 20 30 40 50 60 70 80 90 0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 +25 c +125 c ? 55 c figure 1d. typical on resistance, v cc = 6.0 v figure 1e. typical on resistance, v cc = 9.0 v figure 1f. typical on resistance, v cc = 12.0 v +25 c +125 c ? 55 c
mc74hc4066a http://onsemi.com 8 figure 2. on resistance test set ? up plotter mini computer programmable power supply dc analyzer v cc + - analog in common out gnd device under test figure 3. maximum off channel leakage current, any one channel, test set ? up off 7 14 v cc a v cc gnd v cc selected control input v il figure 4. maximum on channel leakage current, test set ? up on 14 v cc n/c a gnd v cc 7 selected control input v ih
mc74hc4066a http://onsemi.com 9 figure 5. maximum on ? channel bandwidth test set ? up on 14 v cc 0.1 f c l * f in db meter *includes all probe and jig capacitance. v os 7 selected control input v cc figure 6. off ? channel feedthrough isolation, test set ? up off 7 14 v cc 0.1 f c l * f in db meter *includes all probe and jig capacitance. v os r l v is selected control input figure 7. feedthrough noise, on/off control to analog out, test set ? up 14 v cc c l * *includes all probe and jig capacitance. off/on v cc gnd v in 1 mhz t r = t f = 6 ns control v cc/2 r l i s r l v os 7 selected control input v cc/2 v cc gnd analog in analog out 50% t plh t phl 50% figure 8. propagation delays, analog in to analog out
mc74hc4066a http://onsemi.com 10 positionwhen testing t plz and t pzl figure 9. propagation delay test set ? up on 14 v cc *includes all probe and jig capacitance. test point analog out analog in c l * 7 selected control input v cc t r t f v cc gnd high impedance v ol v oh high impedance control analog out 90% 50% 10% 50% 50% 10% 90% t pzh t phz t pzl t plz figure 10. propagation delay, on/off control to analog out on/off v cc test point 14 v cc 1 k positionwhen testing t phz and t pzh c l * 1 2 1 2 figure 11. propagation delay test set ? up 1 2 7 selected control input figure 12. crosstalk between any two switches, test set ? up r l on 14 v cc or gnd c l * *includes all probe and jig capacitance. off r l r l v is r l c l * v os f in 0.1 f v cc/2 v cc/2 7 selected control input v cc/2 figure 13. power dissipation capacitance test set ? up 14 v cc n/c off/on a n/c 7 selected control input on/off control on v cc 0.1 f c l * f in r l to distortion meter *includes all probe and jig capacitance. v os v is 7 selected control input v cc figure 14. total harmonic distortion, test set ? up *includes all probe and jig capacitance. v cc v cc/2
mc74hc4066a http://onsemi.com 11 0 -10 -20 -30 -40 -50 1.0 2.0 frequency (khz) dbm -60 -70 -80 -90 fundamental frequency device source figure 15. plot, harmonic distortion 3.0 application information the on/off control pins should be at v cc or gnd logic levels, v cc being recognized as logic high and gnd being recognized as a logic low. unused analog inputs/outputs may be left floating (not connected). however, it is advisable to tie unused analog inputs and outputs to v cc or gnd through a low value resistor. this minimizes crosstalk and feedthrough noise that may be picked ? up by the unused i/o pins. the maximum analog voltage swings are determined by the supply voltages v cc and gnd. the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below gnd. in the example below, the dif ference between v cc and gnd is twelve volts. therefore, using the configuration in figure 16, a maximum analog signal of twelve volts peak ? to ? peak can be controlled. when voltage transients above v cc and/or below gnd are anticipated on the analog channels, external diodes (dx) are recommended as shown in figure 17. these diodes should be small signal, fast turn ? on types able to absorb the maximum anticipated current surges during clipping. an alternate method would be to replace the dx diodes with mosorbs (mosorb ? is an acronym for high current surge protectors). mosorbs are fast turn ? on devices ideally suited for precise dc protection with no inherent wear out mechanism. analog o/i on 14 v cc = 12 v analog i/o + 12 v 0 v + 12 v 0 v other control inputs (v cc or gnd) on 16 v cc d x d x v cc d x figure 16. 12 v application figure 17. transient suppressor application 7 selected control input d x other control inputs (v cc or gnd) 7 selected control input v cc
mc74hc4066a http://onsemi.com 12 +5 v 14 hc4066a control inputs 7 5 6 14 15 lsttl/ nmos analog signals r* r* r* r* analog signals hct buffer r* = 2 to 10 k v dd = 5 v v cc = 5 to 12 v analog signals analog signals 116 14 control inputs 7 8 mc14504 13 3 5 7 9 11 14 2 4 6 10 5 6 14 15 channel 4 channel 3 channel 2 channel 1 1 of 4 switches common i/o 1234 control inputs input output 0.01 f lf356 or equivalent a. using pull-up resistors b. using hct buffer figure 18. lsttl/nmos to hcmos interface figure 19. ttl/nmos ? to ? cmos level converter analog signal peak ? to ? peak greater than 5 v (also see hc4316a) figure 20. 4 ? input multiplexer figure 21. sample/hold amplifier + - 1 of 4 switches +5 v 14 control inputs 7 5 6 14 15 lsttl/ nmos analog signals analog signals 1 of 4 switches 1 of 4 switches 1 of 4 switches hc4066a hc4066a
mc74hc4066a http://onsemi.com 13 package dimensions soic ? 14 nb case 751a ? 03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc4066a http://onsemi.com 14 package dimensions tssop ? 14 dt suffix case 948g issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ? u ? seating plane 0.10 (0.004) ? t ? ??? ??? section n ? n detail e j j1 k k1 ? w ? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ? v ? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc74hc4066a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NLVHC4066ADTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X