Part Number Hot Search : 
NJM2120D TDA7318D 4007G UTC8207 ZREF50Z P15N06 SA101 XSS0013
Product Description
Full Text Search
 

To Download NLV14014BDR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 july, 2014 ? rev. 9 1 publication order number: mc14014b/d mc14014b, mc14021b 8-bit static shift register the mc14014b and mc14021b 8?bit static shift registers are constructed with mos p?channel and n?channel enhancement mode devices in a single monolithic structure. these shift registers find primary use in parallel?to?serial data conversion, synchronous and asynchronous parallel input, serial output data queueing; and other general purpose register applications requiring low power and/or high noise immunity. features ? synchronous parallel input/serial output (mc14014b) ? asynchronous parallel input/serial output (mc14021b) ? synchronous serial input/serial output ? full static operation ? ?q? outputs from sixth, seventh, and eighth stages ? double diode input protection ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two low?power ttl loads or one low?power schottky ttl load over the rated temperature range ? mc14014b pin?for?pin replacement for cd4014b ? mc14021b pin?for?pin replacement for cd4021b ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? this device is pb?free and is rohs compliant maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ?0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) ?0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ?55 to +125 c t stg storage temperature range ?65 to +150 c t l lead temperature (8?second soldering) 260 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. temperature derating: ?d/dw? package: ?7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high?impedance circuit. for proper operation, v in and v out should be constrained to the range v ss (v in or v out ) v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com marking diagram soic?16 d suffix case 751b 140xxbg awlyww xx = specific device code a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g = pb?free indicator see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information 1 16 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q7 p5 p6 p7 v dd p/s c d s p4 q8 q6 p8 v ss p 1 p2 p3
mc14014b, mc14021b http://onsemi.com 2 truth table q6 q7 q8 tclockd s p/s t=n+6 t=n+7 t=n+8 n000?? n+1 1 0 1 0 ? n+2 0 0 0 1 0 n+3 1 0 1 0 1 x 0 q6 q7 q8 serial operation: clock mc14014b mc14021b d s p/s p n *q n xx100 xx111 *q6, q7, & q8 are available externally parallel operation: x = don?t care logic diagram clock d s p/s p1 p2 p3 p6 p7 p8 765 14151 10 11 9 d c qd c qd c qd c qd c qd c q q q 2123 q8 q7 q6 v dd = pin 16 v ss = pin 8 p4 = pin 4 p5 = pin 13
mc14014b, mc14021b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) characteristic symbo l v dd vdc ?55  c 25  c 125  c unit min max min typ (note 2) max min max output voltage ?0? leve l v in = v dd or 0 v in = 0 or v dd ?1? leve l v ol 5.0 10 15 ? ? ? 0.05 0.05 0.05 ? ? ? 0 0 0 0.05 0.05 0.05 ? ? ? 0.05 0.05 0.05 vdc v oh 5.0 10 15 4.95 9.95 14.95 ? ? ? 4.95 9.95 14.95 5.0 10 15 ? ? ? 4.95 9.95 14.95 ? ? ? vdc input voltage ?0? leve l (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) (v o = 0.5 or 4.5 vdc) ?1? leve l (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v il 5.0 10 15 ? ? ? 1.5 3.0 4.0 ? ? ? 2.25 4.50 6.75 1.5 3.0 4.0 ? ? ? 1.5 3.0 4.0 vdc v ih 5.0 10 15 3.5 7.0 11 ? ? ? 3.5 7.0 11 2.75 5.50 8.25 ? ? ? 3.5 7.0 11 ? ? ? vdc output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) (v ol = 0.4 vdc) sin k (v ol = 0.5 vdc) (v ol = 1.5 vdc) i oh 5.0 5.0 10 15 ?3.0 ?0.64 ?1.6 ?4.2 ? ? ? ? ?2.4 ?0.51 ?1.3 ?3.4 ?4.2 ?0.88 ?2.25 ?8.8 ? ? ? ? ?1.7 ?0.36 ?0.9 ?2.4 ? ? ? ? madc i ol 5.0 10 15 0.64 1.6 4.2 ? ? ? 0.51 1.3 3.4 0.88 2.25 8.8 ? ? ? 0.36 0.9 2.4 ? ? ? madc input current i in 15 ? 0.1 ? 0.00001 0.1 ? 1.0  adc input capacitance (v in = 0) c in ? ? ? ? 5.0 7.5 ? ? pf quiescent current (per package) i dd 5.0 10 15 ? ? ? 5.0 10 15 ? ? ? 0.005 0.010 0.015 5.0 10 15 ? ? ? 150 300 600  adc total supply current (notes 3 & 4) (dynamic plus quiescent, per package) (c l = 50 pf on all outputs, all buffers switching) i t 5.0 10 15 i t = (0.75  a/khz) f + i dd i t = (1.50  a/khz) f + i dd i t = (2.25  a/khz) f + i dd  adc product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l ? 50) vfk where: i t is in  a (per package), c l in pf, v = (v dd ? v ss ) in volts, f in khz is input frequency, and k = 0.0015.
mc14014b, mc14021b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (note 5) (c l = 50 pf, t a = 25  c) characteristic symbol v dd vdc min typ (note 6) max unit output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns t tlh , t thl 5.0 10 15 ? ? ? 100 50 40 200 100 80 ns propagation delay time (clock to q, p/s to q) t phl , t plh = (1.7 ns/pf) c l + 315 ns t phl , t plh = (0.66 ns/pf) c l + 137 ns t phl , t plh = (0.5 ns/pf) c l + 90 ns t plh , t phl 5.0 10 15 ? ? ? 400 170 115 800 340 230 ns clock pulse width t wh 5.0 10 15 400 175 135 150 75 40 ? ? ? ns clock frequency f cl 5.0 10 15 ? ? ? 3.0 6.0 8.0 1.5 3.0 4.0 mhz parallel/serial control pulse width t wh 5.0 10 15 400 175 135 150 75 40 ? ? ? ns setup time p/s to clock t su 5.0 10 15 200 100 80 100 50 40 ? ? ? ns hold time clock to p/s t h 5.0 10 15 20 20 25 ? 2.5 ? 10 0 ? ? ? ns setup time data (parallel or serial) to clock or p/s t su 5.0 10 15 350 80 60 150 50 30 ? ? ? ns hold time clock to d s t h 5.0 10 15 45 35 35 0 0 5 ? ? ? ns hold time clock to p n t h 5.0 10 15 50 45 45 25 20 20 ? ? ? ns input clock rise time t r(cl) 5.0 10 15 ? ? ? ? ? ? 15 5 4  s 5. the formulas given are for the typical characteristics only at 25  c. 6. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance.
mc14014b, mc14021b http://onsemi.com 5 figure 1. output source current test circuit figure 2. output sink current test circuit pulse generator pulse generator v dd v out i oh external power supply external power supply p/s c p6 p7 p8 d s q8 q7 q6 preset output under test to a logic ?1? level. v dd v out p/s c p6 p7 p8 d s q8 q7 q6 i ol figure 3. power dissipation test circuit and waveform pulse generator 1 v dd p/s c p6 p7 p8 d s q8 q7 q6 pulse generator 2 500  f i d 0.01  f ceramic c l c l c l v ss p5 p4 p3 p2 p1 clock data 50% 1 f
mc14014b, mc14021b http://onsemi.com 6 figure 4. switching time test circuit and waveforms pulse generator 1 pulse generator 2 v dd 1 2 2 2 11 v dd v ss sw 1 sw 2 c l q8 q7 q6 p/s c p6 p7 p8 d s p5 p4 p3 p2 p1 v dd v ss v dd v ss v oh v ol 20 ns 20 ns parallel or serial data input clock or p/s input q output 90% 50% 10% t su t wh t thl 90% 50% 10% t wh t wl t plh t phl 90% 50% 10% t tlh t thl t wl = t wh = 50% duty cycle switch position 1 = parallel in switch position 2 = serial in ordering information device package shipping ? mc14014bdg soic?16 (pb?free) 48 units / rail mc14014bdr2g soic?16 (pb?free) 2500 units / tape & reel NLV14014BDR2G* soic?16 (pb?free) 2500 units / tape & reel mc14021bdg soic?16 (pb?free) 48 units / rail mc14021bdr2g soic?16 (pb?free) 2500 units / tape & reel nlv14021bdr2g* soic?16 (pb?free) 2500 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable.
mc14014b, mc14021b http://onsemi.com 7 package dimensions soic?16 d suffix plastic soic package case 751b?05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ?b? ?a? m 0.25 (0.010) b s ?t? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemni fy and hold scillc and its officers, em ployees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc14014b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NLV14014BDR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X