Part Number Hot Search : 
ZSR485 TPD2004F NTE584 MZ12GW BZV48C FSUSB23 TS932BI HW300A
Product Description
Full Text Search
 

To Download N4821M24LC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100gb/120gb to 10gb breakout cassette - 24-fiber mtp/mpo to (x12) lc model number: n482-1m24-lc12 description tripp lite's n482-1m24-lc12 is a high density 100/120gb to 10gb breakout cassette, with (x12) lc connections to a 24-fiber mtp/mpo connection. for use with tripp lite's n482-01u and n482-02u high density fiber enclosure panels; up to 5 cassettes per n482-01u, or up to 14 cassettes per n482-02u. installation is simple, with the cassette being easily installed or removed using push / pull tabs to lock or unlock it from the panel; no tools required. furthermore, each cassette features factory terminated connectors that reduce the time and labor required of field connector terminations. complies with ieee 802.3ae (10gbe) and ansi t11.2 (fibre channel) requirements, with a maximum insertion loss of 0.35db falling well under the ieee 802.3ae maximum channel loss spec of <25db. constructed of heavy-duty steel housing. features high density fiber cassette for use with tripp lite n482-01u and n482-02u high density fiber enclosure panels 100/120gb to 10gb breakout cassette, with (x12) lc connections to a 24-fiber mtp/mpo connection installation is simple, with the cassette being easily installed or removed using push / pull tabs to lock or unlock it from the panel; no tools required factory terminated connectors reduce the time and labor required of field connector terminations complies with ieee 802.3ae (10gbe) and ansi t11.2 (fibre channel) requirements max insertion loss of 0.35db falls well under the ieee 802.3ae maximum channel loss spec of <25db constructed of heavy-duty steel housing specifications overview cable type fiber highlights high density fiber cassette for use with tripp lite n482-01u and n482-02u high density fiber enclosure panels 100/120gb to 10gb breakout cassette, with (x12) lc connections to a 24-fiber mtp/mpo connection factory terminated connectors reduce the time and labor required of field connector terminations complies with ieee 802.3ae (10gbe) and ansi t11.2 (fibre channel) requirements max insertion loss of 0.35db falls well under the ieee 802.3ae maximum channel loss spec of <25db applications high density network applications as specified in the data center cabling standard tia 942 for cross connects in main distribution, horizontal distribution, and equipment distribution areas package includes n482-1m24-lc12 100/120gb to 10gb breakout cassette - 24-fiber mtp/mpo to (x12) lc quick start guide 1 / 2
physical unit dimensions (hwd / in.) 1.2 x 3.5 x 4.7 unit dimensions (hwd / cm) 3.05 x 8.89 x 11.94 unit weight (lbs.) 0.53 unit weight (kg) 0.24 color black connections connector a hardwire connector b hardwire ports 24 side a - connector 1 24-fiber, mtp/mpo (female) side b - connector 1 lc (female) (x12) warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of N4821M24LC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X