inductors (coils) 1 of 3 creation date : january 19, 2017 (gmt) MLZ2012A1R0WTD25 applications automotive grade feature aec-q200 aec-q200 multilayer multilayer shield magnetic shield ferrite core ferrite core series mlz status production size length(l) 2.00mm 0.20mm width(w) 1.25mm 0.20mm thickness(t) 0.85mm 0.20mm recommended land pattern (a) 0.80mm nom. recommended land pattern (b) 1.00mm nom. recommended land pattern (c) 1.20mm nom. electrical characteristics inductance 1h 20% at 10mhz rated current (l change) [typ.] rated current (l change) [max.] 280ma (50% down) rated current (temperature rise) [typ.] 900ma (20c rise) rated current (temperature rise) [max.] 280ma (20c rise) dc resistance [typ.] 100m dc resistance [max.] 130m self resonant frequency [min.] self resonant frequency [typ.] q [min.] q [typ.] other operating temp. range (including self-temp. rise) -55 to 125c soldering method flow re?ow iron soldering aec-q200 yes packing punched (paper)taping [180mm reel] package quantity 4000pcs weight 0.01g ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 2 of 3 creation date : january 19, 2017 (gmt) MLZ2012A1R0WTD25 characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance MLZ2012A1R0WTD25 rac MLZ2012A1R0WTD25 inductance MLZ2012A1R0WTD25 q MLZ2012A1R0WTD25 temperature characteristic MLZ2012A1R0WTD25(no bias) temperature rise by dc MLZ2012A1R0WTD25 (amb. temp. = 20 c) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 3 of 3 creation date : january 19, 2017 (gmt) MLZ2012A1R0WTD25 associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|