Part Number Hot Search : 
STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42 MAX1418
Product Description
Full Text Search
 

To Download MC74AC273DWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 december, 2016 ? rev. 8 1 publication order number: mc74ac273/d mc74ac273, mc74act273 octal d flip-flop the mc74ac273/74act273 has eight edge-triggered d?type flip?flops with individual d inputs and q outputs. the common buffered clock (cp) and master reset (mr ) inputs load and reset (clear) all flip?flops simultaneously. the register is fully edge-triggered. the state of each d input, one setup time before the low?to?high clock transition, is transferred to the corresponding flip?flop?s q output. all outputs will be forced low independently of clock or data inputs by a low voltage level on the mr input. the device is useful for applications where the true output only is required and the clock and master reset are common to all storage elements. features ? ideal buffer for mos microprocessor or memory ? eight edge-triggered d flip?flops ? buffered common clock ? buffered, asynchronous master reset ? see mc74ac377 for clock enable version ? see mc74ac373 for transparent latch version ? see mc74ac374 for 3-state version ? outputs source/sink 24 ma ? act273 has ttl compatible inputs ? these are pb?free devices pinout: 20?lead packages conductors 19 20 18 17 16 15 14 2 1 34567 v cc 13 8 12 9 11 10 q 7 d 7 d 6 q 6 q 5 d 5 d 4 q 4 cp mr q 0 d 0 d 1 q 1 q 2 d 2 d 3 q 3 gnd (top view) mode select-function table operating mode inputs outputs mr cp d n q n reset (clear) l x x l load 1 h h h load 0 h l l h = high voltage level l = low voltage level x = immaterial = low-to-high clock transition www. onsemi.com see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information tssop?20 suffix dt case 948e soic?20wb suffix dw case 751d 1 1 see general marking information in the device marking section on page 6 of this data sheet. device marking information 20 20 pin assignment pin d 0 ?d 7 function data inputs mr master reset cp clock pulse input q 0 ?q 7 data outputs q 0 q 1 q 2 q 3 q 4 q 5 q 6 q 7 d 0 d 1 d 2 d 3 d 4 d 5 d 6 d 7 cp mr logic symbol
mc74ac273, mc74act273 www. onsemi.com 2 figure 1. logic diagram d 0 d 1 d 2 d 3 d 4 d 5 d 6 d 7 o 0 o 1 o 2 o 3 o 4 o 5 o 6 o 7 dq cp r d dq cp r d dq cp r d dq cp r d dq cp r d dq cp r d dq cp r d dq cp r d cp mr note: that this diagram is provided only for the u nderstanding of logic operations and should not be used to estimate propagation delays.
mc74ac273, mc74act273 www. onsemi.com 3 maximum ratings symbol parameter value unit v cc dc supply voltage (referenced to gnd) ?0.5 to +7.0 v v in dc input voltage (referenced to gnd) ?0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) (note 1) ?0.5 to v cc +0.5 v i ik dc input diode current 20 ma i ok dc output diode current 50 ma i out dc output sink/source current 50 ma i cc dc supply current, per output pin 50 ma i gnd dc ground current, per output pin 100 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias 140  c  ja thermal resistance (note 2) soic tssop 65.8 110.7  c/w msl moisture sensitivity soic tssop level 3 level 1 f r flammability rating oxygen index: 30% ? 35% ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5) > 2000 > 200 > 1000 v i latchup latchup performance above v cc and below gnd at 85  c (note 6) 100 ma stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. i out absolute maximum rating must be observed. 2. the package thermal impedance is calculated in accordance with jesd 51?7. 3. tested to eia/jesd22?a114?a. 4. tested to eia/jesd22?a115?a. 5. tested to jesd22?c101?a. 6. tested to eia/jesd78. recommended operating conditions symbol parameter min typ max unit v cc supply voltage ac 2.0 5.0 6.0 v act 4.5 5.0 5.5 v in , v out dc input voltage, output voltage (ref. to gnd) 0 ? v cc v t r , t f input rise and fall time (note 7) ac devices except schmitt inputs v cc @ 3.0 v ? 150 ? v cc @ 4.5 v ? 40 ? ns/v v cc @ 5.5 v ? 25 ? t r , t f input rise and fall time (note 8) act devices except schmitt inputs v cc @ 4.5 v ? 10 ? ns/v v cc @ 5.5 v ? 8.0 ? t a operating ambient temperature range ?40 25 85 c i oh output current ? high ? ? ?24 ma i ol output current ? low ? ? 24 ma functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. 7. v in from 30% to 70% v cc ; see individual data sheets for devices that differ from the typical input rise and fall times. 8. v in from 0.8 v to 2.0 v; see individual data sheets for devices that differ from the typical input rise and fall times.
mc74ac273, mc74act273 www. onsemi.com 4 dc characteristics symbol parameter v cc (v) 74ac 74ac unit conditions t a = +25 c t a = ?40 c to +85 c typ guaranteed limits v ih minimum high level input voltage 3.0 4.5 5.5 1.5 2.25 2.75 2.1 3.15 3.85 2.1 3.15 3.85 v v out = 0.1 v or v cc ? 0.1 v v il maximum low level input voltage 3.0 4.5 5.5 1.5 2.25 2.75 0.9 1.35 1.65 0.9 1.35 1.65 v v out = 0.1 v or v cc ? 0.1 v v oh minimum high level output voltage 3.0 4.5 5.5 2.99 4.49 5.49 2.9 4.4 5.4 2.9 4.4 5.4 v i out = ?50  a 3.0 4.5 5.5 ? ? ? 2.56 3.86 4.86 2.46 3.76 4.76 v *v in = v il or v ih ?12 ma i oh ?24 ma ?24 ma v ol maximum low level output voltage 3.0 4.5 5.5 0.002 0.001 0.001 0.1 0.1 0.1 0.1 0.1 0.1 v i out = 50  a 3.0 4.5 5.5 ? ? ? 0.36 0.36 0.36 0.44 0.44 0.44 v *v in = v il or v ih 12 ma i ol 24 ma 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd i old i ohd ?minimum dynamic output current 5.5 5.5 ? ? ? ? 75 ?75 ma v old = 1.65 v max v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 8.0 80  a v in = v cc or gnd *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. note: note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc . ac characteristics (for figures and waveforms ? see section 3 of the on semiconductor fact data book, dl138/d) symbol parameter v cc * (v) 74ac 74ac unit figure no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf min typ max min max f max maximum clock frequency 3.3 5.0 90 140 125 175 ? ? 75 125 ? ? mhz 3?3 t plh propagation delay clock to output 3.3 5.0 4.0 3.0 7.0 5.5 12.5 9.0 3.0 2.5 14.0 10.0 ns 3?6 t phl propagation delay clock to output 3.3 5.0 4.0 3.0 7.0 5.0 13.0 10.0 3.5 2.5 14.5 11.0 ns 3?6 t phl propagation delay mr to output 3.3 5.0 4.0 3.0 7.0 5.0 13.0 10.0 3.5 2.5 14.0 10.5 ns 3?6 *voltage range 3.3 v is 3.3 v 0.3 v. voltage range 5.0 v is 5.0 v 0.5 v. ac operating requirements symbol parameter v cc * (v) 74ac 74ac unit figure no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf typ guaranteed minimum t s setup time, high or low data to cp 3.3 5.0 3.5 2.5 5.5 4.0 6.0 4.5 ns 3?9 t h hold time, high or low data to cp 3.3 5.0 ?2.0 ?1.0 0 1.0 0 1.0 ns 3?9 t w clock pulse width high or low 3.3 5.0 3.5 2.5 5.5 4.0 6.0 4.5 ns 3?6 t w mr pulse width high or low 3.3 5.0 2.0 1.5 5.5 4.0 6.0 4.5 ns 3?6 t rec recovery time mr to cp 3.3 5.0 1.5 1.0 3.5 2.0 4.5 3.0 ns 3?9 *voltage range 3.3 v is 3.3 v 0.3 v. voltage range 5.0 v is 5.0 v 0.5 v.
mc74ac273, mc74act273 www. onsemi.com 5 dc characteristics symbol parameter v cc (v) 74act 74act unit conditions t a = +25 c t a = ?40 c to +85 c typ guaranteed limits v ih minimum high level input voltage 4.5 1.5 2.0 2.0 v v out = 0.1 v 5.5 1.5 2.0 2.0 or v cc ? 0.1 v v il maximum low level input voltage 4.5 1.5 0.8 0.8 v v out = 0.1 v 5.5 1.5 0.8 0.8 or v cc ? 0.1 v v oh minimum high level output voltage 4.5 4.49 4.4 4.4 v i out = ?50  a 5.5 5.49 5.4 5.4 *v in = v il or v ih 4.5 ? 3.86 3.76 v i oh ?24 ma 5.5 ? 4.86 4.76 ?24 ma v ol maximum low level output voltage 4.5 0.001 0.1 0.1 v i out = 50  a 5.5 0.001 0.1 0.1 *v in = v il or v ih 4.5 ? 0.36 0.44 v i ol 24 ma 5.5 ? 0.36 0.44 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd  i cct additional max. i cc /input 5.5 0.6 ? 1.5 ma v i = v cc ? 2.1 v i old i ohd ?minimum dynamic output current 5.5 5.5 ? ? ? ? 75 ?75 ma v old = 1.65 v max v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 8.0 80  a v in = v cc or gnd *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. ac characteristics (for figures and waveforms ? see section 3 of the on semiconductor fact data book, dl138/d) symbol parameter v cc * (v) 74act 74act unit figure no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf min typ max min max f max maximum clock frequency 5.0 125 200 ? 125 ? mhz 3?3 t phl propagation delay clock to output 5.0 3.0 6.0 10 2.5 11.0 ns 3?6 t plh propagation delay clock to output 5.0 3.0 6.5 11 2.5 12.0 ns 3?6 t phl propagation delay mr to output 5.0 3.0 7.0 11 2.5 11.5 ns 3?6 *voltage range 5.0 v is 5.0 v 0.5 v. ac operating requirements symbol parameter v cc * (v) 74act 74act unit figure no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf typ guaranteed minimum t s setup time, high or low ? data to cp 5.0 3.0 4.5 5.0 ns 3?9 t h hold time, high or low ? data to cp 5.0 ?2.5 2.0 2.0 ns 3?9 t w clock pulse width ? high or low 5.0 2.5 4.0 4.5 ns 3?6 t w mr pulse width ? high or low 5.0 2.5 4.0 4.5 ns 3?6 t rec recovery time ? mr to cp 5.0 ?1.0 2.0 3.0 ns 3?6 *voltage range 5.0 v is 5.0 v 0.5 v. capacitance symbol parameter value typ unit test conditions c in input capacitance 4.5 pf v cc = 5.0 v c pd power dissipation capacitance 50 pf v cc = 5.0 v
mc74ac273, mc74act273 www. onsemi.com 6 ordering information device package shipping ? MC74AC273DWG soic?20wb (pb?free) 38 units / rail mc74ac273dwr2g soic?20wb (pb?free) 1000 / tape & reel mc74ac273dtr2g tssop?20 (pb?free) 2500 / tape & reel mc74act273dwg soic?20wb (pb?free) 38 units / rail mc74act273dwr2g soic?20wb (pb?free) 1000 / tape & reel mc74act273dtr2g tssop?20 (pb?free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. marking diagrams 20 1 tssop?20 soic?20wb ac 273 alyw   20 1 ac273 awlyywwg a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb?free package (note: microdot may be in either location) 20 1 act 273 alyw   20 1 act273 awlyywwg
mc74ac273, mc74act273 www. onsemi.com 7 package dimensions tssop?20 dt suffix case 948e?02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?. 110 11 20 pin 1 ident a b ?t? 0.100 (0.004) c d g h section n?n k k1 jj1 n n m f ?w? seating plane ?v? ?u? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc74ac273, mc74act273 www. onsemi.com 8 package dimensions soic?20w dw suffix case 751d?05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc74ac273/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative ?


▲Up To Search▲   

 
Price & Availability of MC74AC273DWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X